Part Number Hot Search : 
U30D10PT VSM54223 R6110820 3654A LA6554H FDC6305 CP361R MAX16833
Product Description
Full Text Search
 

To Download R1EX24002ASAS0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary datasheet R1EX24002ASAS0G r1ex24002atas0g two-wire serial interface 2k eeprom (256-word ? 8-bit) r10ds0078ej0100 rev.1.00 mar. 06, 2013 105c i 2 c-bus eeprom description r1ex24xxx series are two-wire serial interface eepro m (electrically erasable and programmable rom). r1ex24xxxg series improves the write/erase endurance in addition to suitable for the high temperature industrial application that makes the best use of the feat ure of advanced monos memory cell structure. features ? single supply: 1.8 v to 5.5 v ? two-wire serial interface (i 2 c serial bus) ? clock frequency: 400 khz ? power dissipation: ? standby: 2 ? a (max) ? active (read): 1 ma (max) ? active (write): 2.5 ma (max) ? automatic page write: 16-byte/page ? write cycle time: 5 ms ? endurance: 1,000k cycles @85 ? c / 200k cycles @105 ? c ? data retention: 20 years ? small size packages: sop-8pin, tssop-8pin ? shipping tape and reel ? tssop 8-pin: 3,000 ic/reel ? sop 8-pin: 2,500 ic/reel ? temperature range: ? 40 to +105 ? c ? lead free products. ? halogen free products. preliminary: the specifications of this device are subject to change without notice. please contact your nearest renesas electronics? sales dept. regarding specifications. r10ds0078ej0100 rev.1.00 page 1 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary ordering information orderable part numbers internal organization package shipping tape and reel R1EX24002ASAS0G#u0 2k bit (256 ? 8-bit) 150 mil 8-pin plastic sop prsp0008df-b (fp-8dbv) lead free, halogen free 2,500 ic/reel r1ex24002atas0g#u0 2k bit (256 ? 8-bit) 8-pin plastic tssop ptsp0008jc-b (ttp-8dav) lead free, halogen free 3,000 ic/reel pin arrangement /8-pin tssop 1 2 3 4 8 7 6 5 a0 a1 a2 v ss v cc wp scl sda (top view) 8-pin sop pin description pin name function a0 to a2 device address scl serial clock input sda serial data input/output wp write protect v cc power supply v ss ground block diagram co n t r o l logic high voltage generator address generator x decoder y decoder memory array y- sel ect & sen se am p . serial-parallel convert er v cc v ss wp a 0, a1, a2 scl sd a voltage detector r10ds0078ej0100 rev.1.00 page 2 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary r10ds0078ej0100 rev.1.00 page 3 of 16 mar. 06, 2013 absolute maximum ratings parameter symbol value unit supply voltage relative to v ss v cc ? 0.6 to +7.0 v input voltage relative to v ss vin ? 0.5 * 2 to +7.0 v operating temperature range * 1 topr ? 40 to +105 ?c storage temperature range tstg ? 55 to +125 ?c notes: 1. including electrical c haracteristics and data retention. 2. vin (min): ? 3.0 v for pulse width ? 50 ns. dc operating conditions parameter symbol min typ max unit v cc 1.8 ?? 5.5 v supply voltage v ss 0 0 0 v input high voltage v ih v cc ? 0.7 ? v cc ? 0.5 * 2 v input low voltage v il -0.3 * 1 ? v cc ? 0.3 v operating temperature topr ? 40 ? +105 ?c notes: 1. v il (min): ? 1.0 v for pulse width ? 50 ns. 2. v ih (max): v cc + 1.0 v for pulse width ? 50 ns. dc characteristics (ta = ? 40 to +105 ? c, v cc = 1.8 v to 5.5 v) parameter symbol min typ max unit test conditions input leakage current i li ? ? 2.0 ? a v cc = 5.5 v, vin = 0 to 5.5 v output leakage current i lo ? ? 2.0 ? a v cc = 5.5 v, vout = 0 to 5.5 v standby v cc current i sb ? ? 2.0 ? a v cc = 5.5 v, vin = v ss or v cc ?? 0.5 ? ? a? v cc = 3.3 v, vin = v ss or v cc , ta=25 ?c read v cc current i cc1 ? ? 1.0 ma v cc = 5.5 v, read at 400 khz ?? 0.2 ?? ma v cc = 3.3 v, read at 400 khz, ta=25 ?c write v cc current i cc2 ? ? 2.5 ma v cc = 5.5 v, write at 400 khz ?? 1.0 ?? ma v cc = 3.3 v, write at 400 khz, ta=25 ?c v ol2 ? ? 0.4 v v cc = 2.7 to 5.5 v, i ol = 3.0 ma output low voltage v ol1 ? ? 0.2 v v cc = 1.8 to 2.7 v, i ol = 1.5 ma capacitance (ta = +25 ? c, f = 1 mhz) parameter symbol min typ max unit test conditions input capacitance (a0 to a2, scl, wp) cin * 1 ? ? 6.0 pf vin = 0 v output capacitance (sda) c i/o * 1 ? ? 6.0 pf vout = 0 v note: 1. not 100 ? tested. memory cell characteristics (v cc = 1.8 v to 5.5 v) ta=85 ?c ta=105?c notes endurance 1,000k cycles min. 200k cycles min. 1 data retention 20 years min. 20 years min. 1 note: 1. not 100 ? tested. data of shipped sample all bits of eeprom are logical ?1? (ff hex) at shipment.
R1EX24002ASAS0G/r1ex24002atas0g preliminary r10ds0078ej0100 rev.1.00 page 4 of 16 mar. 06, 2013 ac characteristics test conditions ? input pules levels: ? v il = 0.2 ? ? v ih = 0.8 ? ? input rise and fall time: ? ? input and output timing reference levels: 0.5 ? ? output load: ttl gate + 100 pf (ta = ? ? parameter symbol min typ max unit notes clock frequency f scl ? ? 400 khz clock pulse width low t low 1200 ? ? ns clock pulse width high t high 600 ? ? ns noise suppression time t i ? ? 50 ns 1 access time t aa 100 ? 900 ns bus free time for next mode t buf 1200 ? ? ns start hold time t hd.sta 600 ? ? ns start setup time t su.sta 600 ? ? ns data in hold time t hd.dat 0 ? ? ns data in setup time t su.dat 100 ? ? ns input rise time t r ? ? 300 ns 1 input fall time t f ? ? 300 ns 1 stop setup time t su.sto 600 ? ? ns data out hold time t dh 50 ? ? ns write protect hold time t hd.wp 1200 ? ? ns write protect setup time t su.wp 0 ? ? ns write cycle time t wc ? ? 5 ms 2 notes: 1. not 100 ? tested. 2. t wc is the time from a stop condition to the end of internally controlled write cycle.
R1EX24002ASAS0G/r1ex24002atas0g preliminary timing waveforms bus timing t f 1/f scl t high t su.sta t hd.sta t hd.dat t su.dat t su.sto t buf t dh t aa t low t r scl wp sda (in) sda (out) t su.wp t hd.wp write cycle timing scl sda d0 in write data ack (address (n)) t wc (internally controlled) stop condition start condition r10ds0078ej0100 rev.1.00 page 5 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary pin function serial clock (scl) the scl pin is used to control serial input/output data timing. the scl input is used to positive edge clock data into eeprom device and negative edge clock data out of each device. maximum clock rate is 400 khz. serial input/output data (sda) the sda pin is bidirectional for serial data transfer. the sda pin needs to be pulled up by resistor as that pin is open- drain driven structure. use proper resistor value for your system by considering v ol , i ol and the sda pin capacitance. except for a start condition and a stop condition which will be discussed later, the sda transition needs to be completed during the scl low period. data validity (sda data change timing waveform) scl sda data change data change note: high-to-low and low-to-high change of sda should be done during the scl low period. device address (a0, a1, a2) eight devices can be wired for one common data bus line as maximum. device address pins are used to distinguish each device and device address pins should be connected to v cc or v ss . when device address code provided from sda pin matches corresponding hard-wired device address pi ns a0 to a2, that one device can be activated. these pins are internally pulled-down to v ss . the device reads these pins as low if unconnected. pin connections for a0 to a2 pin connection memory size max connect number a2 a1 a0 note 2k bit 8 v cc /v ss * 1 v cc /v ss * 1 v cc /v ss * 1 note: 1. during floating, v cc /v ss are fixed to vss, because these are internally pulled-down. write protect (wp) when the write protect pin (wp) is high, the write protection feature is enabled and operates as shown in the following table. also, acknowledgment "0" is outputted after inpu tting device address and memory address. after inputting write data, acknowledgment "1" (no ack) is outputted. when the wp is low, write operation for all memory arrays are allowed. the read op eration is always activated irrespective of the wp pin status. the wp pin is internally pulled-down to v ss . write operations for all memory array are allowed if unconnected. write protect area write protect area wp pin status 2k bit v ih full (2k bit) v il normal read/write operation r10ds0078ej0100 rev.1.00 page 6 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary functional description start condition a high-to-low transition of the sda with the scl high is needed in order to start read, write operation (see start condition and stop condition). stop condition a low-to -high transition of the sda with the scl high is a stop condition. the stand-by operation starts after a read sequence by a stop condition. in the case of write operation, a stop condition te rminates the write data inputs and place the device in a internally-timed write cycle to the memories. after the internally-timed write cycle which is specified as t wc , the device enters a standby mode (see write cycle timing). start condition and stop condition scl sda (in) stop condition start condition acknowledge all addresses and data words are serially transmitted to and from in 8-bit words. the receiver sends a zero to acknowledge that it has received each word. this happens during ninth clock cycl e. the transmitter keeps bus open to receive acknowledgment from the receiver at the ninth cloc k. in the write operation, eeprom sends a zero to acknowledge after receiving every 8-bit words. in th e read operation, eeprom se nds a zero to acknowledge after receiving the device address word. afte r sending read data, the eeprom waits acknowledgment by k eeping bus open. if the eeprom receives zero as an acknowledge, it sends r ead data of next address. if the eeprom receives acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read operation and enters a stand-by mode. if the eeprom receives neither acknowle dgment "0" nor a stop conditi on, the eeprom keeps bus open without sending read data. acknowledge timing waveform scl sda in sda out 12 8 9 acknowledge out r10ds0078ej0100 rev.1.00 page 7 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary r10ds0078ej0100 rev.1.00 page 8 of 16 mar. 06, 2013 device addressing the eeprom device requires an 8-bit device address word follo wing a start condition to enable the chip for a read or a write operation. the device address word consists of 4-bit device code, 3-bit device address code and 1-bit read/write(r/w) code. the most significant 4-bit of the device address word are used to distinguish device type and this eeprom uses ?1010? fixed code. the device address word is followed by the 3-bit device address code a2, a1,a0 . the device address code selects one device out of eight devi ces which are connected to th e bus. this means that the device is selected if the inputted 3-bit device address code is equal to the corresponding hard-wired a2 to a0 pins status. the eighth bit of the device address word is the read/write(r/ w) bit. a write operation is initiated if this bit is ?0? and a read operation is initiated if this bit is ?1? . the eeprom tu rns to a stand-by state if the device code is not ?1010? or device address code doesn?t coincide with status of the correspond hard-wired device address pins. device address word device address word (8-bit) device code (fixed) device address code r/w code * 1 2k 1 0 1 0 a2 a1 a0 r/w note: 1. r/w=?1? is read and r/w = ?0? is write.
R1EX24002ASAS0G/r1ex24002atas0g preliminary write operations (wp=low) byte write: (write operation during wp=low status) a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth clock cycle. after these, the 2k bit eeprom receives 8-bit memory address words. upon receipt of this memory address, the eeprom outputs ack nowledgment "0" and receives a following 8-bit write data. after receipt of write data, the eeprom output s acknowledgment "0". if the eeprom recei ves a stop condition, the eeprom enters an internally-timed write cy cle and terminates receipt of scl, sda in puts until completion of the write cycle. the eeprom returns to a standby mode after completion of the write cycle. byte write operation device address memory address write data (n) 2k 1010 w a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack r/w ack wp page write: the eeprom is capable of the page write operation which allo ws any number of bytes up to 16 bytes to be written in a single write cycle. the page write is the same sequence as the byte write except for inputting the more write data. the page write is initiated by a start condition, device address word, memory address(n) and write data (dn) with every ninth bit acknowledgment. the eeprom enters the page wr ite operation if the eeprom receives more write data (dn+1) instead of receiving a stop cond ition. the a0 to a3 address bits are au tomatically incremented upon receiving write data (dn+1). the eeprom can continue to receive write da ta up to 16 bytes. if the a0 to a3 address bits reaches the last address of the page, the a0 to a3 address bits will roll over to the first address of the same page and previous write data will be overwritten. upon receiving a stop condition, the eeprom stops receiving write data and enters internally-timed write cycle. page write operation device address memory address (n) write data (n+m) write data (n) 2k 1010 w a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start ack ack ack ack r/w wp r10ds0078ej0100 rev.1.00 page 9 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary write operations (wp=high) byte write: (write operation during wp=high status) a write operation requires an 8-bit device address word with r/w = ?0?. then the eeprom sends acknowledgment "0" at the ninth clock cycle. after these, the 2k bit eepr om receives 8-bit memory addr ess. upon receipt of this memory address, the eeprom outputs ack nowledgment "0". after receipt of 8- bit write data, the eeprom outputs acknowledgment "1" (no ack) . then the eeprom write operations are not allowed. byte write operation device address memory address write data (n) 2k 1010 w a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack ack r/w no ack wp page write: the page write is the same sequence as the byte write. the page write is initiated by a start condition, device address word and memory address(n) with every ninth bit acknowledgment"0". but after inputting write data(dn) , the eeprom outputs acknowledgment "1" (no ack ). then the eeprom write operations are not allowed. page write operation device address memory address write data (n+m) write data (n) 2k 1010 w a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d5 d4 d3 d2 d1 d0 stop start ack no ack ack r/w wp no ack r10ds0078ej0100 rev.1.00 page 10 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary acknowledge polling: acknowledge polling feature is used to show if the eeprom is in a internally-timed write cycle or not. this feature is initiated by the stop condition after inputting write data. this requires the 8-bit device address word following the start condition during a internally-timed write cycle. acknowledge polling will operate when the r/w code = ?0?. acknowledgment ?1? (no acknowledgment) shows the eep rom is in a internally-timed write cycle and acknowledgment ?0? shows that the intern ally-timed write cycle has completed. see write cycle polling using ack. write cycle polling using ack send write command send stop condition to initiate write cycle send start condition send device address word with r/w = 0 send memory address send start condition send stop condition send stop condition proceed random address read operation proceed write operation next operation is addressing the memory ye s ye s no no ack returned r10ds0078ej0100 rev.1.00 page 11 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary read operation there are three read operations: current address read, ran dom read, and sequential read. read operations are initiated the same way as write operations with the exception of r/w = ?1?. current address read: the internal address counter maintains the last address accessed during the la st read or write operation, with incremented by one. current address read accesses the address kept by the internal address counter. after receiving a start condition and the device address word (r/w is ?1?), the eeprom outputs the 8-bit current address data from the most significant bit following acknowledgment ?0?. if the eeprom receives acknowledgment ?1? (no acknowledgment) and a following stop condition, the eeprom stops the read operation and is turned to a standby state. in case the eeprom has accessed the last address of the last page at previous read operation, the current address will roll over and returns to zero address. in case the eeprom ha s accessed the last address of the page at previous write operation, the current address will roll over within page addres sing and returns to the first address in the same page. the current address is valid while power is on. the current address after power on will be indefinite. the random read operation described below is necessary to define the memory address. current address read operation 2k device address read data (n+1) start stop 1010 r d7 d6 d5 d4 d3 d2 d1 d0 ack no ack r/w r10ds0078ej0100 rev.1.00 page 12 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary random read: this is a read operation with defined re ad address. a random read requires a dummy write to set read address. the eeprom receives a start condition, device ad dress word (r/w=0) and memory address 2 ? 8-bit sequentially. the eeprom outputs acknowledgment ?0? after receiving memory address then enters a current address read with receiving a start condition. the eeprom outputs the read data of the ad dress which was defined in the dummy write operation. after receiving acknowledg ment ?1?(no acknowledgment) and a following stop condition, the eeprom stops the random read operation and returns to a standby state. random read operation @@@ notes: 1. 2nd device address code (#) should be same as 1st (@). device address device address memory address read data (n) 2k 1010 ### 1010 r w a7 a6 a5 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 stop start start ack no ack ack r/w ack r/w dummy write current address read sequential read: sequential reads are initiated by either a current addre ss read or a random read. if the eeprom receives acknowledgment ?0? after 8-bit r ead data, the read address is incremented and the next 8-bit read data are coming out. this operation can be continued as long as the eeprom receives acknowledgment ?0?. the address will roll over and returns address zero if it reaches the last address of the last page. the sequential read can be continued after roll over. the sequential read is terminated if the eeprom receives acknowledgment ?1 ? (no acknowledgment) and a following stop condition. sequential read operation device address read data (n+m) read data (n+1) read data (n+2) 2k 1010 r d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 stop start ack no ack ack r/w ack r10ds0078ej0100 rev.1.00 page 13 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary r10ds0078ej0100 rev.1.00 page 14 of 16 mar. 06, 2013 notes data protection at v cc on/off when v cc is turned on or off, noise on the scl and sda inputs generated by external circuits (cpu, etc) may act as a trigger and turn the eeprom to unintentional program mode . to prevent this unintentional programming, this eeprom has a power on reset function. be careful of the notices described below in order for the power on reset function to operate correctly. ? scl and sda should be fixed to v cc or v ss during v cc on/off. low to high or high to low transition during v cc on/off may cause the trigger for the unintentional programming. ? v cc should be turned off after the eeprom is placed in a standby state. ? v cc should be turned on from the ground level(v ss ) in order for the eeprom not to enter the unintentional programming mode. ? v cc turn on rate should be longer than 2 ? s/v. noise suppression time this eeprom have a noise suppression function at scl and sd a inputs, that cut noise of width less than 50 ns. be careful not to allow noise of width more than 50 ns. power source noise countermeasures in order to suppress power-source-noise which causes malfunction of the device, it is recommended to put 0.1uf bypass-capacitor (such as a monolithic ceramic capacitor wh ich has good high-frequency characteristics) between v cc and v ss , and shorten the wiring leng th between the capacitor and v cc /v ss terminals as much as possible. device address input, write protect input these ca n be used in the open state because these are pulled down inside the device. but pl ease note that the noise does not enter due to wiring connections at the floating state. if you connect the wiring, we recommend that you connect to vcc or vss to avoid malfunction due to noise.
R1EX24002ASAS0G/r1ex24002atas0g preliminary package dimensions R1EX24002ASAS0G (prsp0008df-b / previous code: fp-8dbv) a l e c 1 b 1 d e a 2 b p c x y h e z l 1 4.89 1.06 0.25 0 8 6.02 0.15 0.20 0.25 0.45 0.102 0.14 0.254 3.90 0.406 0.60 0.889 1.73 reference symbol dimension in millimeters min nom max 5.15 a 1 0.35 0.40 6.20 5.84 1.27 0.10 0.69 index mark e 1 y xm p *3 *2 *1 f 4 85 d e h a z b p terminal cross section ( ni/pd/au plating ) b c detail f 1 1 l l a note) 1. dimensions"*1 (nom)"and" *2" do not include mold flash. 2. dimension"*3"does not include trim offset. e p-sop8-3.9x4.89-1.27 0.08g mass[typ.] fp-8dbv prsp0008df-b renesas code jeita package code previous code r10ds0078ej0100 rev.1.00 page 15 of 16 mar. 06, 2013
R1EX24002ASAS0G/r1ex24002atas0g preliminary r1ex24002atas0g (ptsp0008jc-b / previous code: ttp-8dav) a l e c 1 b 1 d e a 2 b p c x y h e z l 1 3.00 1.00 0.13 0 8 6.40 0.10 0.15 0.20 0.25 0.03 0.07 0.10 4.40 0.40 0.50 0.60 1.10 reference symbol dimension in millimeters min nom max 3.30 a 1 0.15 0.20 6.60 6.20 0.65 0.10 0.805 *1 85 e *2 index mark 14 *3 p mx y f a d e h z b detail f 1 1 a l l p terminal cross section ( ni/pd/au plating ) c b note) 1. dimensions"*1 (nom)"and" *2" do not include mold flash. 2. dimension"*3"does not include trim offset. e p-tssop8-4.4x3-0.65 0.034g mass[typ.] ttp-8dav ptsp0008jc-b renesas code jeita package code previous code r10ds0078ej0100 rev.1.00 page 16 of 16 mar. 06, 2013
all trademarks and registered trademarks are t he property of their respective owners. c - 1 revision history r1ex 24002asas0g/r1ex24002atas0g data sheet description rev. date page summary 0.01 apr 28, 2011 - initial issue 1.00 mar. 06, 2013 - 2 delete preliminary addition voltage detector in block diagram. 3 addition dc characteristics i sb =0.5 ? a(typ)@3.3v, i cc1 =0.2ma(typ)@3.3v, , i cc2 =1.0ma(typ)@3.3v 14 addition these items for notes (power source noise countermeasures) , (device address input, write protect input)
notice 1. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 2. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 3. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 4. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from such alteration, modification, copy or otherwise misappropriation of renesas electronics product. 5. renesas electronics products are classified according to the following two quality grades: "standard" and "high quality". t he recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots etc. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; an ti-crime systems; and safety equipment etc. renesas electronics products are neither intended nor authorized for use in products or systems that may pose a direct threat t o human life or bodily injury (artificial life support devices or systems, surgical implantations etc.), or may cause serious property damages (nuclear reactor control systems, military equipment etc.). you mus t check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application for which it is not intended. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for which the product is not intended by renesas electronics. 6. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas e lectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 7. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance desig n. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or systems manufactured by you. 8. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatib ility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 9. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufactu re, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. you should not use renesas electronics products or technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. when exporting the renesas electronics products or technology described in this do cument, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. 10. it is the responsibility of the buyer or distributor of renesas electronics products, who distributes, disposes of, or othe rwise places the product with a third party, to notify such third party in advance of the contents and conditions set forth in this document, renesas electronics assumes no responsibility for any losses incurred by yo u or third parties as a result of unauthorized use of renesas electronics products. 11. this document may not be reproduced or duplicated in any form, in whole or in part, without prior written consent of renesa s electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. htt p ://www.renesas.co m refer to "htt p ://www.renesas.com/" for the latest and detailed information . r e n esas el ec tr o ni cs am e ri ca in c . 2880 scott boulevard santa clara , ca 95050-2554 , u.s.a . tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-651-700, fax: +44-1628-651-804 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 80 bendemeer road, unit #06-02 hyflux innovation centre singapore 339949 tel: +65-6213-0200, fax: +65-6213-0300 renesas electronics mala y sia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petalin g jaya, selan g or darul ehsan, malaysi a tel: +60-3-7955-9390 , fax: +60-3-7955-951 0 renesas electronics korea co. , ltd . 11f., samik lavied' or bld g ., 720-2 yeoksam-don g , kan g nam-ku, seoul 135-080, korea tel: +82-2-558-3737 , fax: +82-2-558-514 1 s ale s o ffi c e s ? 2013 renesas electronics corporation. all ri g hts reserved . colo p hon 2.2


▲Up To Search▲   

 
Price & Availability of R1EX24002ASAS0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X