Part Number Hot Search : 
TZ110B LM134 2SA1787 GBJ15DU TSM1N45 NC403 0402C BCW31
Product Description
Full Text Search
 

To Download ML03511R8PAT2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ml avx style 03 case size 03 = 0603 5 voltage code 5 = 50v v = 250v 1 1r8 p a failure rate code a = not applicable t2a organic passive components low esr microwave capacitors how to order temperature coefficient code 1 = 030ppm termination style code t = ni, tin capacitance tolerance code p = .02 pf a = .05 pf b = .10 pf c = .25 pf d = .5 pf f = 1% g = 2% j = 5% capacitance eia capacitance code in pf. first two digits = significant figures or ?r? for decimal place. third digit = number of zeros or after ?r? significant figures. tape & reel: all tape and reel specifications are in compliance with eia rs481 (equivalent to iec 286 part 3). ?8mm carrier ?7" reel, 3,000 pcs per reel packaging code 2a = 7" reel unmarked case length (l) width (w) thickness (t) band width (b) castellation radius (r) 0603 0.063 0.004 0.033 0.004 0.025 0.004 0.015 0.005 0.008 0.002 (1.600 0.102) (0.838 0.102) (0.635 0.102) (0.381 0.127) (0.203 0.051) mechanical dimensions: inches (millimeters) features ? low esr ? hi-q ? ? high self resonance ? tight tolerance applications ? rf power amplifiers ? low noise amplifiers ? filter networks w l b r t based on its patented multilayer low loss organic (mlo) technology. these new capacitors represent a paradigm shift from traditional ceramic and thin film passive smd components. multilayer organic capacitors (mloc) are polymer based capacitors that use high conductivity copper interconnects in a multilayer fashion. the ability to fabricate these components on large area substrates and state of the art laser direct imaging allow for improved cost benefits and tolerance control. the end result is a state of the art low esr and high srf low profile rf capacitor that can support frequencies well above one ghz. additionally mlocs are expansion matched to printed circuit boards to allow for improved reliability.


▲Up To Search▲   

 
Price & Availability of ML03511R8PAT2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X