Part Number Hot Search : 
1N3825 EPS13D2 AT88S 0100S E001489 PD839C4 BCW34X 2FB102
Product Description
Full Text Search
 

To Download MC74VHC1GT66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vht66?1/6 the MC74VHC1GT66 is an advanced high speed cmos bilateral analog switch fabricated with silicon gate cmos technology. it achieves high speed propagation delays and low on resistances while maintaining low power dissipation. this bilateral switch co ntrols analog and digital voltages that may vary across the full power?supply range (from vcc to gnd). the MC74VHC1GT66 is compatible in function to a single gate of the very high speed cmos mc74vhct4066. the device has been designed so that the on resistances (ron) are much lower and more linear over input voltage. the on/off control input is compatible with ttl?type input thresholds allowing the device to be used as a logic?level translator from 3.0 v cmos logic to 5.0 v cmos logic or from 1.8 v cmos logic to 3.0 v cmos logic while operating at the high?voltage power sup ply. the input protection circuitry on this device allows overvoltage tolerance on the input, which provides protection when voltages of up to 7 v are applied, regardless of the supply voltage. this allows the MC74VHC1GT66 to be used to interface 5 v circuits to 3 v circu its.  high speed: t pd = 20 ns (typ) at v cc = 5 v  low power dissipation: i cc = 2 a (max) at t a = 25c  diode protection provided on inputs and outputs  improved linearity and lower on resistance over input voltage  on/off control input has ovt analog switch ve d ve d 1 3 2 4 5 sot?23/tsop?5/sc?59 dt suffix case 483 sc?70/sc?88a/sot?353 df suffix case 419a 1 3 2 4 5 marking diagrams pin 1 d = date code pin 1 d = date code figure 1. pinout (top view) figure 2. logic symbol pin assignment 1 in/out x a 2 out/in y a 3 gnd 4 on/off control 5v cc function table on / off control input state analog switch loff hon ordering information see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. MC74VHC1GT66
vht66?2/6 MC74VHC1GT66 maximum ratings symbol parameter value unit v cc dc supply voltage ? 0.5 to + 7.0 v v in dc input voltage ? 0.5 to +7.0 v v is analog output voltage ?0.5 to +7.0 v i ik input diode current ?20 ma i cc dc supply current, v cc and gnd +25 ma p d power dissipation in still air sc?88a (note 2.) 200 mw tsop5 (note 2.) 450 t l lead temperature, 1 mm from case for 10 s 260 c t stg storage temperature ?65 to +150 c v esd esd withstand voltage human body model (note 3) >2000 v machine model (note 4) > 200 charged device model (note 5) n/a i latch?up latch?up performance above v cc and below gnd at 125c (note 6) 500 ma 1. maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions eyond those indicated may adversely affect device reliability. functional operation under absolute?maximum?rated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 2. derating ? sc?88a package: ?3 mw/c from 65c to 125c ? tsop5 package: ?6 mw/c from 65c to 125c 3. tested to eia/jesd22?a114?a 4. tested to eia/jesd22?a115?a 5. tested to jesd22?c101?a 6. tested to eia/jesd78 device junction temperature versus time to 0.1% bond failures junction t ime, time, temperature c hours years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 normalized failure rate figure 3. failure rate vs. time junction temperature 1 1 10 100 1000 time, years recommended operating conditions symbol parameter min max unit v cc dc supply voltage 2.0 5.5 v v in dc input voltage gnd 5.5 v v is analog input voltage gnd v cc v t a operating temperature range ? 55 + 125 c t r ,t f input rise and fall time v cc = 3.3 0.3 v 0 100 ns/v v cc = 5.0 0.5 v 0 20 the ja of the package is equal to 1/derating. higher junction temperatures may affect the expected lifetime of the device per the table and figure below.
vht66?3/6 MC74VHC1GT66 ac electrical characteristics c load = 50 pf, input t r / t f = 3.0 ns v cc t a = 25 c t a < 85 c ?55c vht66?4/6 MC74VHC1GT66 bw additional application characteristics (voltages referenced to gnd unless noted) symbol parameter test conditions v cc limit unit 2 5 c maximum on?channel bandwidth or minimum frequency response (figure 10.) f in = 1 mhz sine wave adjust f in voltage to obtain 0 dbm at v os increase f in = frequency until db meter reads ?3 db r l = 50 ? , c l = 10 pf 3.0 4.5 5.5 150 175 180 mhz iso off off?channel feedthrough isolation (figure 11.) f in = sine wave adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600 ? , c l = 50 pf 3.0 4.5 5.5 ?80 ?80 ?80 db noise feed feedthrough noise control to switch (figure 12.) v in < 1 mhz square wave (t r = t f = 2ns) adjust r l at setup so that i s = 0 a r l = 600 ? , c l = 50 pf 3.0 4.5 5.5 45 60 130 mv pp thd total harmonic distortion (figure 13.) f in = 1 khz, r l = 10 k ? , c l = 50 pf thd = thd measured ? thd source v is = 3.0 v pp sine wave v is = 5.0 v pp sine wave 3.3 5.5 0.30 0.15 % figure 4. on resistance test set?up figure 6. maximum on?channel leakage current test set?up figure 5. maximum off?channel leakage current test set?up figure 7. propagation delay test set?up
vht66?5/6 MC74VHC1GT66 switch to position 1 when testing t plz and t pzl switch to position 2 when testing t phz and t pzh figure 8. propagation delay output enable/disable test set?up figure 10. maximum on?channel bandwidth test set?up figure 12. feedthrough noise, on/off control to analog out, test set?up figure 9. power dissipation capacitance test set?up figure 11. off?channel feedthrough isolation test set?up figure 13. total harmonic distortion test set?up
vht66?6/6 MC74VHC1GT66 device ordering information device nomenclature MC74VHC1GT66dft1 mc 74 vhc1g t66 df t1 sc?70/sc?88a/ 178 mm (7 in) sot?353 3000 unit MC74VHC1GT66dft2 mc 74 vhc1g t66 df t2 sc?70/sc?88a/ 178 mm (7 in) sot?353 3000 unit MC74VHC1GT66dft4 mc 74 vhc1g t66 df t4 sc?70/sc?88a/ 330 mm (13 in) sot?353 10,000 unit MC74VHC1GT66dtt1 mc 74 vhc1g t66 dt t1 sot?23/tsops/ 178 mm (7 in) sc?59 3000 unit MC74VHC1GT66dtt3 mc 74 vhc1g t66 dt t3 sot?23/tsops/ 330 mm (13 in) sc?59 10,000 unit device order number circuit indicator temp range identifier technology device function package suffix tape & reel suffix package type (name/sot#/ common name) tape and reel size figure 14. propagation delay, analog in to analog out waveforms figure 15. propagation delay, on/off control


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X