|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
mitsumi optical connectors mc-903 series features connectors 1. this is a connector conforming to jis f05 type single-core optical fiber connector (c5974) . 2. it is characterized by lever lock mechanism. 3. the appicable fiber is 1,000m in diameter and 4.0mm in diameter of covering. how to order specifications total insertion force 39.2n (4.0kgf ) max. total withdrawal force 19.6n (2.0kgf ) min. fiber clamp resistance 19.6n (2.0kgf ) min. life (mating cycle) 500 min. fiber bend radius 30mm mechanical characteristics mc-903-00- -pa- 12 3 45 1 series no. (903) 2 no. of contacts 3 running no. assigned by us 4 plug or socket (pa) 5 supplementary no. optical characteristics insertion loss 2.0db max.
mitsumi optical connectors dimensions unit : mm material & finish component parts material finish fiber cable pvc resin (black) apf cap pbt resin case polycarbonate resin ferrule brass nickel plating fiber stopper pbt resin |
Price & Availability of MC-903-00-XXXX-PA-X |