Part Number Hot Search : 
ON0738 C6224NL M29F200T CD4765 STK40 V300B28 M27V401 2N5952
Product Description
Full Text Search
 

To Download MAGX-000035-05000P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 1 1 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 1 features ?? gan on sic d-mode transistor technology ?? unmatched, ideal for pulsed applications ?? 50 v typical bias, class ab ?? common-source configuration ?? thermally-enhanced 3 x 6 mm 14-lead dfn ?? mttf = 600 years (t j < 200c) ?? halogen-free ?green? mold compound ?? rohs* compliant and 260c reflow compatible ?? msl-1 description the MAGX-000035-05000P is a gan on sic unmatched power device o ffering the widest rf frequency capability, most reliable high voltage operation, lowest overall pow er transistor size, cost and weight in a ?true smt? tm plastic-packaging technology. use of an internal stress buffer technology allows reliable operation at junction temperatures up to 200c. the small package size and excellent rf performance make it an ideal replacement for costly flanged or metal-backed module components. ordering information 1 * restrictions on hazardous substanc es, european union directive 2002/95/ec. 1. reference application note m513 for reel size information. functional schematic pin configuration 2 pin no. function pin no. function 1 no connection 8 no connection 2 no connection 9 no connection 3 v gg /rf in 10 v dd /rf out 4 v gg /rf in 11 v dd /rf out 5 v gg /rf in 12 v dd /rf out 6 no connection 13 no connection 7 no connection 14 no connection 15 paddle 3 2. m/a-com technology solutions recommends connecting unused package pins to ground. 3. the exposed pad centered on the package bottom must be connected to rf and dc ground. part number package MAGX-000035-05000P bulk packaging magx-000035-pb2ppr sample board
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 2 2 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 2 parameter test conditions symbol min. typ. max. units dc characteristics drain-source leakage current v gs = -8 v, v ds = 175 v i ds - - 3.0 ma gate threshold voltage v ds = 5 v, i d = 6 ma v gs (th) -5 -3 -2 v forward transconductance v ds = 5 v, i d = 1500 ma g m 1.1 - - s dynamic characteristics input capacitance v ds = 0 v, v gs = -8 v, f = 1 mhz c iss - 13.1 - pf output capacitance v ds = 50 v, v gs = -8 v, f = 1 mhz c oss - 5.2 - pf reverse transfer capacitance v ds = 50 v, v gs = -8 v, f = 1 mhz c rss - 0.5 - pf electrical characteristics: t a = 25c electrical specifications: freq. = 1.6 ghz, t a = 25c, v dd = +50 v, z 0 = 50 ? parameter test conditions symbol min. typ. max. units rf functional tests cw output power (p2.5 db) v dd = 28 v, i dq = 100 ma p out - 12 - w pulsed output power (p2.5 db) 1 ms and 10% duty cycle v dd = 50 v, i dq = 100 ma p out 42 50 - w pulsed power gain (p2.5 db) v dd = 50 v, i dq = 100 ma g p 16 18 - db pulsed drain efficiency (p2.5 db) v dd = 50 v, i dq = 100 ma d 55 66 - % load mismatch stability (p2.5 db) v dd = 50 v, i dq = 100 ma vswr-s - 5:1 - - load mismatch tolerance (p2.5 db) v dd = 50 v, i dq = 100 ma vswr-t - 10:1 - - typical performance 4 : v dd = 50 v, i dq = 100 ma, t a = 25c parameter 30 mhz 1 ghz 2.5 ghz 3.5 ghz units gain 24 22 17 14 db saturated power (p sat ) 65 65 50 45 w power gain at p sat 22 21 15 11 db pae @ p sat 73 65 58 53 % 4. typical rf performance measured in m/a-com technology soluti ons rf evaluation boards. see recommended tuning solutions on page 4.
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 3 3 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 3 parameter absolute max. input power p out - g p + 2.5 dbm drain supply voltage, v dd +65 v junction temperature 10 200c operating temperature -40c to +95c storage temperature -65c to +150c supply current, i dd 2500 ma power dissipation, cw @ 85oc 13 w power dissipation (p avg ), pulsed @ 85c 43 w gate supply voltage, v gg -8 v to 0 v absolute maximum ratings 5,6,7,8,9 5. exceeding any one or combination of these limit s may cause permanent damage to this device. 6. m/a-com technology solutions does not recommend sustained operation near these survivability limits. 7. for saturated performance it is recommended that the sum of (3 * v dd + abs (v gg )) < 175 v. 8. cw operation at v dd voltages above 28 v is not recommended. 9. operating at nominal conditions with t j 200c will ensure mttf > 1 x 10 6 hours. junction temperature directly affects device mttf and should be kept as low as possible to maximize lifetime. 10. junction temperature (t j ) = t c + ? jc * ((v * i) - (p out - p in )) typical cw thermal resistance ( ? jc ) = 9.63c/w a) for t c = 79c, t j = 200c @ 28 v, 840 ma, p out = 12 w, p in = 0.92 w typical transient thermal resistances: b) 300 s pulse, 10% duty cycle, ? jc = 1.6c/w for t c = 79c, t j = 117c @ 50 v, 1090 ma, p out = 30.2 w, p in = 1.42 w c) 1 ms pulse, 10% duty cycle, ? jc = 2.0c/w for t c = 79c, t j = 129c @ 50 v, 1110 ma, p out = 30.7 w, p in = 1.5 w d) 1 ms pulse, 20% duty cycle, ? jc = 2.81c/w for t c = 79c, t j = 153c @ 50 v, 1120 ma, p out = 30.9 w, p in = 1.59 w
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 4 4 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 4 part frequency = 1.6 ghz frequency = 0.9 - 1.2 ghz c1 0402 27 pf, 5%, 200 v, atc 0402, 8.2 pf, 0.1 pf, 200 v, atc c2 0603, 6.8 pf, 0.1 pf, 250 v, atc 0402, 15 pf, 5%, 200 v, atc c3 0505, 100 pf, 10%, 200 v, atc 0505, 100 pf, 10%, 200 v, atc c4 0805, 1000 pf, 100 v, 5%, avx 0805, 1000 pf, 100 v, 5%, avx c5 n/a n/a c6 0505, 2.2 pf, 5%, 250 v, atc 0505, 2.7 pf, 0.1 pf, 250 v, atc c7 0505, 36 pf, 5%, 250 v, atc 0603, 56 pf, 5%, 250 v, atc c8 0505, 36 pf, 5%, 250 v, atc 0505, 100 pf, 10%, 200 v, atc c9 0805, 1000 pf, 100 v, 5%, avx 0805, 1000 pf, 100 v, 5%, avx c10 1210, 1 f, 100 v, 20%, atc 1210, 1 f, 100 v, 20%, atc c11 n/a 100 f, 160 v r1 33 ? , 0805, 5% 9.1 ? , 0805, 5% r2 1.0 ? , 0603, 5% 0.33 ? , 0805, 5% r3 1.0 ? , 0603, 5% 0.33 ? , 0805, 5% l1 n/a 0402hp, 3.3 nh l2 n/a 0402hp, 1.0 nh l3 n/a 0402hp, 4.7 nh l4 n/a 0402hp, 3.6 nh parts list (n/a = not applicab le for this tuning solution) parts measured on evaluation board (8-mils thick ro4003c). electrical and thermal ground is provided using copper-filled via hole array (not pictured), and evaluatio n board is mounted to a metal plate. matching is provided using lumped elements as shown at left. recommended tuning solutions for 2 frequency ranges are detailed in the parts list below. evaluation board details and recommended tuning solutions turning the device on 1. set v g to the pinch-off (v p ), typically -5 v. 2. turn on v d to nominal voltage (50 v). 3. increase v gs until the i ds current is reached. 4. apply rf power to desired level. turning the device off 1. turn the rf power off. 2. decrease v g down to v p. 3. decrease v d down to 0 v. 4. turn off v g . bias sequencing rf in rf out v d v g
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 5 5 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 5 handling procedures please observe the following precautions to avoid damage: static sensitivity gallium nitride devices and circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these class 1b devices. lead-free 3x6 mm 14-lead dfn ? ? reference application note s2083 for l ead-free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is ni/pd/au.
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 6 6 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 6 applications section s-parameter data: t a = 25c, v dd = +50 v, i dq = 100 ma 0.03 2.03 4.03 6 frequency (ghz) spar graph -20 -10 0 10 20 30 40 6 ghz 11.98 db 2.048 ghz 22.45 db db(msg()) magx00035_05000p_50 db(gmax()) magx00035_05000p_50 db(|s(2,1)|) magx00035_05000p_50 0 1.0 1.0 -1.0 10.0 1 0 . 0 - 1 0 . 0 5.0 5 . 0 - 5 . 0 2.0 2 . 0 - 2 . 0 3.0 3 . 0 - 3 . 0 4.0 4 . 0 - 4 . 0 0.2 0 . 2 - 0 . 2 0.4 0 . 4 - 0 . 4 0.6 0 . 6 - 0 . 6 0.8 0 . 8 - 0 . 8 magx00035_05000p_50 swp max 6ghz swp min 0.03ghz 3.498 ghz r 0.017463 x 0.129484 2.744 ghz r 0.0209221 x 0.0770001 1.307 ghz r 0.0313997 x -0.0593526 3.499 ghz r 0.0533052 x -0.0525211 1.308 ghz r 0.225072 x -0.409382 2.704 ghz r 0.0768784 x -0.145712 s(1,1) magx00035_05000p_50 s(2,2) magx00035_05000p_50
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 7 7 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 7 thermal performance: freq. = 1.6 ghz, t c = 85c, v dd = +50 v, i dq = 100 ma, z 0 = 50 ? junction temperature measured using high-speed tran sient (hst) temperature detection microscopy. applications section power (output & dissipated) vs. transient juncti on temperature, pulse duration and duty cycle 100 s, 10% 100 s, 20% 300 s, 10% 300 s, 20% 500 s, 10% 500 s, 20% 1000 s, 10% 1000 s, 20% 8000 s, 9.2% 25.9 25.8 26.6 26.6 27. 7 28.0 27.2 26.7 32.8 29.9 29.8 30.8 30.9 30. 7 30.8 30.7 30.9 35.2 108.2 113.1 116.6 139.9 121. 3 145.2 129.2 153.1 169.6 pulse width, duty cycle power dissipation (w) 1.6 ghz p out (w) max. transient junction temp. (c) 24 26 28 30 32 34 36 80 100 120 140 160 180 200 power dissipation 1.6 ghz power output ma x .t ran sie nt jun cti on t em p. pulse width (s), duty cycle (%)
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 8 8 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 8 applications section 1.6 ghz, 1 ms pulse, 10% duty cycle, v dd = +50 v, t a = 25c, z 0 = 50 ? 0 10 20 30 40 50 0.0 0.5 1.0 1.5 input power (w) 20 30 40 50 60 70 0.0 0.5 1.0 1.5 input power (w) pae vs. input power gain vs. input power output power vs. input power typical performance curves ( reference 1.6 ghz parts list ): 12 14 16 18 20 22 0.0 0.5 1.0 1.5 input power (w)
gan wideband 50 w pulsed tran sistor in plastic package dc - 3.5 ghz rev. v2 MAGX-000035-05000P 9 9 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 9 applications section 0.9 - 1.2 ghz, 500 s pul se, 10% duty cycle, v dd = +50 v, t a = 25c, z 0 = 50 ? pae vs. input power gain vs. input power output power vs. input power typical performance curves ( reference 0.9 - 1.2 ghz parts list ): 16 18 20 22 24 26 20 22 24 26 28 30 0.90 ghz 0.95 ghz 1.0 ghz 1.1 ghz 1.2 ghz input power (dbm) 10 20 30 40 50 60 70 20 22 24 26 28 30 0.90 ghz 0.95 ghz 1.0 ghz 1.1 ghz 1.2 ghz input power (dbm) 20 30 40 50 60 70 20 22 24 26 28 30 0.90 ghz 0.95 ghz 1.0 ghz 1.1 ghz 1.2 ghz input power (dbm)


▲Up To Search▲   

 
Price & Availability of MAGX-000035-05000P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X