Part Number Hot Search : 
MAX1136 07364 52M16V1 ISL6529 314003P T125A LM79124Z MSM7580
Product Description
Full Text Search
 

To Download KBPC1004W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dated : 16/07/2006 h r semtech electronics ltd. ( subsidiary of semtech internati onal holdings limited, a company listed on the hong kong stock exchange, stock code: 724 ) kbpc10005w~kbpc1010w single-phase silicon bridge rectifiers reverse voltage: 50 v to 1000 v forward current: 10 a features ? reliable low cost construction ? ideal for printed circuit board ? low forward voltage drop ? low reverse leakage current ? high surge current capability mechanical data ? case: kbpcw absolute maximum ratings and characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. parameter symbol kbpc 10005w kbpc 1001w kbpc 1002w kbpc 1004w kbpc 1006w kbpc 1008w kbpc 1010w units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t c = 50 o c i (av) 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec) i fsm 200 a maximum forward voltage at 5 a dc and 25 o c v f 1.2 v maximum reverse current at t a = 25 o c at rated dc blocking voltage t a = 100 o c i r 10 500 a typical junction capacitance 1) c j 200 pf typical thermal resistance 2) r ja 25 o c/w typical thermal resistance 3) r jc 5 o c/w operating and storage temperature range t j ,t s - 55 to + 125 o c 1) measured at 1 mhz and applied reverse voltage of 4 vdc. 2) unit mounted on 8.6 x 8. 6 x 0.24" thick (22 x 22 x 0.6 cm) al, plate. 3) unit mounted on p.c.b. at 0. 375" (9.5 mm) lead length with 0.5 x 0.5" (12 x 12 mm) copper pads. kbpcw
dated : 16/07/2006 h r semtech electronics ltd. ( subsidiary of semtech internati onal holdings limited, a company listed on the hong kong stock exchange, stock code: 724 ) kbpc10005w~kbpc1010w


▲Up To Search▲   

 
Price & Availability of KBPC1004W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X