jc ordering information types standard packing; pc board type: carton 50 pcs. case 200 pcs. plug-in and top mounting type: carton 20 pcs. case 200 pcs. notes: 1. please refer to the ?tandards chart for product certi?ation. 2. 5 v dc type is also available. wide variation 1a 15a, 2a 10a power relays jc relays contact arrangement nominal coil voltage pc board type plug-in type top mounting type part no. part no. part no. 1 form a 6v dc jc1af-dc6v-f jc1af-s-dc6v-f jc1af-tm-dc6v-f 12v dc jc1af-dc12v-f JC1AF-S-DC12V-F jc1af-tm-dc12v-f 24v dc jc1af-dc24v-f jc1af-s-dc24v-f jc1af-tm-dc24v-f 2 form a 6v dc jc2af-dc6v-f jc2af-s-dc6v-f jc2af-tm-dc6v-f 12v dc jc2af-dc12v-f jc2af-s-dc12v-f jc2af-tm-dc12v-f 24v dc jc2af-dc24v-f jc2af-s-dc24v-f jc2af-tm-dc24v-f vde pc board type plug-in type tm type features ?high inrush current capability 1 form a: 163 a inrush (tv-8) 2 form a: 111 a inrush (tv-5) ?high dielectric withstanding for transient protection: jc can withstand 10,000 v surge in s between coil and contact. ?electrical life: 1 form a: 10 5 ope. at 15 a 250 v ac resistive load 2 form a: 10 5 ope. at 10 a 250 v ac resistive load ?ul, csa, vde, t?v, semko also approved. typical applications automatic garage door openers microwave ovens dryers vending machines copiers air conditioners stereo equipment tv sets contact arrangement 1a: 1 form a 2a: 2 form a mounting classification nil: s: tm: pc board terminal plug-in terminal top mounting jc f f nominal coil voltage dc6v, dc12v, dc24v contact material f: agsno 2 type note: certified by ul, csa, vde, t?v and semko asctb79e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e rohs compliant
jc rating 1. coil data 2. speci?ations * speci?ations will vary with foreign standards certi?ation ratings. notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.250s according to jec-212-1981 *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. reference data jc1a type contact arrangement nominal coil voltage pick-up voltage (at 20 c 68f) drop-out voltage (at 20 c 68f) nominal operating current [10%] (at 20 c 68f) coil resistance [10%] (at 20 c 68f) nominal operating power max. applied voltage (at 60 c 140f) 1 form a 6v dc 80%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 150 ma 40 ? 0.9w 110%v of nominal voltage 12v dc 75 ma 160 ? 0.9w 24v dc 37.5ma 640 ? 0.9w 2 form a 6v dc 166.6ma 36 ? 1.0w 12v dc 83.3ma 144 ? 1.0w 24v dc 41.6ma 576 ? 1.0w characteristics item speci?ations contact contact material agsno 2 type arrangement 1 form a 2 form a contact resistance (initial) max. 100 m ? (by voltage drop 6 v dc 1a) contact force min. 30 g rating nominal switching capacity (resistive load) 15a 250v ac 10a 250v ac max. switching power (resistive load) 3,750va 2,500va max. switching voltage 250v ac max. switching current 15a 10a nominal operating power 900mw 1,000mw min. switching capacity (reference value)* 1 100ma, 5v dc electrical characteristics insulation resistance (initial) min. 100m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 2,000 vrms for 1 min. (detection current: 10 ma) between contacts sets 2,000 vrms for 1 min. (detection current: 10 ma) between contact and coil 4,000 vrms for 1 min. (detection current: 10 ma) t emperature rise (coil) max. 55 c 131 f (by resistive method, nominal coil voltage applied to the coil, at 60 c 140f) surge breakdown voltage* 2 (between contact and coil) (initial) 10,000 v operate time (at nominal voltage) (at 20 c 68f) max. 30 ms (excluding contact bounce time.) release time (at nominal voltage) (at 20 c 68f) max. 10 ms (excluding contact bounce time) (without diode) mechanical characteristics shock resistance functional 196 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1.6 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 2.0 mm expected life mechanical (at 180 times/min.) min. 5 10 6 electrical (at 20 times/min.) min. 10 5 (10a 250v ac at rated load), min. 10 5 (5a 250v ac at rated load) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +60 c ?8 f to +140 f , humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at nominal switching capacity) unit weight approx. 31 g 1.09 oz 1. maximum value for switching capacity 2. operate / release time contact voltage, v contact current, a 15 10 101 100 400 0.1 1 ac resistive load ac inductive load (cos? = 0.4) dc resistive load dc inductive load (l/r = 7 ms) 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 4 3 2 1 80 100 120 operate and release time, ms 0 coil applied voltage, %v operate time release time max. min. max. min. asctb79e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
jc jc2a type dimensions (mm inch ) pc board type 1. maximum value for switching capacity 2. operate / release time 10 101 100 250 400 0.1 1 0.01 contact voltage, v contact current, a ac resistive load ac inductive load (cos ? = 0.4) dc resistive load dc inductive load (l/r = 7 ms) 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 3 2 1 80 100 120 0 7 operate and release time, ms coil applied voltage, %v operate time release time max. min. max. min. 1) jc 1 form a external dimensions 6 1 5 2 4 3 made in japan 30 1.181 4 .157 1.5 .059 1.5 .059 14 .551 14 .551 6.9 .272 10 .394 19 .748 15.2 .598 7.6 .299 30 1.181 3.1 .122 0.4 .016 0.5 .020 0.5 .020 0.9 dia. .035 dia. schematic (bottom view) pc board pattern (bottom view) tolerance: 0.1 .004 6 5 3 1 common terminal coil terminal n.o. terminal relay outline 1 6 5 3 2-1.8 dia. .071 dia. 2-1.2 dia. .047 dia. 3.1 .122 2.54 4 .100 4 19 .748 2.54 6 .100 6 2.54 3 .100 3 30 1.181 cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 3mm .118 inch : min. 3mm .118 inch : gener al toler ance 0.2 .008 0.3 .012 0.5 .020 2) jc 2 form a external dimensions 6 1 5 2 4 3 made in japan 30 1.181 4 .157 1.5 .059 1.5 .059 14 .551 14 .551 6.9 .272 10 .394 19 .748 15.2 .598 7.6 .299 3.1 .122 30 1.181 0.9 dia. 0.5 0.5 .035 dia. .020 .020 0.4 .016 schematic (bottom view) pc board pattern (bottom view) tolerance: 0.1 .004 6 52 34 1 common terminal coil terminal n.o. terminal relay outline 1 2 6 5 4 3 4-1.8 dia. .071 dia. 2.54 4 .100 4 19 .748 3.1 .122 30 1.181 2-1.2 dia. .047 dia. 2.54 6 .100 6 2.54 3 .100 3 cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 3mm .118 inch : min. 3mm .118 inch : gener al toler ance 0.2 .008 0.3 .012 0.5 .020 asctb79e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e
jc plug-in type 1) jc 1 form a external dimensions accept faston 187 3 4 5 2 1 6 30 1.181 2.4 .094 8.35 .329 2.5 .098 9 .354 19 .748 30 1.181 12 .472 26.7 1.051 10.7 .421 3.1 .122 0.5 .020 1.4 dia. .055 8.35 .329 2.5 .098 4.75 .187 schematic (bottom view) 6 3 n.o. coil com 5 1 cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: gener al toler ance 0.2 .008 0.3 .012 0.5 .020 2) jc 2 form a external dimensions accept faston 187 4 3 5 2 61 30 1.181 26.7 1.051 1.4 dia. .055 8.35 .329 2.5 .098 30 1.181 2.4 .094 8.35 .329 2.5 .098 19 .748 9 .354 3.1 .122 4.75 .187 0.5 .020 10.7 .421 12 .472 schematic (bottom view) 6 34 5 2 1 com coil n.o. cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: gener al toler ance 0.2 .008 0.3 .012 0.5 .020 asctb79e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
jc top mount type (tm type) safety standards notes: *1. part numbers 1af and 2af are not vde certi?d. part numbers 1a and 2a are. *2. part numbers 1af and 2af are not semko certi?d. part numbers 1a and 2a are. for cautions for use. item ul/c-ul (recognized) csa (certi?d) vde (certi?d) tv rating (ul/csa) t?v (certi?d) semko (certi?d) file no. contact rating file no. contact rating file no. contact rating file no. rating file no. rating file no. contact rating 1 form a e43028 15a 250v ac 15a 30v dc 1hp 125v ac 1hp 250v ac lr26550 etc. 15a 250v ac 15a 30v dc 1hp 125v ac 1hp 250v ac 40016951 *1 10a 250v ac (cos =1.0) 7.5a 250v ac (cos =0.4) 10a 30v dc (0ms) ul e43028 csa lr26550 tv-8 b 08 07 13461 251 15a 250v ac (cos =1.0) 606466 *2 15/120a 250v ac 2 form a e43028 10a 250v ac 10a 30v dc 1 / 3 hp 125v ac 1 / 2 hp 250v ac lr26550 etc. 10a 250v ac 10a 30v dc 1 / 3 hp 125v ac 1 / 2 hp 250v ac 40016951 *1 5a 250v ac (cos =1.0) 3a 250v ac (cos =0.4) 5a 30v dc (0ms) ul e43028 csa lr26550 etc. tv-5 b 08 07 13461 251 10a 250v ac (cos =1.0) 5a 50v dc (0ms) 606466 *2 5/40a 250v ac 1) jc 1 form a external dimensions accept faston 187 4 3 5 2 1 6 30.5 1.201 2 .079 45 1.772 1.4 dia. .055 8.35 .329 2.5 .098 4.75 .187 0.5 .020 8.35 .329 2.5 .098 9 .354 3.6 .142 2.4 .094 3.1 .122 37.6 1.480 10.7 .421 26.7 30 1.051 1.181 12 .472 19 .748 r1.8 r.071 schematic hole spacing tolerance: 0.1 .004 6 3 n.o. terminal coil terminal common terminal 5 1 2-3.2 dia. 37.6 2-.126 dia. 1.480 cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: gener al toler ance 0.2 .008 0.3 .012 0.5 .020 2) jc 2 form a external dimensions accept faston 187 3 4 5 2 1 6 30.5 1.201 2 .079 2.5 .098 3.6 .142 45 1.772 1.4 dia. .055 8.35 .329 2.5 .098 4.75 .187 0.5 .020 8.35 .329 2.4 .094 9 .354 3.1 .122 37.6 1.480 10.7 .421 26.7 30 1.051 1.181 12 .472 19 .748 r1.8 r.071 schematic (bottom view) hole spacing tolerance: 0.1 .004 6 34 5 2 1 common terminal coil terminal n.o. terminal 2-3.2 dia. 37.6 2-.126 dia. 1.480 cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: gener al toler ance 0.2 .008 0.3 .012 0.5 .020 asctb79e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
|