Part Number Hot Search : 
2762A 5539K2 DP7045 OP798 FR101G ON2085 AN581 TW2871
Product Description
Full Text Search
 

To Download ICT1-07-2400-ICT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,00mm) .0394" ict1, irm1 series ict1?10?12.00?ted www.samtec.com mates with: erf8(-l), irm1 for complete speci cations and recommended pcb layouts see www.samtec.com?ict1 cable: 28 awg silver plated copper probe tip: phosphor bronze plating: au over 50? (1,27?) ni operating temp range: -55? to +125? rohs compliant: ye s specifications i rugged low cost test probe ict1 no. of positions per row ?05, ?07, ?10, ?20 wire length in inches ?12.00 = 12.00" (304,80mm) ?24.00 = 24.00" (609,60mm) ?36.00 = 36.00" (914,40mm) ?ict1 = probe pin ?teu = erm8 pin 1 up ?ted = erm8 pin 1 down ?hhsc = terminal through-hole (?10 positions only) wire length instrument end (6,20) .244 (1,00) .0394 (0,36) .014 dia (24,85) .978 (2,54) .100 01 02 wire length ?1% probe end instrument end eliminate costly pcb test connectors lower production costs b y moving most of the interface costs to the lab tool/cable spring loaded compression interf ace mechanical squeeze latch f or easy on/off test boards available f or performance veri cation. contact sig@samtec.com features ?tr = tape & reel ?t = matte tin ?05, ?07, ? 10, ?20 no. of positions plating irm1 tr 01 mates with: ict1 for complete speci cations and recommended pcb layouts see www.samtec.com?irm1 insulator material: black lcp plating: sn over 50? (1,27?) ni weld tab: phosphor bronze note: some sizes, styles and options are non-standard, non-returnable. specifications (8,35) .329 (4,75) .187 dia b a c (1,00) .039 dia d (0,50) .020 (1,40) .055 (5,00) .197 (9,20) .362 probe cap standard probe cap protects pins. application f-211-1 no. of positions abcd ?05 (12,80) .504 (8,00) .315 (6,00) .236 (10,40) .40 9 ?07 (14,80) .583 (10,00) .3 9 4 (8,00) .315 (12,40) .488 ?10 (17,80) .701 (13,00) .512 (11,00) .433 (15,40) .606 ?20 (27,80) 1.09 4 (23,00) .9 06 (21,00) .827 (25,40) 1.000


▲Up To Search▲   

 
Price & Availability of ICT1-07-2400-ICT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X