Part Number Hot Search : 
0N100B MC96406 0N100B 3V16X25 91SAM D1238 STCC08 89829UH
Product Description
Full Text Search
 

To Download FP3-R20-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pm-13 high current (fp3) flat-pac? 3 description ? 155c maximum total temperature operation ? low profile high current inductors ? inductance range 0.1uh to 15uh ? design utilizes high temperature powder iron material with a non-organic binder to eliminate thermal aging ? current rating up to 34.7adc (higher peak currents may be attained with a greater rolloff, see rolloff curve) ? frequency range up to 2mhz applications ? computers and portable power devices ? energy storage applications ? dc-dc converters ? input - output filer application en vironmental data ? storage temperature range: -40c to +155c ? operating ambient temperature range: -40c to +155c (range is application specific). ? solder reflow temperature: +260c max. for 10 seconds max. packaging ? units supplied in tape and reel packaging. reel quantity = 1,700 parts per reel. part rated ocl (1) irms (2) isat (3) isat (4) dcr k-factor (5) number inductance h 15% amperes amperes amperes mohms @ 20c h approx. 10% approx. 15% (max.) fp3-r10-r 0.10 0.10 19.0 27 34.7 1.21 803 FP3-R20-R 0.20 0.22 15.3 16 20.8 1.88 482 fp3-r47-r 0.47 0.44 10.9 11.6 14.9 3.67 344 fp3-r68-r 0.68 0.72 9.72 9.0 11.6 4.63 268 fp3-1r0-r 1.00 1.10 6.26 7.4 9.5 11.2 219 fp3-1r5-r 1.50 1.50 5.78 6.2 8.0 13.1 185 fp3-2r0-r 2.00 2.00 5.40 5.4 6.9 15.0 161 fp3-3r3-r 3.30 3.20 3.63 4.3 5.5 30.0 127 fp3-4r7-r 4.70 4.70 3.23 3.5 4.2 40.0 105 fp3-8r2-r 8.20 8.5 2.91 2.6 3.4 74.0 78 fp3-100-r 10.0 10.9 2.30 2.3 3.0 101 69 fp3-150-r 15.0 14.9 2.22 2.0 2.5 127 59 1) ocl (open circuit inductance) test parameters: 100khz, 0.1vrms, 0.0adc 2) dc current for an approximate t of 40c without core loss. derating is neces- sary for ac currents. pcb layout, trace thickness and width, air-flow, and proximi- ty of other heat generating components will affect the temperature rise. it is recommended that the temperature of the part not exceed 155 c under worst case operating conditions verified in the end application. 3) isat amperes peak for approximately 10% rolloff @ 20c 4) isat amperes peak for approximately 15% rolloff @ 20c 5) k-factor: used to determine b p-p for core loss (see graph). b p-p =k*l* i b p-p:(gauss), k: (k factor from table), l: (inductance in uh), i (peak to peak ripple current in amps). flat-pac? 3 low profile inductors mechanical diagrams top view front view 7.50 4.50 (2x) 2.50 (2x) recommended pcb pad layout 2 schematic 1 3.00 max 2.8 0.25 ( 2x) xxx 7.25 max 6.70 max yww 2 2.8 0.25 fp3 (2x) 1 side view 1.0 min. (2x) 4. 0 2. 0 12. 0 a o k o b o 16.0 +/-0. 3 7. 5 1.7 5 a 2 1 a ao= 6.6mm bo= 7.1mm ko= 3.2m m 0.3 rad max. 1.5 dia min. 0.30 +/-0.05 1.5 dia +0.1/-0.0 0.5 rad typ. direction of feed section a-a packaging information dimensions in millimeters xxx = inductance value yww = date code rohs 2002/95/ec
pm-14 high current (fp3) flat-pac? 3 ocl vs. isat 0 10 20 30 40 50 60 70 80 90 100 0 20 40 60 80 100 120 140 160 180 200 % of isat %ofocl fp3 ac loss a fre q uency (khz) tfre q uency, khz coreloss vs. flux density 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 250 500 750 1000 1250 1500 1750 2000 2250 b p-p (gauss) coreloss (w) 200 300 400 500 600 700 800 900 1000 temperature rise vs. watt loss 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 0.12 0.24 0.36 0.48 0.61 0.73 0.85 0.97 1.09 1.21 1.33 1.45 1.57 total loss (w ) temperature rise (c) flat-pac? 3 low profile inductors inductance characteristics core loss


▲Up To Search▲   

 
Price & Availability of FP3-R20-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X