Part Number Hot Search : 
C5750X7R 2SD90 07K460 13156 CMF85A E001700 1006F TZJ18
Product Description
Full Text Search
 

To Download CL31A475KOHNNNE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification ? supplier : samsung electro-mechanics ? samsung p/n : CL31A475KOHNNNE ? product : multi-layer ceramic capacitor ? descriptiont : cap, 4.7 ? , 16v, 10%, x5r, 1206 cl 31 a 475 k o h n n n e ? ???? series samsung multi-layer ceramic capacitor size 1206 (inch code) l: 3.2 0.2 mm w: 0.2 mm dielectric x5r inner electrode capacitance 4.7 ? termination capacitance 10 % plating (pb free) tolerance product normal rated voltage 16 v special reserved for future use thickness 1.6 0.2 mm ? packaging embossed type, 7" reel a. samsung part number 1.6 ni cu sn 100% b. samsung reliability test and judgeme nt condition capacitance within specified tolerance 1 ? 10% 1.00.2vrms tan (df) 0.075 max. insulation 10,000mohm or 100mohm ? ? rated voltage 60~120 sec. resistance whichever is smaller appearance no abnormal exterior appearance microscope ( ? 10) withstanding no dielectric breakdown or of the rated voltage voltage mechanical breakdown temperature x5r characteristics (from -55 to 85 , capacitance change should be within 15%) adhesive strength no peeling shall be occur on the 500g ? f, for 101 sec. of termination terminal electrode bending strength capacitance change : within 12.5% bending to the limit (1mm) with 1.0mm/sec. solderability more than 75% of terminal surface snag3.0cu0.5 solder is to be soldered newly 2455 , 30.3sec. (preheating : 80~120 for 10~30sec.) resistance to capacitance change : within 7.5% solder pot : 2705 , 101sec. soldering heat tan , ir : initial spec. test condition 250% performance
vibration test capacitance change : within 5% amplitude : 1.5mm tan , ir : initial spec. from 10 ? to 55 ? (return : 1min.) 2hours ? 3 direction (x, y, z) moisture capacitance change : within 12.5% with rated voltage resistance tan : 0.1 max 402 , 90~95%rh, 500+12/-0hrs ir : 500mohm or 25mohm ? ? whichever is smaller high temperature capacitance change : within 12.5% wit h of the rated voltage resistance tan : 0.1 max max. operating temperature ir : 1000mohm or 50mohm ? ? whichever is smaller 1000+48/-0hrs temperature capacitance change : within 7.5% 1 cycle condition cycling tan , ir : initial spec. min. operating temperature 25 max. operating temperature 25 5 cycle test c. recommended soldering method : reflow ( reflow peak temperature : 260+0/-5 , 10sec. max ) * for the more detail specification, please refer to the samsung mlcc catalogue. performance test condition 200%


▲Up To Search▲   

 
Price & Availability of CL31A475KOHNNNE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X