Part Number Hot Search : 
SAA7377 NYC222 TG123200 TCU20A30 KV1843ER KJ10ETR 330000 YDT157
Product Description
Full Text Search
 

To Download C07-1153-200000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 1 mm = 0.04 inch, 1 inch = 25.4 mm ? rugged design ? lead free reflowable ? packaged for modern manufacturing methods ? easy to modify ? sealable up to ip 68 (2bar) designation type 07 type c07a t ype c07 (concentric) dimension 10 x 10 mm 10 x 10 mm 10 x 10 mm connection tht (dil) tht (dil) tht (dil) function (code) bcd (10 pos.) bcd compl. (10 pos.) hex (16 pos.) hex (16 pos.) hex (16 pos.) hex compl. (16 pos.) hex compl. (16 pos.) gray code 0 - f (16 pos.) gray code 0 - f (16 pos.) gray code 0 - f (16 pos.) one pole 3 pos. center off indexing angle 22.5, 36 22.5 22.5 processing wave soldering wave soldering wave soldering reflow (on request) reflow(on request) reflow contact material 3m gold plated 3m gold plated 3m gold plated life expectancy: switching cycles > 10'000 cycles > 10?000 cycles > 10?000 cycles 16 pos. > 7?500 cycles 3 pos. rotations contact resistance < 50 m ? < 50 m ? 16 pos. and 3 pos. max 1 ? page 6-8 page 9 page 10-11 technical data page 60-64 page 65-67 page 68-70 technical data our ability to adapt existing components to your applica- tion, makes elma your preferred solution partner. the following rugged switches are also available in coded (binary code) versions type 04 type 06 type 08 coding 0-9 coding 0-11 coding 0-11 page 22 page 24 page 28 coded switches overview type c07 (concentric) type 07 type c07a
10 technical data and modified versions see page 68-70 1 mm = 0.04 inch, 1 inch = 25.4 mm coded switches type c07 (concentric) ? 16 position coded output one pole 3 pos. center off ? >10'000 switching cycles 16 pos. >7'500 switching cycles 3 pos. ? small and rugged ? tape & reel ? leadfree reflowable ? steel spindle-shaft ? sealable up to ip 68 (2 bar, inner/outer shaft) horizontal horizontal for panel mounting 10.16 0.34 10.5 6d11 5.4 6 ?5 9.5 2.3 13.5 5.42 1.8 2.5 6 3.5 2.5 ?3.2 4.5 15,5 (al) 3 2 1 2 22.5 m6x0,75 ?0.9(9x) 5.08 2 2.15 2.15 4 0.375 2.4 4.65 ?1.1 2.54 2.54 2 8 a 1 c b c 4 c 0.8 0.74 4.68 2 5.42 ? 6 6d11 4.4 1.2 2.1 front panel cut out nut front panel cut out drilling diagram view from component side inner shaft switch on position 0 outer shaft shown in extreme clockwise position 1 inner and outer shaft with o-ring (ip64) support pins to avoid tipping 2.5
11 horizontal for panel mounting coding switching function positions indexing tape & reel packaging (with end stop) angle (250pcs) (50pcs) hex shorting 16 22,5 c07-1153t200000 C07-1153-200000 one pole 3 pos. center off shorting 3 22,5 gray code shorting 16 22,5 c07-1173t200000 c07-1173-20 one pole 3 pos. center off shorting 3 22,5 o-ring and nut supplied 1 mm = 0.04 inch, 1 inch = 25.4 mm horizontal coding switching function positions indexing tape & reel packaging (with end stop) angle (250 pcs) (50 pcs) hex shorting 16 22,5 c07-1153t c07-1153 one pole 3 pos. center off shorting 3 22,5 gray code shorting 16 22,5 c07-1173t c07-1173 one pole 3 pos. center off shorting 3 22,5 8421 0 1 ? 2 ?? 3 ? 4 ?? 5 ??? 6 ?? 7 ? 8 ?? 9 ?? ? a ???? b ??? c ?? d ??? e ?? f ? inner shaft hexidecimal inner shaft gray code ab 1 ? 2 3 ? outer shaft coding tape & reel packaging label with part no./ quantity and date code sensitive cover tape pull-off direction 330 100 165 -180 a 200mm (10 empty) end of empty tape 13.4 ?1.5 400 mm (20 empty) beginning of empty tape 20 2 1.75 56 52.4 36 5000mm = 250 coded switch part conforms to eia-481-b standards 1 4 8 2 c c a b c view a 8421 0 1 ? 2 ? 3 ?? 4 ? 5 ?? 6 ?? 7 ??? 8 ? 9 ?? a ?? b ??? c ?? d ?? ? e ??? f ????


▲Up To Search▲   

 
Price & Availability of C07-1153-200000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X