Part Number Hot Search : 
1001000 PC2VL 9S08DZ16 XMEGA FR20K05 77034052 4078B KBPC5
Product Description
Full Text Search
 

To Download AW-51-03-G-D-122-075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (0,80mm) .0315" aw series surface mount optional end shrouds for blind mating ideal for high density skyscrapers (0,80mm) .0315" micro pitch choice of post heights and board space aw?40?03?g?d?230?075 aw?10?03?g?d?130?175 aw?50?03?g?d?130?175 www.samtec.com post height d aw no. pins per row ??xxx? = post height (in inches) (1,91) .075 minimum example: ?075 = (1,91mm) .075" plating option 03 ?es option mates with: cle option (1,91) .075 dia (3,05) .120 (1,20) .047 (0,80) .0315 02 01 (0,30) .012 sq no. of positions x (0,80) .0315 (3,18) .125 (1,38) .055 stacker height (3,09) .122 to (5,84) .230 (4,17) .164 (5,08) .200 x (3,18) .125 (3,56) .140 (3,56) .140 (7,75) .305 max overall length (4,57) .180 (1,70) .067 (1,91) .075 min post height (3,81) .150 ?p option stacker height ??xxx? = stacker height (in inches) (3,09) .122 to (5,84) .230 example: ?175 = (4,45mm) .175" ?p option ?ep option ?es option ?ep option for complete speci cations and recommended pcb layouts see www.samtec.com?aw insulator material: top: black lcp bottom: natural lcp terminal material: phosphor bronze plating: au over 50? (1,27?) ni current rating: .75a @ 80? ambient operating temp range: -55? to +125? rohs compliant: ye s processing: lead-free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (05-40) (0,15mm) .006" max (41-90) note: some lengths, styles and options are non-standard, non-returnable. overall pin (oal) board space socket profile post board stacking stacker height f-211 options 05 thru 90 ?g = 10" (0,25m) gold ?es = end shroud 11 pins/row min. (?075 post height only) ?ep = end shroud with guide post (?075 post height only) 11 pins/row min. ?a = alignment pin (4 positions min.) (available for board stacks between (4,06) .160 to (5,84) .230) metal or plastic at samtec discretion. ?p = pick & place pad (8 positions min.) ?tr = tape & reel (84 positions max.) specifications smt micro board stacker


▲Up To Search▲   

 
Price & Availability of AW-51-03-G-D-122-075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X