Part Number Hot Search : 
S1010 C74VH HAF2017 EUP2571 HA8002 787HVI RATIO C74VH
Product Description
Full Text Search
 

To Download ATS64DSFCBK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ats series page one of three 
  
       
features      chamfered entry prevents pin stubbing high reliability tuning fork contact insulator standoffs reduce rework due to flux residue low profile allows tighter packaging mates with crane?s peg, mpeg, lpeg, and dpeg headers standard part dimensions insulator body single row dual row w width 0.098" / 2,49mm 0.195" / 4,95mm h height 0.225" / 5,72mm 0.225" / 5,72mm s standoff 0.015" / 0,38mm 0.015" / 0,38mm pc tail single row dual row l length 0.115" / 2,92mm 0.115" / 2,92mm width x thickness 0.030" / 0,76mm x 0.016" / 0,41mm materials insulator body glass filled polyester (ul94v-o) contact phosphor bronze see specificat ions and performance data for more information. crane really stacks up ... and down! crane?s ats series board mount sockets team with crane?s pin strip headers for board stackin g combinations as hi g h as 2.000", and as low as 0.225". when it comes to board stackin g , we?ve g ot the answers! sample hotline: 1-800-676-7644 crane connectors  4700 smith road  cincinnati, ohio 45212 usa  e-mail address: info@craneconnectors.com phone: (513) 631-4700  fax (513) 631-5700  toll free us (800) 676-7644  canada (800) 420-7310 single row (1 to 32 positions) dual row (2 to 64 positions)
ats series page two of three 0.100" (2,54mm) centers to mate with 0.025" (0,64mm) square mating posts how to order crane?s ats series standard part number opt -- product series ats total number of positions single 01-40 dual 02-80 number of rows single s dual d type of socket straight s contact plating choose g, t or h, f note: some platings may be subject to minimums tail plating same as contact c contact spacing 0.100" x 0.100" (2,54mm x2,54mm) b board retention option kinked tails k benefits of a tuning fork contact  undamaged by multiple flexing  high normal forces limit surface movement  foreign material cannot enter contact area (gas tight)  high retention force without high insertion force  contact made on both sides of the mating pin  insertion range from 0.095" to 0.170" sample hotline: 1-800-676-7644 crane connectors  4700 smith road  cincinnati, ohio 45212 usa  e-mail address: info@craneconnectors.com phone: (513) 631-4700  fax (513) 631-5700  toll free us (800) 676-7644  canada (800) 420-7310
crane connectors - pl ating specifications plating options contact area inches (millimeters) pc tail inches (millimeters) underplate inches (millimeters) g selective 15  ? (0,,00038) gold 100  ? (0,00254) tin/lead - min 50  ? (0,00127) nickel - min. t tin / lead 100  ? (0,00254) tin / lead 100  ? (0,00254) tin/lead - min 50  ? (0,00127) nickel - min. m selective 50  ? (0,00127) gold 100  ? (0,00254) tin/lead - min 50  ? (0,00127) nickel - min. h selective 30  ? (0,00076) gold 100  ? (0,00254) tin/lead - min 50  ? (0,00127) nickel - min. l selective 10  ? (0,00025) gold 100  ? (0,00254) tin/lead - min 50  ? (0,00127) nickel - min. f selective 3  ? (0,00008) gold 100  ? (0,00254) tin/lead - min 50  ? (0,00127) nickel - min. standards standards iso9001 crane connectors file no. a-3620 registered by ul to iso9001 under ul?s accreditation by raad voor de certificatie (rvc), the dutch council for certification. engineering note: the information presented in this catalog page is accurate to the best of our knowledge. due to ongoing eff orts to advance design and material performance, the information is subject to change without notice. sample hotline: 1-800-676-7644 crane connectors  4700 smith road  cincinnati, ohio 45212 usa  e-mail address: info@craneconnectors.com phone: (513) 631-4700  fax (513) 631-5700  toll free us (800) 676-7644  canada (800) 420-7310


▲Up To Search▲   

 
Price & Availability of ATS64DSFCBK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X