Part Number Hot Search : 
UN921M ABT162 S1036 74LV139 ABT16 AN1268 MH1362 2SA1025
Product Description
Full Text Search
 

To Download AC162050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2005 microchip technology inc. ds51292l-page 1 mplab ? icd 2 header specification introduction this document contains information about mplab ? icd 2 headers, which provide in-circuit debugging capabilities for specific microchip devices. a special icd/ice device is connected to a header board to be used with mplab icd 2. this device is mounted on the top of a header and its signals are routed to the mplab icd 2 connector (figure 1). on the bottom of the header is a socket that is used to connect to the target board. figure 1: mplab ? icd 2 module connection with pdip header special icd/ice versions of selected devices are needed to provide one or more of the following: ? the built-in debug circuitry that a device may lack ? additional pins for the clock, data and mclr functions required for icd ? dedicated program/data memory for icd icd versions are labeled with an icd suffix ( device -icd). for some devices, ice versions are available ( device -ice) and may be used with mplab icd 2 as icd devices. mplab ? icd 2 power in target application target socket mplab icd 2 header stand-off connector ** -icd device* jumpers *number of pins is determined by -icd device used. **number of stand-off pins is determined by mplab icd 2 header used. j2 j1 p1 module
mplab ? icd 2 ds51292l-page 2 ? 2005 microchip technology inc. headers for icd devices some devices have no built-in debug circuitry. therefore, special icd versions of these devices are required for mplab icd 2 operation. other devices have built-in debug circuitry and do not require a header to use mplab icd 2. however, some pins and memory must be used to support the icd function. therefore, for some of these devices, special icd versions offering additional pins (and sometimes memory) are available to provide more transparent debugging capabilities. currently-available headers and their associated icd devices/supported devices are shown in table 1. table 1: header types ? icd devices header part number icd device used devices supported v dd max 8 pin AC162050 pic12f675-icd (1) pic12f629/675 5.5 ac162058 pic12f683-icd pic12f683 5.5 14 pin ac162052 pic16f676-icd (1) pic16f630/676 5.5 ac162057 pic16f636-icd pic12f635, pic16f636 5.5 ac162055 pic16f684-icd pic16f684 5.5 ac162056 pic16f688-icd pic16f688 5.5 ac162059 pic16f505-icd pic10f200/2/4/6 pic12f508/509 pic16f505 5.5 ac162070 pic16f506-icd pic10f220/2 pic12f510 pic16f506 5.5 18 pin ac162053 pic16f648a-icd (1) pic16f627a/628a/648a 5.5 ac162054 pic16f716-icd pic16f716 5.5 20 pin ac162066 pic16f636-icd pic16f639 (dual die) 5.5 ac162060 pic16f785-icd pic16f785/hv785 5.5 ac162061 pic16f690-icd pic16f631/677 pic16f685/687/689/690 5.5 note 1: these devices cannot be programmed or read using mplab ? icd 2 while gp1/ra1 is high (v ih ). move circuitry that makes gp1/ra1 high to another i/o pin during development. see device programming specifications for more information.
header specification ? 2005 microchip technology inc. ds51292l-page 3 headers for ice devices devices that have built-in debug circuitry do not require a header to use mplab icd 2. however, some pins and memory must be used to support the icd function. special ice versions offering additional pins, memory and emulator functions can be used to provide superior debugging capabilities. currently-available headers and their associated ice devices/supported devices are shown in table 2. installation the mplab icd 2 header is installed by following these steps: 1. set up the header board. 2. connect the header and mplab icd 2. 3. connect the header and the target board. set up the header board to set up a header board: 1. if the icd device is not soldered onto the header, plug the icd device into the socket on the top of the header. 2. set any jumpers or switches to determine device functionality/selection as specified in the following sections. 8/14-pin headers for some headers, device peripherals need to be selected by setting jumper j1 to the appropriate position. this will have the effect of selecting the device. table 2: header types ? ice devices header part number ice device used devices supported v dd max 64/80 pin ac162062 pic18f87j10-ice pic18f65j10/85j10 pic18f65j15/85j15 pic18f66j10/86j10 pic18f66j15/86j15 pic18f67j10/87j10 3.6 device jumper setting peripheral function pic12f629 2-3 a/d disabled pic12f675 1-2 a/d enabled pic16f630 2-3 a/d disabled pic16f676 1-2 a/d enabled pic12f635 2-3 portc, comparator 2 disabled pic16f636 1-2 portc, comparator 2 enabled
mplab ? icd 2 ds51292l-page 4 ? 2005 microchip technology inc. 18-pin headers for these headers, there are no jumpers/switches. the device with the most program memory is always selected. if pic16f627a or pic16f628a devices are selected for mplab icd 2 development in mplab ide, the warning ?icdwarn0020: invalid target device id? may be received in the build window and as a dialog. the reason is the pic16f648a-icd device supports pic16f648a, pic16f627a and pic16f628a, but only reports the device id for the pic16f648a. ignore this warning or disable it under the warnings tab on the icd programming dialog. 20-pin header ? pic16f639 for the pic16f639 20-pin header, you will need to connect the jumper j3 as specified below. in addition to being used with mplab icd 2, this header is used with the pcm16ym0 processor module to emulate a pic16f639 on the mplab ice 2000 in-circuit emulator. plug the end of the processor module into the header, and then plug the header into the transition socket or directly onto the target board. 20-pin header ? pic16f785 for the pic16f785 20-pin header, you will need to connect the jumper j2 to enable the shunt regulator. 20-pin header ? pic16f690 for the pic16f690 20-pin header, you will need to set the s1 switches (figure 2) to enable peripherals and choose devices (table 3). figure 2: s1 switch hardware tool jumper setting function mplab ? ice 2000 1-2 run/program as regular device mplab icd 2 2-3 run/program as icd device device jumper setting function pic16f785 1-2 disable shunt regulator pic16hv785 2-3 enable shunt regulator adc 4kpfm eccp ssp usart s1 switch configuration at left shows all peripherals enabled, which is the setting to select the pic16f690 device. enable on
header specification ? 2005 microchip technology inc. ds51292l-page 5 64/80-pin headers for these headers, there are no jumpers/switches. mplab ide will use its selected device to choose the correct device to emulate. test points are available on this header to check the following: v dd , v dd core and ground. the picdem? hpc explorer board is 5v, whereas the icd device on the header is 3.6v max. therefore, modification to the demo board is necessary before the header can be used. 1. switch s3 should be set to ice. 2. jumper j2 must be connected as shown to modify the operating voltage. see demo board documentation for more information. connect the header and mplab icd 2 connect the 9-inch modular interface cable between the mplab icd 2 module and the mplab icd 2 header. connect the header and the target board the header may be connected to the target board as follows: ? pdip header socket to pdip target socket with a stand-off (male-to-male connector) ? header socket to plug on the target board ? header socket to target socket with a transition socket (see mplab ? ice 2000/4000 transition socket specification , ds51194) table 3: s1 switch settings device switches adc 4kpfm usart ssp eccp pic16f631 0 0* 0 0 0 pic16f677 1 0** 0 1 0 pic16f685 1 1 0 0 1 pic16f687 1 0** 1 1 0 pic16f689 1 1 1 1 0 pic16f690 1 1 1 1 1 legend: 1 = enabled 0 = disabled * = 1k pfm ** = 2k pfm caution this header cannot be plugged directly into the picdem? hpc explorer board or device damage will result. j2 pin1 vin adj +5v r for v = 3.3v: r = 1.18k (1%)
mplab ? icd 2 ds51292l-page 6 ? 2005 microchip technology inc. programming no n-icd devices the mplab icd 2 header can only program the -icd device, not the regular device. to program non-icd devices with the mplab icd 2, use the universal programming module (ac162049) or design a modular interface connector on the target. see the appropriate specification for connections. for the most up-to-date device programming specifications, see the microchip website (www.microchip.com). calibration bits the calibration bits for the band gap and internal oscillator are always preserved by the mplab icd 2 to their factory settings. mplab icd 2 performance the picmicro ? mcu devices do not support partial program memory erase; therefore, users may experience slower mplab icd 2 performance than with other devices. additional information please refer to the mplab ? icd 2 in-circuit debugger user?s guide (ds51331), mplab ide help and the mplab icd 2 readme for additional information. schematics the following schematics show header electrical connections.
header specification ? 2005 microchip technology inc. ds51292l-page 7 figure 3: 8/14/18-pin headers enable icdmclr v dd icdclk icddata vss icd nc 1 2 3 4 5 6 7 14 13 12 11 10 9 8 jp1 2 1 3 v dd to mplab ? icd 2 connector enable icdmclr v dd icdclk icddata vss icd nc 1 2 3 4 5 6 7 20 19 18 17 16 15 14 jp1 2 1 3 v dd to mplab ? icd 2 connector 8 9 10 11 12 13 1 2 3 4 5 6 7 28 27 26 25 24 23 22 8 9 10 19 20 21 icdmclr 18 15 16 17 11 14 13 12 icdclk icddata v dd vss icd to mplab ? icd 2 connector 8-pin header 14-pin header 18-pin header
mplab ? icd 2 ds51292l-page 8 ? 2005 microchip technology inc. figure 4: 20-pin headers icdmclr v dd icdclk icddata vss icd nc 1 2 3 4 5 6 7 20 19 18 17 16 15 14 jp3 2 1 3 v dd to mplab ? icd 2 connector 8 9 10 11 12 13 pic16f639 1 2 3 4 5 6 7 28 27 26 25 24 23 22 8 9 10 19 20 21 icdmclr 18 15 16 17 11 14 13 12 icdclk icddata v dd vss icd to mplab ? icd 2 connector nc nc nc shntreg jp2 2 1 3 v dd pic16f785 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 icdmclr icdclk icddata v dd vss icd v dd vss vss to mplab ? icd 2 connector pic16f690
header specification ? 2005 microchip technology inc. ds51292l-page 9 figure 5: 64/80-pin headers 1 19 21 32 96 85 84 79 70 65 33 45 47 64 128 116 115 111 109 97 icck icdt v dd vss v dd core vss vss to mplab ? icd 2 connector vss v dd enicport v dd icrst v dd max = 3.6v
mplab ? icd 2 ds51292l-page 10 ? 2005 microchip technology inc. notes:
? 2005 microchip technology inc. ds51292l-page 11 information contained in this publication regarding device applications and the like is prov ided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application m eets with your specifications. microchip makes no representations or war- ranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip?s products as critical components in life support systems is not authorized except with express written approval by microchip. no licenses are conveyed, implicitly or otherwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, accuron, dspic, k ee l oq , micro id , mplab, pic, picmicro, picstart, pro mate, powersmart, rfpic, and smartshunt are registered trademarks of micr ochip technology incorporated in the u.s.a. and other countries. amplab, filterlab, migratable memory, mxdev, mxlab, picmaster, seeval, smartsensor and the embedded control solutions company are registered trademarks of microchip technology incorporated in the u.s.a. analog-for-the-digital age, app lication maestro, dspicdem, dspicdem.net, dspicworks, ecan, economonitor, fansense, flexrom, fuzzylab, in-circuit serial programming, icsp, icepic, linear active thermistor, mpasm, mplib, mplink, mpsim, pickit, picdem, picdem.net, piclab, pictail, powercal, powerinfo, powermate, powertool, rflab, rfpicdem, select mode, smart serial, smarttel, total endurance and wiperlock are trademarks of microchip tec hnology incorporated in the u.s.a. and other countries. sqtp is a service mark of mi crochip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2005, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the most secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal methods used to breach the code protection feature. all of these methods, to our knowledge, require using the microchip produc ts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are co mmitted to continuously improvin g the code protection features of our products. attempts to break microchip?s code protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona and mountain view, california in october 2003. the company?s quality system processes and procedures are for its picmicro ? 8-bit mcus, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified.
ds51292l-page 12 ? 2005 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://support.microchip.com web address: www.microchip.com atlanta alpharetta, ga tel: 770-640-0034 fax: 770-640-0307 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 kokomo kokomo, in tel: 765-864-8360 fax: 765-864-8387 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 san jose mountain view, ca tel: 650-215-1444 fax: 650-961-0286 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8528-2100 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8676-6200 fax: 86-28-8676-6599 china - fuzhou tel: 86-591-8750-3506 fax: 86-591-8750-3521 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - shunde tel: 86-757-2839-5507 fax: 86-757-2839-5571 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7250 fax: 86-29-8833-7256 asia/pacific india - bangalore tel: 91-80-2229-0061 fax: 91-80-2229-0062 india - new delhi tel: 91-11-5160-8631 fax: 91-11-5160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - gumi tel: 82-54-473-4301 fax: 82-54-473-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - penang tel: 604-646-8870 fax: 604-646-5086 philippines - manila tel: 632-634-9065 fax: 632-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-572-9526 fax: 886-3-572-6459 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - weis tel: 43-7242-2244-399 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-352-30-52 fax: 34-91-352-11-47 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 w orldwide s ales and s ervice 08/24/05 *ds51292l*


▲Up To Search▲   

 
Price & Availability of AC162050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X