Part Number Hot Search : 
4304H5 AN001PG RHF330 AT54S 2N381 CEM3128 00BZXI SPE0571
Product Description
Full Text Search
 

To Download A44-015-02-0-BGAMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi ditouch connectors cam-a44, a45 series features connectors 1. this connector allows for dismounting and remounting of the front panel of car audio equipment mainly to prevent burglary. it is also suitable to the circuit connection between various electronic units. 2. a fitting positioning guide provided on socket side can absorb the play when fitting. 3. socket connector which can be mounted directly on the main circuit board reduces the cost of the connector proper. anti-static metal cover provided. how to order specifications voltage rating 14v dc current rating 1a withstanding voltage 500v ac (rms )1minute insulation resistance 100m min. (at 500v dc) contact resistance 50m max. electrical characteristics 1. cam-a44 a44-015-19-0-b g g a h 123456789 1 series no. (a44) 2 no. of contacts (015 : 15pins) 3 housing material (02 : pbt resin, 05 : 46nylon) 4 housing ul grade (0 : ul94v-0) 5 contact finish (b : contacts/gold plating, read pin/solder plating) 6 contact pin plating thickness (g : 0.3) 7 contact read style (a : straight, g : angle smt) 8 socket accessories (a : non, m : shielded case) 9 plug accessories (a : non, h : wing) 2. cam-a45 (socket) a45-015-02 0-b g a m a 123456789 1 series no. (a45) 2 no. of contacts (015 : 15pins) 3 housing material (02 : pbt resin, 05 : 46 nylon) 4 housing ul grade (0 : ul94v-0) 5 contact finish (b : contacts/gold plating, leads/solder plating) 6 contact pin plating thickness (g : 0.3) 7 contact read style (a : straight, g : angle smt) 8 socket accessories (a non, m : shielded case) 9 plug accessories (a : non, h : wing)
mitsumi ditouch connectors unit : mm dimensions material & finish component parts material finish housing pbt resin cam-a44 contact copper alloy gold selective plating wing copper alloy solder plating housing pbt resin cam-a45 contact copper alloy gold selective plating cover copper alloy tin reflow plating life (mating cycle) 10,000 total insertion force 11.8n (1.2kgf ) max. total withdrawal force 2~49n (0.2~5kgf ) using temperature range - 20~+80?c mechanical characteristics cam-a44 series cam-a45 series


▲Up To Search▲   

 
Price & Availability of A44-015-02-0-BGAMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X