Part Number Hot Search : 
SMA4743 SBR101 50014 B95027 KRA563U FDAP1D1 221MT CH29BU
Product Description
Full Text Search
 

To Download 892-1G01-231-RA-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits a roxboro group company s features hi-flux leds to simulate point light source for enhanced optical performance z faster on/off response time than incandescent lamps improves safety z flicker resistance & reduced current draw z 5+ year life reduces maintenance costs s l.o.d compliance available (q3) s prevents sun phantom effects by eliminating use of colored inner filter lenses s designed to fit safetran, us&s, grs, and other 8 inch diameter transit wayside signal heads s uses existing signal head outer lens s 12 volt ac/dc and 120 volt ac versions s power factor correction & reduced thd s certified for rail environment s includes arema terminal block and complete installation hardware kit s rear indicator for use by maintenance crew application 892 series led 8 3 / 8? wayside signal lamp module with rear led indicator and arema terminal block mdtr892x001_01 mechanical dimensions in inches and (millimeters) shown without wires for clarity. wires would come from the bottom of the module and be connected to the arema terminal block. dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com arema terminal block s dialight is the recognized leader in led applications for transportation signaling, and has worked cooperatively with leading transit rail customers to develop this unique solution to wayside signal applications for leds. it is proven to be a preferred product over traditional 5mm led distributed array solutions. s the 892 series led wayside signal lamp modules were developed by dialight specifically for retrofit applications where replacement of existing incandescent light bulbs is desired. this installation approach provides all the benefits of leds witho ut the complex retrofit of the entire lens and housing assemblies. installation is nearly as simple as replacement of the incandescent bulb. dialight lamp modules have been fully qualified for the rail environment and incorporate power factor correction and total harm onic distortion reduction circuitry. preliminary new for 2004
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company electrical characteristics @ 25 o c part number color description operating voltage 892-1G01-231-RA-001 green ring lug, 12? leads 8-16 vdc 892-1r01-231-ra-001 red ring lug, 12? leads 8-16 vdc 892-1y01-231-ra-001 yellow ring lug, 12? leads 8-16 vdc 892-1w01-231-ra-001 white ring lug, 12? leads 8-16 vdc 892-1g02-231-ra-001 green ring lug, 12? leads 90-130 vac 892-1r02-231-ra-001 red ring lug, 12? leads 90-130 vac 892-1y02-231-ra-001 yellow ring lug, 12? leads 90-130 vac 892-1w02-231-ra-001 white ring lug, 12? leads 90-130 vac optical performance @ 25 o c 892 series led 8 3 / 8? wayside signal lamp module with rear led indicator and arema terminal block mdtr892x001_01 preliminary new for 2004 892 series on-axis beam description intensity (cd) angles red wayside signal 2100 2 o 12?(h) x 1 o 10?(v) yellow wayside signal 3900 2 o 12?(h) x 1 o 10?(v) green wayside signal 2800 2 o 12?(h) x 1 o 10?(v) white wayside signal 3200 2 o 12?(h) x 1 o 10?(v) blue wayside signal 400 2 o 12?(h) x 1 o 10?(v) minimum initial light output


▲Up To Search▲   

 
Price & Availability of 892-1G01-231-RA-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X