Part Number Hot Search : 
ER106 AQZ102D TGT20 2SB64 TZ630N EF9365 EF9365 TPC6108
Product Description
Full Text Search
 

To Download 8897080000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | functional electronics | relays | riderseries | complete modul | 2 co | rci - 1 - general ordering data order no. 8897080000 part designation rcikit 115vac 2co ld/pb version relays, 2 co contact with test button, 115 v ac , 8 a, screw connection ean 4032248646852 qty. 10 pc(s). input rated control voltage 115 v ac pull-in (sparkover) / drop-out voltage ac coil 86.3 v / 17.3 v rated current ac 6.6 ma power rating 0.75 va status indicator red led output continuous current 8 a max. switching voltage ac 250 v contact data number of contacts 2 contact base material agni 90/10 rated data connection system screw connection din rail compatibility ts 35 ul 94 flammability class v-0 ambient temperature (operational) -40 c...+70 c insulation coordination (en 50 178) clearance and creepage distances for control side - load side 8 mm overvoltage category iii pollution severity 3 secure separation acc. to vde 0106 part 101 yes
product catalogue | functional electronics | relays | riderseries | complete modul | 2 co | rci - 2 - insulation coordination (en 50 178) dimensions clamping range, max. 2.5 mm2 clamping range, min. 0.5 mm2 clamping range, nom. 2.5 mm2 length 70 mm height 77 mm width 15.5 mm classifications eclass 5.1 27-37-16-01 similar products order no. part designation version 8897100000 rcikit 115vac 2co ld relays, 2 co contact, 115 v ac , 8 a, screw connection 8881630000 rcikit 230vac 2co ld/pb relays, 2 co contact with test button, 230 v ac , 8 a, screw connection 8871050000 rcikit 230vac 2co led relays, 2 co contact, 230 v ac , 8 a, screw connection 8881620000 rcikit 24vac 2co ld/pb relays, 2 co contact with test button, 24 v ac , 8 a, screw connection 8871040000 rcikit 24vac 2co led relays, 2 co contact, 24 v ac , 8 a, screw connection 8881610000 rcikit 24vdc 2co ld/pb relays, 2 co contact with test button, 24 v dc , 8 a, screw connection 8871030000 rcikit 24vdc 2co led relays, 2 co contact, 24 v dc , 8 a, screw connection 8897170000 rcikitp 115vac 2co ld relays, 2 co contact, 115 v ac , 8 a / 1 contact, push-in spring connection 8897180000 rcikitp 230vac 2co ld relays, 2 co contact, 230 v ac , 8 a / 1 contact, push-in spring connection 8897160000 rcikitp 24vac 2co ld relays, 2 co contact, 24 v ac , 8 a / 1 contact, push-in spring connection 8897240000 rcikitp 24vac 2co ld/pb relays, 2 co contact with test button, 24 v ac , 8 a / 1 contact, push-in spring connection 8897150000 rcikitp 24vdc 2co ld relays, 2 co contact, 24 v dc , 8 a / 1 contact, push-in spring connection 8897230000 rcikitp 24vdc 2co ld/pb relays, 2 co contact with test button, 24 v dc , 8 a / 1 contact, push-in spring connection 8897250000 rcikitp115vac 2co ld/pb relays, 2 co contact with test button, 115 v ac , 8 a / 1 contact, push-in spring connection 8897260000 rcikitp230vac 2co ld/pb relays, 2 co contact with test button, 230 v ac , 8 a / 1 contact, push-in spring connection


▲Up To Search▲   

 
Price & Availability of 8897080000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X