Part Number Hot Search : 
AOD474 PMB2405 GSX2F 1812SMS D2212 EP2645 18501I Z2APK56H
Product Description
Full Text Search
 

To Download 0877612400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/06/2009 please check www.molex.com for latest part information part number: 0877612400 status: active overview: description: 2.00mm (.079") pitch milli-grid? header, dual row dual body, through hole, vertical, 24 circuits, 0.75m (30") gold (au) selective plating, 27.50mm (1.083") stacking height, tray packaging, lead-free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-87761-100 (pdf) general product family pcb headers series 87761 application board-to-board overview milli-grid™ product name dual body product name milli-grid? physical breakaway yes circuits (loaded) 24 circuits (maximum) 24 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.217 in mated height (mm) 5.50 mm material - metal copper alloy material - plating mating gold material - plating termination tin material - resin nylon number of rows 2 orientation vertical pcb locator no pcb retention none packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 79 plating min: termination (m) 2.00 polarized to mating part no polarized to pcb no robotic placement none shrouded no stackable no temperature range - operating -55c to +105c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 87761 series mates with 79109 board-to-board top/bottom entry smt receptacle
current - maximum 2a voltage - maximum 125v material info reference - drawing numbers product specification ps-87761-100 sales drawing sd-87761-052 this document was generated on 11/06/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0877612400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X