Part Number Hot Search : 
24C02VM 1SMA5938 H11AA13S P6KE300C MU356 1SMA5938 2SC13 TS612
Product Description
Full Text Search
 

To Download UFS105P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u f s 1 0 5 thru u fs 12 0 1 amp s u p er fast recovery rectifier 50 to 2 00 volts do-214aa features for surface mount applications extremely low thermal resistance easy pick and place high temp soldering: 250 c for 10 seconds at terminals s u p er fast recovery times for high efficiency dimensions inches mm dim min max min max note a .07 8 .11 6 1.9 8 2.9 5 1 b .0 75 .08 9 1. 90 2.2 5 c .00 2 .008 . 05 .20 d --- .02 --- .51 e .03 5 .0 55 . 90 1. 40 f .065 .0 91 1.65 2. 32 g .205 .22 4 5.21 5. 70 h .160 .180 4.06 4.57 j .130 .155 3.30 3.94 1) maximum jedec spec is .096? or 2.44 mm maximum ratings electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 1 00 c peak forward surge current i fsm 3 5 a 8.3ms, half sine maximum instantaneous forward voltage v f . 9 5 v i fm = 1 .0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5 m a 5 0 m a t j = 25 c t j = 125 c typical junction capacitance c j 1 5pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 200 m sec, duty cycle 2% h j e f g a b d c 0.070? 0.090 0.085? suggested solder pad layout operating temperature: -5 5 c to +1 5 0 c storage temperature: -5 5 c to +1 5 0 c maximum thermal resistance; 3 0 c/w junction to lead m cc catalog number device marking maximum rec urrent peak reverse voltage maximum rms voltage maximum dc blocking voltage u f s 11 0 100v 70v 100v u f s 11 5 150v 105v 150v u f s s 12 0 200v 140v 200v u f s 10 5 5 0v 5 0v 5 0v www. mccsemi .com 3 0 n s maximum reverse recovery time t rr i f = 0 . 5 a, i rr =0.25a         
 om p on ent s 20736 marilla street chatsworth               !  " #   $
%          !   " #    mcc revision: 3 2003/04/30
u f s 1 0 5 thru u f s 12 0 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 1 5 025 50 75 1 00 0 .2 .4 .6 .8 1.0 1.2 1.4 single phase, half wave 60hz resistive or inductive load amps c 1 2 5 1.6 1.8 2.0 2.2 2.4 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .2 .4 .6 .8 1.0 1.2 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 junction capacitance - pf versus reverse voltage - volts pf volts 60 40 4 400 1000 t j =25 c mcc www. mccsemi .com revision: 3 2003/04/30
u f s 10 5 thru u f s 12 0 t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 50 w 10 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 6 reverse recovery time characteristic and test circuit diagram 1 100 4 0 5 10 15 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 3 5 mcc www. mccsemi .com revision: 3 2003/04/30


▲Up To Search▲   

 
Price & Availability of UFS105P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X