Part Number Hot Search : 
2N3500 2SC52 BD203 A7303 4056E ACT4418D TRPEG1EE MAXIM
Product Description
Full Text Search
 

To Download SS12-SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 1 ss12 thru ss110 1.0amp.surface mount schottky barrier rectifiers voltage range 20 to 100 volts current 1.0amperes features sma dimensions in inches and (millimeters) for surface mounted application easy pick and place metal to silicon rectifier, majority carrier conduction low power loss, high efficiency high current capability, low vf high surge current capability plastic material used carriers underwriters laboratory classification 94v-0 epitaxial construction high temperature soldering: 260 / 10 seconds at terminals mechanical data case : molded plastic terminals : solder plated polarity : indicated by cathode band packaging : 12mm tape eia std rs-481 weight : 0.074gram maximum ratings and elec trical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductiv e load, for capacitive load current derate by 20%. type number ss12 ss13 ss14 ss15 ss16 ss19 ss110 units maximum repetitive peak reverse voltage v rrm 20 30 40 50 60 90 100 v maximum rms voltage v rms 14 21 28 35 42 63 70 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 v maximum average forward rectified current at t l (see fig. 2) i f(av) 1.0 a peak forward surge current,8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a maximum instantaneous forward voltage (note@1.0 a v f 0.50 0.75 0.80 v maximum dc reverse crrent @ ta=25 at rated dc blocking voltage @ ta=125 i r 0.4 10.0 0.4 5.0 0.1 2.0 ma typical thermal resistance (note ) r qjl r qja 28 88 /w operating junction temperature range t j -65 to +125 -65 to +150 storage temperature ranage t stg -65 to +150 note: measured on p.c. board with 0.2? x 0.2? (5.0mm x 5.0mm) copper pad areas
website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 2 ss12 thru ss110 rating and characteristic curves ss12 thru ss110 fig.1-maximum nono-repetitive forward surge current fig.2-maximum forward current derating curve number of cycles at 60hz lead temperature( ) fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics instant aneous forward voltage(v) percent of rated peak reverse voltage(%) note: specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SS12-SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X