Part Number Hot Search : 
PSA3000A TIP146T 74LS2 PAN301A B060006 STN1NF10 AD5170 DTC114
Product Description
Full Text Search
 

To Download SI4435DYL99Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2001 2001 fairchild semiconductor corporation si4435dy rev d1(w) si4435dy 30v p - channel powertrench mosfet general description this p - channel mosfet is a rugged gate version of fairchild semiconductor?s advanced powertrench process. it has been optimized for power management applications requiring a wide range of ga ve drive voltage ratings (4.5v ? 25v). applications power management load switch battery protection features ? 8.8 a, ? 30 v r ds(on) = 20 m w @ v gs = ? 10 v r ds(on) = 35 m w @ v gs = ? 4.5 v low gate charge (17nc typical) fast switching speed high performance trench technology for extremely low r ds(on) high power and current handling capability s d s s so-8 d d d g d d d d s s s g pin 1 so-8 4 3 2 1 5 6 7 8 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain - source voltage ? 30 v v gss gate - source voltage 20 v i d drain current ? continuous (note 1a) ? 8.8 a ? pulsed ? 50 power dissipation for single operation (note 1a) 2.5 (note 1b) 1.2 p d (note 1c) 1 w t j , t stg operating and storage junction temperature range ? 55 to +175 c thermal characteristi cs r q ja thermal resistance, junction - to - ambient (note 1a) 50 c/w r q ja thermal resistance, junction - to - ambient (note 1c) 125 c/w r q jc thermal resistance, junction - to - case (note 1) 25 c/w package marking and ordering information device marking devi ce reel size tape width quantity si4435dy si4435dy 13?? 12mm 2500 units si4435dy
si4435dy rev d1(w) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain ? source breakdown voltage v gs = 0 v, i d = ? 250 m a ? 30 v d bv dss d t j breakdown voltage temperature coefficient i d = ? 250 m a, referenced to 25 c ? 21 mv/ c i dss zero gate voltage drain current v ds = ? 24 v, v gs = 0 v ? 1 m a i gssf gate ? body leakage, forward v gs = 20 v, v ds = 0 v 100 na i gssr gate ? body l eakage, reverse v gs = ? 20 v, v ds = 0 v ? 100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ? 250 m a ? 1 ? 1.7 ? 3 v d v gs(th) d t j gate threshold voltage temperature coefficient i d = ? 250 m a, referenced to 25 c 5 mv/ c r ds(on) static drain ? source on ? resistance v gs = ? 10 v, i d = ? 8.8 a v gs = ? 4.5 v, i d = ? 6.7 a v gs = ? 10 v, i d = ? 8.8a, t j =125 c 15 22 19 20 35 32 m w i d(on) on ? state drain current v gs = ? 10 v, v ds = ? 5 v ? 4 0 a g fs forward transconductance v ds = ? 5 v, i d = ? 8.8 a 24 s dynamic characteristics c iss input capacitance 1604 pf c oss output capacitance 408 pf c rss reverse transfer capacitance v ds = ? 15 v, v gs = 0 v, f = 1.0 mhz 202 pf switching characteristics (note 2) t d(on) turn ? o n delay time 13 23 ns t r turn ? on rise time 13.5 24 ns t d(off) turn ? off delay time 42 68 ns t f turn ? off fall time v dd = ? 15 v, i d = ? 1 a, v gs = ? 10 v, r gen = 6 w 25 40 ns q g total gate charge 17 24 nc q g s gate ? source charge 5 nc q gd gate ? drain charge v ds = ? 15 v, i d = ? 8.8 a, v gs = ? 5 v 6 nc drain ? source diode characteristics and maximum ratings i s maximum continuous drain ? source diode forward current ? 2.1 a v sd drain ? source diode forward voltage v gs = 0 v, i s = ? 2.1 a (note 2) ? 0.73 ? 1.2 v notes: 1. r q ja is the sum of the junction - to - case and case - to - ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. a) 50c/w when mounted on a 1in 2 pad of 2 oz copper b) 105c/w when mounted on a .04 in 2 pad of 2 oz copper c) 125c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 m s, duty cycle < 2.0% si4435dy
si4435dy rev d1(w) typical characteri stics 0 10 20 30 40 50 0 1 2 3 -v ds , drain to source voltage (v) -i d , drain current (a) v gs = -10v -3.0v -3.5v -4.0v -4.5v v -6.0v 0.8 1 1.2 1.4 1.6 1.8 2 0 10 20 30 40 50 -i d , drain current (a) r ds(on) , normalized drain-source on-resistance v gs =-4.5v -5.0v -6.0v -7.0v -8.0v -10v -4.5v figure 1. on - region characteristics. figure 2. on - resistance variation with drain current and gate voltage. 0.6 0.8 1 1.2 1.4 1.6 -50 -25 0 25 50 75 100 125 150 175 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistance i d = -8.8a v gs = -10v 0.01 0.02 0.03 0.04 0.05 0.06 0.07 2 4 6 8 10 -v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = -4.4a t a = 125 o c t a = 25 o c fig ure 3. on - resistance variation with temperature. figure 4. on - resistance variation with gate - to - source voltage. 0 10 20 30 40 1.5 2 2.5 3 3.5 4 -v gs , gate to source voltage (v) -i d , drain current (a) t a = -55 o c 25 o c 125 o c v ds = -5v 0.0001 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 -v sd , body diode forward voltage (v) -i s , reverse drain current (a) v gs =0v t a = 125 o c 25 o c -55 o c figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. si4435dy
si4435dy rev d1(w) typical characteristics 0 2 4 6 8 10 0 6 12 18 24 30 q g , gate charge (nc) -v gs , gate-source voltage (v) i d = -8.8a v ds = -5v -10v -15v 0 500 1000 1500 2000 2500 0 5 10 15 20 25 30 -v ds , drain to source voltage (v) capacitance (pf) c iss c oss c rss f = 1 mhz v gs = 0 v figure 7. gate charge characteristics. figure 8. capacitance characteristics. 0.01 0.1 1 10 100 0.1 1 10 100 -v ds , drain-source voltage (v) -i d , drain current (a) dc 1s 100ms 100 m s r ds(on) limit v gs = -10v single pulse r q ja = 125 o c/w t a = 25 o c 10ms 1ms 10s 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) p(pk), peak transient power (w) single pulse r q ja = 125c/w t a = 25c fig ure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transient thermal resistance r q ja (t) = r(t) + r q ja r q ja = 125 o c/w t j - t a = p * r q ja (t) duty cycle, d = t 1 / t 2 p(pk) t 1 t 2 single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1c. transient thermal response will change depending on the circuit board design. si4435dy
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic? optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? micropak? microwire? rev. h4 a acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? smart start? star*power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a star*power is used under license vcx?


▲Up To Search▲   

 
Price & Availability of SI4435DYL99Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X