Part Number Hot Search : 
XK25SS 2N244 EMW576P IPP80 AP4435M PB400612 LMG7401 TB0900H
Product Description
Full Text Search
 

To Download SBR10U200CTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr10u200ct SBR10U200CTF sbr10u200ctb 10a sbr ? super barrier rectifier features mechanical data ? case material: molded pl astic, ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? marking: see page 4 ? ordering information: see page 4 ? low forward voltage drop ? excellent high tem perature stability ? super barrier design ? soft, fast switching capability ? molded plastic to-220ab, d 2 pak, and ito-220ab packages ? lead free finish, rohs compliant (note 2) maximum ratings @ t a = 25oc unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 200 v rms reverse voltage v r(rms) 141 v average rectified output current @t c = 140oc i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 150 a peak repetitive reverse surge current (2us-1khz) i rrm 3 a maximum thermal resistance (per leg) package = to-220ab & d 2 pak package = ito-220ab r ? jc 2 4 c/w operating and storage temperature range t j , t stg -65 to +175 oc electrical characteristics @ t a = 25oc unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 1) v (br)r 200 - - v i r = 0.2 ma forward voltage drop v f - - 0.60 - 0.82 0.65 0.88 v i f = 5a, t j = 25oc i f = 5a,t j = 125oc i f = 10a, t j = 25oc leakage current (note 1) i r - - 0.2 25 ma v r = 200v, t j = 25 oc v r = 200v, t j = 125 oc notes: 1. short duration pulse test used to minimize self-heating effect. 2. rohs revision 13.2.2003. high temper ature solder exemption applied, see eu directive annex note 7. __________ sbr is a registered trademar k of diodes incorporated. sbr10u200 rev. 1 1 of 4 www.diodes.com december 2006 ? diodes incorporated
sbr10u200ct SBR10U200CTF sbr10u200ctb 0 1 2 3 4 5 0 25 50 75 100 125 150 175 t c , case temperature ( c) i f(ave) , average forward current (a) 0.1 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v f , instantaneous forward voltage (v) i f , instantaneous forward current (a) tj=125 c tj=175 c tj=75 c tj=25 c figure 1: current derating curve, per element figure 2: typical forward characteristics, per element 0.0001 0.001 0.01 0.1 1 10 0 50 100 150 200 v r , instantaneous reverse voltage (v) i r , instantaneous reverse current (ma) t j =25c t j =125c t j =175c t j =75c figure 3: typical reverse characteristics, per element sbr10u200 rev. 1 2 of 4 www.diodes.com december 2006 ? diodes incorporated
sbr10u200ct SBR10U200CTF sbr10u200ctb package outline drawings to-220ab ito-220ab sbr10u200 rev. 1 3 of 4 www.diodes.com december 2006 ? diodes incorporated ito-220ab dim. min. max. a 4.30 4.70 b 0.50 0.75 b1 1.10 1.35 b2 1.50 1.75 c 0.50 0.75 d 14.80 15.20 e 9.96 10.36 e 2.54 typ f 2.80 3.20 j1 2.50 2.90 l 12.80 13.60 l1 1.70 1.90 ?p 3.50 typ q 2.70 typ all dimensions in millimeters to-220ab dim. min. max. a 4.47 4.67 b 0.71 0.91 b1 1.17 1.37 c 0.31 0.53 d 14.65 15.35 d1 8.50 8.90 e 10.01 10.31 e 2.54 typ e1 4.98 5.18 f 1.17 1.37 j1 2.52 2.82 l 13.40 13.80 l1 3.56 3.96 ?p 3.735 3.935 q 2.59 2.89 all dimensions in millimeters d 2 pak d 2 pak dim. min. max. a 4.40 4.80 b 0.76 1.00 b2 1.17 1.47 c 0.36 0.50 c2 1.25 1.45 d 8.60 9.00 e 9.80 10.40 e 2.54 typ l 14.60 15.80 l1 2.29 2.79 l2 1.27 typ all dimensions in millimeters
sbr10u200ct SBR10U200CTF sbr10u200ctb marking, polarity, weight & ordering information sbr10u200ct SBR10U200CTF sbr10u200ctb case style to-220ab d 2 pak ito-220ab t a node common cathode a node case t a node common cathode a node polarity case t a node common cathode a node marking 2.1g 1.9g weight 1.6g ordering information sbr10u200ct 50 pieces/tube SBR10U200CTF sbr10u200ctb 50 pieces/tube 50 pieces/tube date code yy = last two digits of year, ex = 06 = 2006 ww = week (01-52) other marking information a = foundry code b = assembly code important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated. sbr10u200 rev. 1 4 of 4 www.diodes.com december 2006 ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of SBR10U200CTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X