Part Number Hot Search : 
3UTZW A143Z 2PB709 00505 PT6355 5KP10C PA240 BZX84A16
Product Description
Full Text Search
 

To Download SBR10U200CTB-13-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr10u200 document number: ds30990 rev. 10 - 2 1 of 5 www.diodes.com september 2010 ? diodes incorporated sbr10u200ct sbr10u200ctfp sbr10u200ctb sbr is a re g istered trademark of diodes incor p orated. 10a sbr ? super barrier rectifier features ? ultra low forward voltage drop ? excellent high temperature stability ? patented super barrier rectifier technology ? soft, fast switching capability ? lead free finish, rohs compliant (note 1) ? also available in green molding compound (note 2) mechanical data ? case: to-220ab, ito-220ab, d 2 pak ? case material: molded plastic, ul flammability classification rating 94v-0 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: to-220ab ? 1.85 grams (approximate) ito-220ab ? 1.65 grams (approximate) d 2 pak ? 2.1 grams (approximate) ordering information (notes 2 and 3) part number case packaging sbr10u200ct to-220ab 50 pieces/tube sbr10u200ct-g to-220ab 50 pieces/tube sbr10u200ctfp ito-220ab 50 pieces/tube sbr10u200ctfp-g ito-220ab 50 pieces/tube sbr10u200ctfp-jt ito-220ab (alternate) 50 pieces/tube sbr10u200ctb d 2 pak 50 pieces/tube sbr10u200ctb-g d 2 pak 50 pieces/tube sbr10u200ctb-13 d 2 pak 800/tape & reel SBR10U200CTB-13-G d 2 pak 800/tape & reel notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied, see eu directive 2002/95/ec annex notes 2. for green molding compound version part numbers, add "-g" suffix to part number abov e. examples: sbr10u200ctb-g. 3. for packaging details, go to our website at http://www.diodes.com. marking information package pin-out configuration d 2 pak top view to-220ab top view ito-220ab top view to-220ab bottom view ito-220ab bottom view sbr10u200ctfp = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) sbr10u200ct = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) sbr10u200ctb = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) yyww ab 10u200ctb sbr y yww ab 10u200ctfp sbr 10u200ct yyww ab sbr
sbr10u200 document number: ds30990 rev. 10 - 2 2 of 5 www.diodes.com september 2010 ? diodes incorporated sbr10u200ct sbr10u200ctfp sbr10u200ctb sbr is a re g istered trademark of diodes incor p orated. maximum ratings (per leg) @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 200 v average rectified output current (per leg) (total) i o 5 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 150 a peak repetitive reverse surge current (2us-1khz) i rrm 3 a isolation voltage (ito-220ab only) from terminal to heatsink t = 3 sec. v ac 2000 v thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance package = to-220ab & d 2 pak package = ito-220ab r jc 2 4 oc/w operating and storage temperature range t j , t stg -65 to +175 oc electrical characteristics (per leg) @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition forward voltage drop v f - - 0.60 - 0.82 0.65 0.88 v i f = 5a, t j = 25oc i f = 5a, t j = 125oc i f = 10a, t j = 25oc leakage current (note 4) i r - - 0.2 25 ma v r = 200v, t j = 25oc v r = 200v, t j = 125oc reverse recovery time t rr - 24 30 ns i f = 0.5a, i r = 1a, i rr = 0.25a - 20 25 i f = 1a, v r = 30v, di/dt = 100a/ s, t j = 25oc notes: 4. short duration pulse test used to minimize self-heating effect. 5. using heatsink (by black aluminum 45mm * 20mm * 12mm)
sbr10u200 document number: ds30990 rev. 10 - 2 3 of 5 www.diodes.com september 2010 ? diodes incorporated sbr10u200ct sbr10u200ctfp sbr10u200ctb sbr is a re g istered trademark of diodes incor p orated. 0 1 2 3 4 5 6 7 8 9 0 5 10 15 fig. 1 forward power dissipation i , average forward current (a) f(av) p , p o we r dissi p a t i o n (w) d 100 250 400 550 700 850 0.01 0.1 1 10 100 i, ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (mv) fig. 2 typical forward characteristics f 0 50 100 150 200 fig. 3 typical reverse characteristics v , instantaneous reverse voltage (v) r 0.1 1 10 100 1,000 i, ins t an t ane o u s r eve r se c u r r en t (a) r fig. 4 forward current derating curve 0 1.0 2.0 3.0 4.0 5.0 6.0 0 25 50 75 100 125 175 t , ambient temperature ( c) a i , average forward current (a) f(av) 150 0 25 50 75 100 125 150 175 200 0 40 80 120 160 200 fig. 5 operating temperature derating v , dc reverse voltage (v) r t ,derated ambient temperature ( c) a
sbr10u200 document number: ds30990 rev. 10 - 2 4 of 5 www.diodes.com september 2010 ? diodes incorporated sbr10u200ct sbr10u200ctfp sbr10u200ctb sbr is a re g istered trademark of diodes incor p orated. package outline dimensions suggested pad layout ito-220ab dim min typ max a 4.50 4.70 4.90 a1 3.04 3.24 3.44 a2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 d 15.67 15.87 16.07 d1 8.99 9.19 9.39 e 2.54 e 9.91 10.11 10.31 l 9.45 9.75 10.05 l1 15.80 16.00 16.20 p 2.98 3.18 3.38 q 3.10 3.30 3.50 all dimensions in mm to-220ab dim min typ max a 3.56 - 4.82 a1 0.51 - 1.39 a2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 d 14.22 - 16.51 d1 8.39 - 9.01 e 2.54 e1 5.08 e 9.66 - 10.66 h1 5.85 - 6.85 l 12.70 - 14.73 l1 - - 6.35 p 3.54 - 4.08 q 2.54 - 3.42 all dimensions in mm ito-220ab alternate dim. min. max. a 4.30 4.70 a1 1.3 b 0.50 0.75 b1 1.10 1.35 b2 1.50 1.75 c 0.50 0.75 d 14.80 15.20 e 9.96 10.36 e 2.54 typ f 2.80 3.20 j1 2.50 2.90 l 12.80 13.60 l1 1.70 1.90 l2 1.90 2.10 ?p 3.50 typ q 2.70 typ all dimensions in mm d 2 pak dim min max a 4.07 4.82 b 0.51 0.99 b1 1.15 1.77 c 0.356 0.58 c1 1.143 1.65 d 8.39 9.65 d1 6.55 ? e 9.66 10.66 e1 6.23 ? e 2.54 typ h 14.61 15.87 l 1.78 2.79 l1 ? 1.67 l2 ? 1.77 a 0 8 all dimensions in mm dimensions value (in mm) z 16.9 x1 1.1 x2 10.8 y1 3.5 y2 11.4 c 9.5 e1 2.5 e ?p q b1 l1 b2 l2 b e f d l a1 j1 c not through holes 1 23 + a 5 5 5 5 10 e q d d1 l1 3 x b1 3 x b 2 x e l ? p a a1 a2 c 123 a a1 c d e l b e1 b2 p h1 q l1 a2 e seating plane d1 16.00 0.20* *guaranteed by to-220ab leadframe design e b1 c h d l1 b l2 lc 1 a e a 12 k e1 d1 x2 c z x1 y1 e1 y2
sbr10u200 document number: ds30990 rev. 10 - 2 5 of 5 www.diodes.com september 2010 ? diodes incorporated sbr10u200ct sbr10u200ctfp sbr10u200ctb sbr is a re g istered trademark of diodes incor p orated. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2010, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR10U200CTB-13-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X