Part Number Hot Search : 
32M16 MCZ3388 S2600D NTE5643 12Q221 TH102 24C16 SK1926
Product Description
Full Text Search
 

To Download RSB6HM06180114NN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  barrier strips tri-barriers 74 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312 dimensions shown ar e for r efer ence only . dimensions ar e in inches.
barrier strips tri-barriers single scr ew t ri-bar rier strips rsb contact spacing 6 =.375 in. (6/16) mounting position options h = high rise (use only with #17 or #18 ter minal option) r = right-angle mounting, w/out bracket s = right-angle mounting, with bracket v = ver tical mounting end contact options e = open end pos. with mounting inser ts m = open end positions p = all positions filled with contacts no. of cir cuits (not positions) 02 thr ough 34 for m option 02 thr ough 36 for p option ter minal style 11 =solder t ail, v mounting 12 = cir cuit boar d, v mounting (select this option when block is to be used with rsb plug-in socket) 13 = non-feedthr ough, r, s or v mounting 14 = solder t ail, r or s mounting 15 = cir cuit boar d, r or s mounting 16 = machine w rap, r or s mounting 17 = machine w rap, v mounting 18 = cir cuit boar d (for high rise mounting position only) 19 = extended cir cuit boar d, v mounting 20 = extended cir cuit boar d, r or s mounting t op har dwar e options 01 = bright zinc and chr omate plated steel binding-head scr ew 02 = bright zinc and chr omate steel scr ew and captive clamp ?do not or der in combination with other top har dwar e 03 = stainless steel binding-head scr ew 04 = nickel plated brass binding- head scr ew 09 = nickel plated brass scr ew and captive clamp ?do not or der in combination with other top har dwar e quick-connect blades (supplied with 01 scr ew) .110 wide .187 wide x.032 x.020 thick thick 22 42= 23 43= 24 44= 25 45= 29 49= 30 50= 31 51= 33 53= 35 55= 36 56= cir cuit identification options request drawing #7013624 for complete infor mation nn =no cir cuit identification fr ont t op 11 21 = 12345... 12 22 = ...54321 13 23 = 14 24 = 15 25 = 16 26 = 17 27 = 18 28 = material n = polypr opylene color n = black o rdering i nformation rsb 6 r p 07 11 02 nn n n 75 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312
barrier strips tri-barriers m ounting & c ontact p osition o ptions high-rise, all positions filled with contacts c at alog c ode hp: designed for high density; two r ows deep when used in conjuction with a vp configuration. right angle, end positions blank c at alog c odes sm & rm: used for right angle mounting when blank end sections ar e pr e- fer r ed. right angle, all positions filled with contacts c at alog c odes sp & rp: can be used for right angle printed cir cuit boar d mounting without mounting brackets (rp); or panel mounting with brackets (sp). vertical, direct mounting c at alog c ode vp: this configuration is fr e- quently used on printed cir cuit boar ds wher e solder connections ar e used to fasten the block to the boar d. ver tical, end position mounting c at alog c ode vm: used wher e end sections ar e needed for mounting. thickness of base is suf ficient to suppor t mounting scr ews. t erminal s tyle vertical terminals c at alog n umber c odes 11, 12, 17 & 18: four ter minal styles ar e availble in the ver tical mounting configuration. the solder t ail (#11) for wrapped solder connections, the cir cuit boar d (#12, #18) for printed cir cuit boar ds, and the machine w rap (#17) for two level printed cir cuit boar ds or wrapped wir e connections. non-feed-through c at alog n umber c ode 13: scr ew connection only . used as panel mounted tie point. right angle contacts c at alog n umber c odes 14,15 & 16: the solder t ail (#14), cir cuit boar d (#15), and the machine w rap (#16) ter minals ar e also avail - able in the right-angle mounting configuration. e xtended c ircuit b oard t op h ardware o ptions : binding head screws four styles a vailable. captive clamp c at alog n umber c ode : 02 & 09. for applications r equiring extra security , captive clamps under the scr ew heads augment the locking tabs on each contract. scr ews have #8 pan head with a unique phil- slot design accepting either phillips-head or straight scr ewdriver . the body is #6 to allow use of lar ger wir e. quick connects c at alog c ode below : a selection of .187" and .250" quick connect blades with tin plated brass ar e available for connecting wir e ter minated with female quick-connects. they ar e available indi - vidually or in combination. see or dering infor ma- tion. 76 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312
barrier strips tri-barriers o rder d escription n umber steel binding head screws l01 bright zinc and chr omate plated captive clamp screw l02 l02 is steel, bright zinc and chr omate plated l09 l09 is brass, nickel plated mounting inserts l91 for mounting rsbs with blank end sections, nylon right angle mounting r94 nylon (accepts #6 or #8 r ound, phil-slot or pan-head scr ew) angle bracket l92 for mounting rsbs with right angle ter minals, copper alloy , tin plated ordering information quick connect blades .250 wide .187 wide packages of 100: x .032 thick x .020 thick 90?, two-sided qc22 qc42 flat, single-sided qc23 qc42 45?, single-sided qc24 qc44 90?, single-sided qc25 qc45 90? -45? two-sided qc36 qc56 solder tabs: st80 for making top-side solder connections single-sided jumpers, brass, tin pla ted j74 t wo cir cuit, over the bar rier , spade t ype jumper two cir cuit, over the bar rier j75 ring t ongue jumper around the barrier* j6140 spade jumper 40 cir cuits: snap apar t to desir ed lengths o rder d escription n umber around the barrier* j6240 flanged spade jumper; 40 cir cuits: snap apar t to desir ed lengths around the barrier* j6340 ring t ongue jumper 40 cir cuits: snap apar t to desir ed lengths *note: jumper extends 0.54 in. horizontally fr om center of scr ew. high rise mounting st andoffs hr95 designed for high density; allows two r ows of contracts on two levels when used with a vp mounting configuration safety covers (for rsb & ssb bar rier strips) dead fr ont pr otection pr events accidental contact with ener gized cir cuits. access holes for test pr obes ar e pr ovided over each ter minal. nylon clups ar e included with each cover . covers meet ul94v -0, with 50? temperatur e index. black cir cuit identification is optional. 77 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312 0.375" pitch series rsb6 accessories


▲Up To Search▲   

 
Price & Availability of RSB6HM06180114NN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X