Part Number Hot Search : 
N120B 03663 R27V802F 04330L ADR4525 LC75348 EGFZ10 LX550
Product Description
Full Text Search
 

To Download RSB6HM06180113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r ecommended pcb hole pattern binding head screw binding head screw vertical mount right angle mount t op of mounting insert l91 wire clamping screw 171 0.375" [9.53] pitch, series rsb6 b a r r i e r s t r i p s 2 catalog 1308389 dimensions are in millimeters dimensions are shown for usa: 1-800-522-6752 south america: 55-11-2103-6000 revised 6-07 and inches unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com to change. c. america: 52-55-1106-0803 uk: 8706-080-208 note: all part numbers are rohs compliant. buchanan terminal blocks material & finish housing material olypropylene flammability l94v-- color lack terminals rass, bright acid tin over copper plating screw teel w/zinc + chromate plating mechanical properties pitch (terminal spacing) .375" [9.53] screw size --2 recommended pcb hole dia. .062" [1.57] wire strip length 38" [9.65] recommended tightening torque 2 in--bs. recommended screwdrivers stanley 1006-4, sears craftsman 41581, any #2 phillips-head wire lug width (max.) .1mm [.320"] electrical properties ratings ul class b 20 amps, 300v csa type c 15 amps, 150v csa type d 10 amps, 300v wire range 2--2 awg dielectric withstand 500v environmental properties operating temperature range 60o to +105?o[-7-? oo +221?] computing rsb block lengths direct mounting C use c1 & l1 for vp, sp, rp mounting options end position mounting C use l2 & c2 for vm, sm, rm, ve, se, re mounting options for mating socket, see pg. 163. hardware options j6 umpers, see page 177 l02 ire clamp screw, steel, see page 178 l09 ire clamp screw, brass, see page 178 l01 inding head screw, see page 178 l04 inding head screw, brass, see page 178 rsb6rp##1102 dimensions circuits c1 l1* c2 l2* (not positions) in. in. in. in. 01 0.75 1.22 02 0.37 0.84 1.13 1.59 03 0.75 1.22 1.50 1.97 04 1.13 1.59 1.88 2.34 05 1.50 1.97 2.25 2.72 06 1.88 2.34 2.63 3.09 07 2.25 2.72 3.00 3.47 08 2.63 3.09 3.37 3.84 09 3.00 3.47 3.75 3.84 10 3.37 3.84 4.13 4.59 11 3.75 4.22 4.50 4.97 12 4.13 4.59 4.88 5.34 13 4.50 4.97 5.25 5.72 14 4.88 5.34 5.63 6.09 15 5.25 5.72 6.00 6.47 16 5.63 6.09 6.38 6.84 17 6.00 6.47 6.75 7.22 18 6.38 6.84 7.13 7.59 19 6.75 7.22 7.50 7.97 20 7.13 7.59 7.88 8.34 21 7.50 7.97 8.25 8.72 22 7.88 8.34 8.63 9.09 23 8.25 8.72 9.00 9.47 24 8.63 9.09 9.75 9.84 25 9.00 9.47 9.75 10.22 26 9.38 9.84 10.13 10.59 27 9.75 10.22 10.50 10.97 28 10.13 10.59 10.88 11.34 29 10.50 10.97 11.25 11.72 30 10.88 11.34 11.63 12.09 31 11.25 11.72 12.00 12.47 32 11.63 12.09 12.38 12.84 33 12.00 12.47 12.75 13.22 34 12.38 12.84 13.13 13.59 35 12.75 13.22 13.50 13.97 36 13.13 13.59 13.88 14.34 l r25557 e63810 .320 [8.12] .212 [5.38] min. . 690 [ 17.52] . 375 [ 9.52] .690 [17.52] . 360 [ 9.14] . 610 [ 15.49] . 440 [ 11.17] .320 [8.12] .032 [ 0.81] . 060 [ 1.52] .390 [9.90] . 610 [15.49] .375 [9.52] .375 [9.52] .375 [9.52] .322 [8.17]
single screw tri-barrier strips rsb contact spacing 6 =.375 in. (6/16) mounting position options v = vertical mounting h = high rise (use with #18 terminal style) end contact options e = open end pos. with mounting inserts m = open end positions p = all positions filled with contacts no. of circuits (not positions) 02 through 34 for m option 02 through 36 for p option terminal style 11 =superseded by 6stv, page 129 12 = circuit board, v mounting (select this option when block is to be used with rsb plug-in socket) 13 =superseded by 6tbv, page 129 14 =superseded by 6str, page 129 15 =superseded by 6pcr, page 129 16 =superseded by 6wwr, page 129 17 = superseded by 6wwv, page 129 18 =circuit board (for high rise mounting) top hardware options 0 1 = bright zinc and chromate plated steel binding-head screw 02 = bright zinc and chromate steel screw and captive clamp Cdo not order in combination with other top hardware 03 =stainless steel binding-head screw 04 =nickel plated brass binding- head screw 09 = nickel plated brass screw and captive clamp Cdo not order in combination with other top hardware quick-connect blades (supplied with 01 screw) .250 [6.35] wide .187 [4.75] wide x.032 [.81] x.020 [.51] thick thick 22 42= 23 43= 24 44= 25 45= 29 49= 30 50= 31 51= 33 53= 35 55= 36 56= circuit identification options request drawing c7013624 for complete information front top 11 21 = 12345... 12 22 = ...54321 13 23 = 14 24 = 15 25 = 16 26 = 17 27 = 18 28 = 172 catalog 1308389 dimensions are in millimeters dimensions are shown for usa: 1-800-522-6752 south america: 55-11-2103-6000 revised 6-07 and inches unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com to change. c. america: 52-55-1106-0803 uk: 8706-080-208 note: all part numbers are rohs compliant. buchanan terminal blocks 0.375" [9.56] pitch, series rsb6 (continued) ordering information rsb 6 r p 07 12 02 11 lr25557 e63810 a a b b c c d d e e f g g h h f 1 2 3 4 5 .. . 1 2 3 4 5 . . . 1 23 4 5 . .. 1 23 45 .. . 12345... ...54321 for mating socket, see pg. 152.


▲Up To Search▲   

 
Price & Availability of RSB6HM06180113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X