|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
voltage regulator rx5rl series 1 outline the rx5rl series are cmos-based voltage regulator ics with high accuracy output voltage and ultra-low quiescent current. each of these ics consists of a voltage reference unit, an error amplifier, a driver transistor, and resistors for setting output voltage. the output voltage is fixed with high accuracy. three types of packages, to-92, sot-89 (mini-power mold), sot-23-5 (mini-mold), are available. ?ultra-low quiescent current ........................... typ. 1.1? (rx5rl30a, v in =5.0v) ?small dropout voltage ..................................... typ. 30mv (rx5rl50a, i out =1ma) ?low temperature-drift coefficient of output voltage ............... typ. ?00 ppm/?c ?excellent line regulation ................................. typ. 0.1%/v ?output voltage .................................................. stepwise setting with a step of 0.1v in the range of 2.0v to 6.0v is possible (refer to selection guide). ?high accuracy output voltage ......................... ?.5% ?three types of packages ................................... to-92, sot-89 (mini-power mold), sot-23-5 (mini-mold) features applications ?power source for battery-powered equipment. power source for cameras, video instruments such as camcorders, vcrs, and hand- held communication equipment. ?precision voltage references. block diagram 2 1 3 vr e f v out gnd v in + 1 no. ea-022-0204
2 rx5rl selection guide the package type, the output voltage, the packing type, and the taping type of rx5rl series can be designated at the user's request by specifying the part number as follows: for example, the product with package type sot-89, output voltage 5.0v, version a,and taping type t1 is des- ignated as the part number ?h5rl50aa-t1? code contents designation of package type: a e: to-92 h: sot-89 (mini-power mold) n: sot-23-5 (mini-mold) b setting output voltage (v out ): stepwise setting with a step of 0.1v in the range of 2.0v to 6.0v is possible. ca designation of packing type: d a: taping c: antistatic bag for to-92 and samples designation of taping type: ex. to-92 : rf, rr, tz e sot-89 : t1, t2 sot-23-5 : tr, tl (refer to taping specifications) ?z? ?1? and ?r?are prescribed as standard directions. rx5rlx x x x ? x x part number abcde } } 3 rx5rl ? to-92 pin configuration ? sot-89 ? sot-23-5 pin description ?to-92 ?sot-89 ?sot-23-5 pin no. symbol 1 gnd 2v in 3v out 4nc 5nc pin no. symbol 1 gnd 2v in 3v out pin no. symbol 1 gnd 2v in 3v out 12 3 (mark side) 12 3 (mark side) 12 3 (mark side) 5 4 4 rx5rl absolute maximum ratings symbol item v in input voltage v out output voltage i out output current p d 1 power dissipation 1 ( note 1) p d 2 power dissipation 2 ( note 2) topt operating temperature tstg storage temperature tsolder lead temperature (soldering) rating unit +12 v ?.3 to v in +0.3 v 150 ma 300 mw 150 mw ?40 to +85 ?c ?55 to +125 ?c 260?c,10s topt=25?c absolute maximum ratings are threshold limit values that must not be exceeded even for an instant under any conditions. moreover, such values for any two items must not be reached simultaneously. operation above these absolute maximum ratings may cause degradation or permanent damage to the device. these are stress ratings only and do not necessarily imply functional operation below these limits. absolute maximum ratings (note 1) applied to sot-89 and to-92 (note 2) applied to sot-23-5 5 rx5rl electrical characteristics ?rx5rl20a symbol item v out output voltage i out output current ? v out load regulation ? i out v dif dropout voltage i ss quiescent current ? v out ? v in line regulation v in input voltage ? v out output voltage ? topt temperature coefficient conditions min. typ. max. unit v in =4.0v 1.950 2.000 2.050 v 10 ? i out 10ma v in =4.0v 25 35 ma v in =4.0v 1ma i out 35ma 30 45 mv i out =1ma 60 90 mv v in =4.0v 1.0 3.0 a i out =1ma v out +0.5v v in 10v 0.05 0.20 %/v 10 v i out =10ma ?00 ppm/?c ?0?c topt 85?c topt=25?c ? rx5rl30a topt=25?c symbol item v out output voltage i out output current ? v out load regulation ? i out v dif dropout voltage i ss quiescent current ? v out ? v in line regulation v in input voltage ? v out output voltage ? topt temperature coefficient conditions min. typ. max. unit v in =5.0v 2.925 3.000 3.075 v 10? i out 10ma v in =5.0v 35 50 ma v in =5.0v 1ma i out 50ma 40 60 mv i out =1ma 40 60 mv v in =5.0v 1.1 3.3 ? i out =1ma v out + 0.5v v in 10v 0.05 0.20 %/v 10 v i out =10ma ?00 ppm/?c ?0?c topt 85?c 6 rx5rl ?rx5rl50a topt=25?c ?rx5rl40a topt=25?c symbol item v out output voltage i out output current ? v out load regulation ? i out v dif dropout voltage i ss quiescent current ? v out ? v in line regulation v in input voltage ? v out output voltage ? topt temperature coefficient conditions min. typ. max. unit v in =6.0v 3.900 4.000 4.100 v 10? i out 10ma v in =6.0v 45 65 ma v in =6.0v 1ma i out 65ma 50 75 mv i out =1ma 25 38 mv v in =6.0v 1.2 3.6 ? i out =1ma v out + 0.5v v in 10v 0.05 0.20 %/v 10 v i out =10ma ?00 ppm/?c ?0?c topt 85?c symbol item v out output voltage i out output current ? v out load regulation ? i out v dif dropout voltage i ss quiescent current ? v out ? v in line regulation v in input voltage ? v out output voltage ? topt temperature coefficient conditions min. typ. max. unit v in =7.0v 4.875 5.000 5.125 v 10? i out 10ma v in =7.0v 55 80 ma v in =7.0v 1ma i out 80ma 60 90 mv i out =1ma 25 38 mv v in =7.0v 1.3 3.9 ? i out =1ma v out + 0.5v v in 10 v 0.05 0.20 %/v 10 v i out =10ma ?00 ppm/?c ?0?c topt 85?c 7 rx5rl ?rx5rl60a topt=25?c symbol item v out output voltage i out output current ? v out load regulation ? i out v dif dropout voltage i ss quiescent current ? v out ? v in line regulation v in input voltage ? v out output voltage ? topt temperature coefficient conditions min. typ. max. unit v in =8.0v 5.850 6.000 6.150 v 10? i out 10ma v in =8.0v 55 80 ma v in =8.0v 1ma i out 80ma 60 90 mv i out =1ma 25 38 mv v in =8.0v 1.3 3.9 ? i out =1ma v out + 0.5v v in 10v 0.05 0.20 %/v 10 v i out =10ma ?00 ppm/?c ?0?c t op t 85?c 8 rx5rl electrical characteistics by output voltage v in v out =2.0v 25 35 30 45 1ma i out 35ma v in v out =2.0v 35 50 40 60 1ma i out 50ma v in v out =2.0v 45 65 50 70 1ma i out 65ma v in v out =2.0v 55 80 60 90 1ma i out 80ma rx5rl20a 1.950 2.000 2.050 rx5rl21a 2.048 2.100 2.152 rx5rl22a 2.145 2.200 2.255 rx5rl23a 2.243 2.300 2.357 rx5rl24a 2.340 2.400 2.460 rx5rl25a 2.438 2.500 2.562 rx5rl26a 2.535 2.600 2.665 rx5rl27a 2.633 2.700 2.767 rx5rl28a 2.730 2.800 2.870 rx5rl29a 2.828 2.900 2.972 rx5rl30a 2.925 3.000 3.075 rx5rl31a 3.023 3.100 3.177 rx5rl32a 3.120 3.200 3.280 rx5rl33a 3.218 3.300 3.382 rx5rl34a 3.315 3.400 3.485 rx5rl35a 3.413 3.500 3.587 rx5rl36a 3.510 3.600 3.690 rx5rl37a 3.608 3.700 3.792 rx5rl38a 3.705 3.800 3.895 rx5rl39a 3.803 3.900 3.997 rx5rl40a 3.900 4.000 4.100 rx5rl41a 3.998 4.100 4.202 rx5rl42a 4.095 4.200 4.305 rx5rl43a 4.193 4.300 4.407 rx5rl44a 4.290 4.400 4.510 rx5rl45a 4.388 4.500 4.612 rx5rl46a 4.485 4.600 4.715 rx5rl47a 4.583 4.700 4.817 rx5rl48a 4.680 4.800 4.920 rx5rl49a 4.778 4.900 5.022 rx5rl50a 4.875 5.000 5.125 rx5rl51a 4.973 5.100 5.227 rx5rl52a 5.070 5.200 5.330 rx5rl53a 5.168 5.300 5.432 rx5rl54a 5.265 5.400 5.535 rx5rl55a 5.363 5.500 5.637 rx5rl56a 5.460 5.600 5.740 rx5rl57a 5.558 5.700 5.842 rx5rl58a 5.655 5.800 5.945 rx5rl59a 5.753 5.900 6.047 rx5rl60a 5.850 6.000 6.150 output voltage outputcurrent load regulation part number v out (v) i out (ma) ? v out (mv) conditions min. typ. max. conditions min. typ. conditions typ. max. v in v out =2.0v 10? i out 10ma v in v out =2.0v 60 90 50 75 40 60 35 53 30 45 i out =1ma 25 38 dropout voltage v dif (mv) conditions typ. max. 9 rx5rl 1.0 3.0 1.1 3.3 i out =1ma i out v in =10ma v out 0.05 0.2 10 ?00 =2.0v v out + 40?c 0.5v topt v in 85?c 1.2 3.6 10v 1.3 3.9 quiescent current line regulation input voltage o utput voltage tempco. iss(?) ? v out / ? v in (%/v) v in (v) ? v out / ? t(ppm/?c) conditions typ. max. conditions typ. max. max. conditions typ. topt=25?c 10 rx5rl operation output voltage, v out divided at the node between registers r1 and r2 is compared with the reference volt- age by the error amplifier, so that a constant voltage is out- put. test circuits fig. 2 test circuit fig. 3 quiescent current test circuit fig. 4 line transient response test circuit fig. 1 brock diagram gnd gnd v in + error amplifier v out r2 r1 vr e f c i 1 f co 1 f v in gnd rx5rl series v out i out v out v in + + ro co 0.1 f p.g gnd rx5rl series v out v out v in + i ss c i 1 f v in gnd rx5rl series v out v in + 11 rx5rl rx5rl30a typical characteristics 1) output voltage vs. output current rx5rl30a rx5rl40a rx5rl50a 2) output voltage vs. input voltage rx5rl30a output voltage v out (v) output current i out (ma) 2.7 2.8 2.9 3.1 3.0 v in =5.0v 0 20 40 60 80 100 120 140 topt= ? 40 ? c 85 ? c 25 ? c output current i out (ma) output voltage v out (v) 050 4.7 4.8 4.9 5.0 5.1 v in =7.0v 100 150 200 85 ? c 25 ? c topt= ? 40 ? c 2.5 3.0 3.5 2.2 2.4 2.6 2.8 3.0 3.2 i out =1ma output voltage v out (v) topt=25 ? c input voltage v in (v) 5ma 10ma output current i out (ma) output voltage v out (v) 0 3.7 3.8 3.9 4.1 4.0 v in =6.0v 20 40 60 80 100 120 140 160 180 topt= ? 40 ? c 85 ? c 25 ? c 34 5 6 7 8 910 2.95 2.96 2.97 2.98 2.99 3.00 3.01 3.02 3.03 3.04 3.05 input voltage v in (v) output voltage v out (v) i out =1ma topt=25 ? c 12 rx5rl rx5rl40a rx5rl50a rx5rl50a rx5rl30a 3) dropout voltage vs. output curret rx5rl40a rx5rl40a 3.5 4.0 4.5 3.2 3.4 3.6 3.8 4.0 4.2 i out =1ma output voltage v out (v) topt=25 ? c 5ma 10ma input voltage v in (v) 4.5 5.0 5.5 4.2 4.4 4.6 4.8 5.0 5.2 i out =1ma output voltage v out (v) topt=25 ? c input voltage v in (v) 5ma 10ma output current i out (ma) dropout voltage v dif (v) 0 1020304050 0.0 0.4 0.6 0.2 0.8 1.0 1.2 1.4 1.6 1.8 2.0 25 ? c 85 ? c topt= ? 40 ? c input voltage v in (v) 45678 910 3.95 3.96 3.97 3.98 3.99 4.00 4.01 4.02 4.03 4.04 4.05 output voltage v out (v) i out =1ma topt=25 ? c 5 6 78 9 10 4.95 4.96 4.97 4.98 4.99 5.00 5.01 5.02 5.03 5.04 5.05 input voltage v in (v) output voltage v out (v) i out =1ma topt=25 ? c output current i out (ma) dropout voltage v dif (v) 01020304050 0.0 0.4 0.6 0.2 0.8 1.0 1.2 1.4 1.6 1.8 2.0 85 ? c topt= ? 40 ? c 25 ? c 13 rx5rl rx5rl50a rx5rl30a rx5rl50a 4) output voltage vs.temperature output current i out (ma) dropout voltage v dif (v) 0 10 20 30 40 50 0.0 0.4 0.6 0.2 0.8 1.0 1.2 1.4 1.6 1.8 2.0 topt= 40 ? c 25 ? c 85 ? c temperature topt( ? c) output voltage v out (v) i out =10ma v in =5.0v 2.95 2.97 2.99 3.01 3.03 3.05 50 30 10 10 30 50 70 90 temperature topt( ? c) output voltage v out (v) i out =10ma v in =7.0v 50 30 10 10 30 50 70 90 4.90 4.92 4.94 4.96 4.98 5.00 5.02 5.04 5.06 5.08 5.10 temperature topt( ? c) output voltage v out (v) i out =10ma v in =6.0v 50 30 10 10 30 50 70 90 3.95 3.97 3.99 4.01 4.03 4.05 rx5rl40a 14 rx5rl rx5rl30c 5) quiescent current vs. input voltage rx5rl50a rx5rl40a rx5rl30a rx5rl40a 6) quiescent current vs. temperature 34567 8910 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 quiescent current iss(a) topt=25 ? c input voltage v in (v) 45 678 910 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 quiescent current iss(a) topt=25 ? c input voltage v in (v) 40 20 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 quiescent current iss(a) temperature topt( ? c) v in =5.0v 0 20 40 60 80 100 56 78910 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 quiescent current iss(a) topt=25 ? c input voltage v in (v) 40 20 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 quiescent current iss(a) temperature topt( ? c) v in =6.0v 0 20 40 60 80 100 15 rx5rl rx5rl50a 7) dropout voltage vs. set output voltage 9) line transient response (2) 8) line transient response (1) 40 20 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 quiescent current iss(a) temperature topt( ? c) v in =7.0v 020 40 60 80 100 012345 6 0.0 0.2 0.1 0.3 0.4 0.5 0.6 0.7 set output voltage vreg(v) dropout voltage v dif (v) 5ma 1ma i out =10ma 01234 4.0 5.0 4.5 5.5 6.0 6.5 7.0 7.5 8.0 input voltage/output voltage(v) i out =1ma time t(ms) output voltage input voltage 012 34 4.0 5.0 4.5 5.5 6.0 6.5 7.0 7.5 8.0 input voltage/output voltage(v) i out =10ma time t(ms) input voltage output voltage 16 rx5rl typical application in rx5rl series, a constant voltage can be obtained without using capacitors c1 and c2. however, when the wire connected to vin is long, use capacitor c1. output noise can be reduced by using capacitor c2. insert capacitors c1 and c2 with the capacitance of 0.1? to 2.0? between input/output pins and gnd pin with minimum wiring. as shown in the circuit diagram, a dual power sup- ply circuit can be constructed by using two rx5rl series. this circuit diagram shows a dual power supply circuit with an output of 3v and an output of 5v. when the minimum output current of ic2 is larger than i ss of ic1, resistor r is unnecessary. diode d is a protection diode for the case where v out 2 becomes larger than v out 1. ?voltage boost circuit ?dual power supply circuit c2 c1 v in gnd gnd gnd rx5rl series v out v out v in + + c2 c1 v in gnd rx5rl series v out v out v in r1 r2 i ss + + c1 c2 v in gnd gnd gnd rx5rl20a rx5rl30a v out v out 1 5v v out 2 3v v in c3 gnd v out v in r i ss ic1 ic2 d + + + the output voltage can be obtained by the follow- ing formula : v out =vreg ?(1+r2/r1) + i ss r ?2 since the quiescent current of rx5re series is so small that the resistances of r1 and r2 can be set as large as several hundreds k ? and therefore the sup- ply current of ?oltage boost circuit?itself can be reduced. furthermore, since rx5rl series are operated by a constant voltage, the supply current of ?oltage boost circuit?is not substantially affected by the input voltage. * 1) vreg : set output voltage of rx5rl series. * 1 application circuits 17 rx5rl ?current boost circuit output current of 60ma or more can be obtained by the current boost circuit constructed as shown in this cir- cuit diagram. ?current boost circuit with overcurrent limit circuit a circuit for protecting tr.1 from the destruction caused by output short-circuit or overcurrent is shown in this circuit diagram. when the voltage reduction caused by the current ( aa i out ) which flows through r2 reaches vbe2 of tr.2 by additionally providing the current boost circuit with tr.2 and r2, tr.2 is turned on and the base current of tr.1 is increased, so that the output current is limited. current limit of overcurrent limit circuit is obtained as follows : i out vbe2/r2 ?current source a current source with the structure as shown in this circuit diagram can be used. output current i out is obtained as follows : i out = vreg /r + i ss output current, i out should not exceed its allowable current. c2 gnd gnd gnd rx5rl series v out v out c1 v in v in tr.1 + + c2 gnd gnd gnd rx5rl series v out v out c1 v in v in tr.1 tr.2 r1 r2 i out vbe2 + + gnd rx5rl series c1 v in v in r i out i ss v out + * 1) vreg : set output voltage of rx5rl series. * 1 p a ckage informa t ion pe-t o -92-06 1 1 ? to-92 (sc-43a) unit: mm package dimensions 5.2max. 4.2max. 2.3max. 5.2max. 12.7min. 0.6max. 0.55max. 1.27 2.54 1 2 3 0.7 0.5max. 5.2 max. 4.2 max. 2.3 max. 5.2 max. 12.7 min. 0.6 max. 0.55 1 2 3 0.5 max. max. 2.5 ?0.1 +0.4 0.7 taping specifi cation rf rr 1.0 0.3 12.7 12.7 4.00.2 6.0 0.5 9.00.5 0.5 max. 18.0 +1.0 ?0.5 16.00.5 19.00.5 24.7 max. * * : mark side user direction of feed (note) (note) when taping is performed,the pins of to-92 are subjected to a particular forming. (note) tz type tape is not in the form of a reel,but is packed in a zigzag state in box.therefore,the tape can be used as either an rf type tape or an rr type tape,depending upon the pulling out direction (b or f). when tz type tape is pulled out from the direction b when tz type tape is pulled out from the direction f 1.45 max. 0.70.2 t a ping reel dimensions (rf , rr) p acking box dimensions (tz) (1reel =20 00p cs) (1box =25 00p cs) ? 30 ? 80 ? 360 53 43 47 335 265 or 200 f b p a ckage informa t ion pe-t o -92-06 1 1 power dissipation (to-92) this spe c ifica t ion is at mou n ted on bo ard. measurement result (topt=25 = ? = 0 5 0 100 25 75 85 125 150 0 200 100 300 400 500 free air ambient temperature ( c) power dissipation p d (mw) po w e r dissip ation package information pe-sot-89-071210 ? sot-89 (sc-62) unit: mm package dimensions 4.5 ? + ? taping specification (t1: standard type) t1 12 ? + ? taping reel dimensions (1reel=1000pcs) 15.4 ? ? ? + ? package information pe-sot-89-071210 power dissipation (sot-89) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double sided) board dimensions 50mm = ? = 50 50 power dissipation measurement board pattern ic mount area (unit : mm) recommended land pattern (sot-89) 3.0 45 pac k age information pe-sot-23-5-071228 ? sot-23-5 (sc-74a) unit: mm package dimensions 2.9 ? ? ? taping specification 2.0max. 0.3?0.1 4.0?0.1 2.0?0.05 4.0?0.1 3.3 3.2 8.0?0.3 1.75?0.1 3.5?0.05 ? taping reel dimensions reuse reel (eiaj-rrm-08bc) (1reel=3000pcs) 2 ? ? ? ? pac k age information pe-sot-23-5-071228 power dissipation (sot-23-5) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: (power dissipation (sot-23-5) is substitution of sot-23-6.) measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double sided) board dimensions 40mm = ? = 40 40 power dissipation measurement board pattern ic mount area unit : mm recommended land pattern 0.7 max. 0.95 0.95 1.9 2.4 1.0 (unit: mm) |
Price & Availability of RE5RL53AC-RR-FC |