Part Number Hot Search : 
TDA72940 CDZ10B08 BC107 V292BMC M62384FP 103M35V8 IPD50N06 01318
Product Description
Full Text Search
 

To Download OPU852CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP ? electronic components old122cp3, old222cp, opu850cp, OPU852CP led capsule general description the old122cp3, old222cp, opu850cp, and OPU852CP are sensors that are most suited to paper detection. for superior dustproof packaging and easy mounting, a phototransistor can be sealed (encapsulated) into a package with connectors. the OPU852CP can be mounted with a space (200mm) between the device and the led capsule because the device has a non-spherical surface lens. the opu850cp and OPU852CP assure a high quality because they have been assembled without soldering or using adhesive. features ? the light axis is positioned for efficient insertion into led capsules and photo capsules. ? the sensor unit element is protected from dust. ? the assembly and mount are easy (without soldering). applications ? banking terminals (atm, etc.) ? printers ? copying machines ? communications terminals (fax, etc.) e2p0056-37-x3 this version: jan. 1998 previous version: may. 1997
2/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP 17.0 15.0 11.0 4.0 0.4 2.0 7.0 2.0 p3 p1 2.0 emitting section 8.0 0.8 canned type led 2.6 f 6.0 clear plastic case connector substrate (3) 6.4 (2) 11.6 9.6 2Cr1 ? pin connection diagram (p no. indicates the pin number of connectors.) p3 p2 p2 , p3: anode p1 : cathode p1 ? old122cp3, old222cp pin configuration (unit: mm)
3/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP ? opu850cp, OPU852CP (unit: mm) ? pin connection diagram (p no. indicates the pin number of connectors.) p3 p2 p2 , p3: anode p1 : cathode p1 15.0 2.0 2.0 7.0 2.0 p3 p1 2.0 8.0 0.8 case 2.6 f 6.0 element cover 9 11.6 6 f 4.0 4.0 2 2 cover: white frame
4/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP absolute maximum ratings pulse forward current derating factor parameter temperature storage t stg t opr i f i frm v r p d c c ma a ma/c tw=100 m s, t=10 ms ta=25c or more v mw C20 to +80 C10 to +60 100 1 10 6 170 200 old122cp3 old222cp symbol rating unit note operating temperature dc forward current pulse forward current reverse voltage power dissipation dc forward current derating factor ma/c ta=25c or more 1 ta=25c test condition pulse forward current derating factor parameter temperature storage t stg t opr i f i frm v r p d c c ma a ma/c tw=100 m s, t=10 ms ta=25c or more v mw C10 to +80 C10 to +60 60 0.5 14.3 6 102 120 opu850cp opu850cp symbol rating unit note operating temperature dc forward current pulse forward current reverse voltage power dissipation dc forward current derating factor ma/c ta=25c or more 1.7 ta=25c test condition
5/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP electrical and optical characteristics ? old122cp3, old222cp parameter unit (ambient temperature ta=25c) forward voltage symbol v f condition i f =100 ma v min. typ. max. old122cp3 min. typ. max. old222cp 1.10 1.3 1.5 1.3 1.55 1.7 reverse current i r v r =6 v m a 1010 l p i f =100 ma nm 940 910 i p1 v ce =1 v ma 1.45 5.6 5.5 20 output photocurrent ** i p2 i f =50 ma v ce =1 v ma 0.12 0.44 0.30 1.70 l*=200 mm i f =50 ma l*=50 mm peak-emission wavelength ? opu850cp, OPU852CP parameter unit (ambient temperature ta=25c) forward voltage symbol v f condition i f =60 ma v min. typ. max. opu850cp min. typ. max. OPU852CP 1.3 1.7 1.55 2.0 reverse current i r v r =6 v m a 1010 l p i f =60 ma nm 940 910 i p1 v ce =1 v ma 0.20 3.00 5.5 28 output photocurrent ** i p2 i f =50 ma v ce =1 v m a 10 150 400 3000 l*=200 mm i f =50 ma l*=50 mm * : distance between sensors ** : measuring circuit measuring circuit i f =50 ma v ce =1 v i p object to be measured light receiving master (t54lcp) peak-emission wavelength
6/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP typical characteristics ? old122cp3opu850cp spectral distribution 900 920 940 960 980 1000 0 20 40 60 80 100 relative radiant intensity (%) wavelength l (nm) ta=25c ? old222cpOPU852CP spectral distribution 750 800 850 900 950 1000 1050 0 20 40 60 80 100 relative radiant intensity (%) wavelength l (nm) ta=25c ? opu850cp directional characteristic C90 C60 C30 0 30 60 90 0 0.2 0.4 0.6 0.8 1.0 relative radiant intensity (%) angle ? OPU852CP directional characteristic C90 C60 C30 0 30 60 90 0 0.2 0.4 0.6 0.8 1.0 relative radiant intensity (%) angle
7/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP typical characteristic ? old122cp3t36cp2 switching time vs. load resistance ? old222cpt36cp2 switching time vs. load resistance ? old122cp3t54lcp switching time vs. load resistance ? old222cpt54lcp switching time vs. load resistance 1000 500 10 5 1 0.5 0.1 10 2 response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c =10 v i f =50 ma load resistance r l ( w ) 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c =10 v i f =50 ma 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c =10 v i f =50 ma 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c =10 v i f =50 ma
8/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP ? opu850cpopu860cp switching time vs. load resistance ? OPU852CPopu860cp switching time vs. load resistance 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c= 10 v i f= 50 ma 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c =10 v i f =50 ma ? opu850cpopu862cp switching time vs. load resistance ? OPU852CPopu862cp switching time vs. load resistance 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c= 10 v i f= 50 ma 1000 500 10 5 1 0.5 0.1 10 2 load resistance r l ( w ) response time t ( m s) ta=25c 10 3 10 4 50 100 10% 90% t r t f v c output r l t r t f v c =10 v i f =50 ma
9/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP ? opu850cp-OPU852CP maximum pulse foward current tolerance tw=10 m sec tw=50 m sec tw=100 m sec tw=200 m sec tolerant ta=25c - 60c duty ratio d (%) maximum pulse forward current i fm (ma) 10 100 1000 0.01 0.1 1.0 10 100
10/10 capsule sensor old122cp3, old222cp opu850cp, OPU852CP option parts ? sensor holder b type dimension (unit: mm) ? sensor holder a type dimension (unit: mm) recommended connector for capsule sensor (female connector) product name connector type ily3ss15c3 maker japan aviation electronics ind., ltd. 11.2 8.4 9.20.15 7 8.4 10.4 18 9.6 170.1 2.5


▲Up To Search▲   

 
Price & Availability of OPU852CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X