Part Number Hot Search : 
SR830 DR01BP 24FBXX LPC1788 PDH5022 2SC40 N5822 TS522ID
Product Description
Full Text Search
 

To Download MI5FCP25V63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniature fuses miniature fuses mi 74 12/04 axial leads 5x20 250v - fc ?l?fast acting dimensions electricals characteristics : according to iec 127-2 standard sheet 1 sand-filled fuses max weight : 1,5 g 73 mm 0,8 mm 5,1 + 0,1 mm 20,0 0,5 mm 23 mm maxi basic characteristics size mm vac a a 2 sv rated voltage rated current reference number catalog number breaking capacity designation [i 2 t] pre-arcing [i 2 t] total clearing at 250 v max voltage drop at in 0,0011 0,0025 0,0018 0,004 0,0035 0,008 0,0072 0,016 0,015 0,032 0,032 0,066 0,052 0,082 0,098 0,16 0,2 0,32 0,11 0,35 0,28 0,55 0,55 1,2 1,1 2,4 2,5 5 6,1 12 11 22 25 45 72 130 150 270 250v fc 0,160 a 5x20 al 250v fc 0,200 a 5x20 al 250v fc 0,250 a 5x20 al 250v fc 0,315 a 5x20 al 250v fc 0,400 a 5x20 al 250v fc 0,500 a 5x20 al 250v fc 0,630 a 5x20 al 250v fc 0,800 a 5x20 al 250v fc 1,000 a 5x20 al 250v fc 1,250 a 5x20 al 250v fc 1,600 a 5x20 al 250v fc 2,000 a 5x20 al 250v fc 2,500 a 5x20 al 250v fc 3,150 a 5x20 al 250v fc 4,000 a 5x20 al 250v fc 5,000 a 5x20 al 250v fc 6,300 a 5x20 al 250v fc 8,000 a 5x20 al 250v fc 10,00 a 5x20 al l205032 m205033 n205034 e206061 f206062 p205035 h206064 g206063 q205036 r205037 s205038 t205039 v205040 w205041 x205042 y205043 z205044 a205045 b205046 mi5fcp25v0,16 mi5fcp25v0,20 mi5fcp25v0,25 mi5fcp25v0,31 mi5fcp25v0,4 mi5fcp25v0,5 mi5fcp25v0,63 mi5fcp25v0,8 mi5fcp25v1 mi5fcp25v1,25 mi5fcp25v1,6 mi5fcp25v2 mi5fcp25v2,5 mi5fcp25v3,15 mi5fcp25v4 mi5fcp25v5 mi5fcp25v6,3 mi5fcp25v8 mi5fcp25v10 0,160 0,200 0,250 0,315 0,400 0,500 0,630 0,800 1,000 1,250 1,600 2,000 2,500 3,150 4,000 5,000 6,300 8 10 1,6 1,45 1,3 1,15 1,1 1 0,45 0,4 0,37 0,55 0,42 0,38 0,34 0,28 0,23 0,21 0,18 0,13 0,11 between 0,16 to 10a these fuses are not semko approved. iec 127 doesn? take into account 5x20 fuses with axial leads. 5 x 20 250 along iec 127 1500 a @ 250 vac cos ? 0,7 along iec 269.1 and 269.3 6 ka @ 250 vac cos ? 0,2
miniature fuses miniature fuses mi 75 12/04 axial leads 5x20 250v - fc ?l?fast acting i margin 12 %. actual prearcing time(s). r.m.s. value of prearcing current (a). time-current characteristics 83,5 63 mm l t 15,6 m 10 6 78 labelling 360 mm 31,5 mm installation instruction soldering heat resistance : according iec 68-2-20 / 260? for 10 seconds. material: body: ceramic tube connection: tin plated copper 100 ma 200 ma 250 ma 315 ma 400 ma 500 ma 650 ma 800 ma 1 a 125 ma 16 a 2 a 25 a 315 ma 4 a 6,3 a 8 a 10 a packaging: in tape per 2000 pieces 250v fc 5x20 al 250v fc 5x20 al


▲Up To Search▲   

 
Price & Availability of MI5FCP25V63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X