Part Number Hot Search : 
DDCXXXX AR251 LTC290 GL3KG63 BPC5010 100TS M74AL ML4903
Product Description
Full Text Search
 

To Download MBRB3030CTLTRRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94310 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-mar-10 1 schottky rectifier, 2 x 15 a vs-mbrb30..ctpbf, vs-mbr30..ct-1pbf series vishay high power products features ? 150 c t j operation ? low forward voltage drop ? high frequency operation ? center tap d 2 pak and to-262 packages ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified description this center tap schottky rectifier has been optimized for low reverse leakage at high temperature. the proprietary barrier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary i f(av) 2 x 15 a v r 35 v/45 v i rm 100 ma at 125 c v s -mbrb 3 0..ctp b f d 2 pak to-262 v s -mbr 3 0..ct-1p b f ba s e common cathode a node anode common cathode 1 3 2 2 ba s e common cathode anode anode common cathode 1 3 2 2 major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform (per device) 30 a i frm t c = 123 c (per leg) 30 v rrm 35/45 v i fsm t p = 5 s sine 1020 a v f 20 apk, t j = 125 c 0.6 v t j range - 65 to 150 c voltage ratings parameter symbol vs-mbrb3035ctpbf vs-mbr3035ct-1pbf vs-mbrb3045ctpbf vs-mbr3045ct-1pbf units maximum dc reverse voltage v r 35 45 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current per leg i f(av) t c = 123 c, rated v r 15 a per device 30 peak repetitive forward current per leg i frm rated v r , square wave, 20 khz, t c = 123 c 30 non-repetitive peak surge current i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 1020 surge applied at rated lo ad conditions halfwave, single phase, 60 hz 200 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 2 a, l = 5 mh 10 mj repetitive avalanche current per leg i ar current decaying linear ly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 2a
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94310 2 revision: 16-mar-10 vs-mbrb30..ctpbf, vs-mbr30..ct-1pbf series vishay high power products schottky rectifier, 2 x 15 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop v fm (1) 30 a t j = 25 c 0.76 v 20 a t j = 125 c 0.6 30 a 0.72 maximum instantaneous reverse current i rm (1) t j = 25 c rated dc voltage 1 ma t j = 125 c 100 threshold voltage v f(to) t j = t j maximum 0.29 v forward slope resistance r t 13.6 m maximum junction capacitance c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c 800 pf typical series inductance l s measured from top of term inal to mounting plane 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction temperature range t j - 65 to 150 c maximum storage temperature range t stg - 65 to 175 maximum thermal resistance, junction to case per leg r thjc dc operation 1.5 c/w typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 maximum thermal resistance, junction to ambient r thja dc operation 50 approximate weight 2g 0.07 oz. mounting torque minimum non-lubricated threads 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style d 2 pak mbrb3045ct case style to-262 mbr3045ct-1
document number: 94310 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-mar-10 3 vs-mbrb30..ctpbf, vs-mbr30..ct-1pbf series schottky rectifier, 2 x 15 a vishay high power products fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 1 100 10 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.3 0.6 0.9 1.2 1.5 0 t j = 150 c t j = 125 c t j = 25 c 0.001 1 10 100 0.1 0.01 1000 i r - reverse current (ma) v r - reverse voltage (v) 20 10 30 40 50 0 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 100 1000 c t - junction capacitance (pf) v r - reverse voltage (v) 20 10 30 40 50 0 t j = 25 c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 100 10 single p u lse (thermal resistance) d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94310 4 revision: 16-mar-10 vs-mbrb30..ctpbf, vs-mbr30..ct-1pbf series vishay high power products schottky rectifier, 2 x 15 a fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power loss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r 100 110 120 130 140 150 allowable case temperature (c) i f ( av ) - average forward current (a) 10 5 15 20 25 0 dc see note (1) square wave (d = 0.50) rated v r applied 0 3 12 9 6 15 average power loss (w) i f(av) - average forward current (a) 10 51520 25 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 100 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and w ith rated v rrm applied follo w ing s u rge
document number: 94310 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 16-mar-10 5 vs-mbrb30..ctpbf, vs-mbr30..ct-1pbf series schottky rectifier, 2 x 15 a vishay high power products ordering information table 2 - essential part number 3 - 4 - current rating (30 = 30 a) 5 - 8 - none = tube (50 pieces) trl = tape and reel (left oriented - for d 2 pak only) voltage ratings pbf = lead (pb)-free (for to-262 and d 2 pak tube) 7 - 35 = 35 v 45 = 45 v none = d 2 pak -1 = to-262 b = d 2 pak none = to-262 7 7 none = -1 6 - ct = essential part number 3 = b 3 none trr = tape and reel (right oriented - for d 2 pak only) 9 - p = lead (pb)-free (for d 2 pak trr and trl) 1 - hpp prod u ct s u ffix device code 5 1 3 24 6789 vs- mbr b 30 45 ct -1 trl pbf links to related documents dimensions www.vishay.com/doc?95014 part marking information www.vishay.com/doc?95008 packaging information www.vishay.com/doc?95032
document number: 95014 for technical questi ons concerning discr ete products, contact: diodes-tech@vishay.com www.vishay.com revision: 31-mar-09 for technical questi ons concerning module products, contact: ind-modules@vishay.com 1 d 2 pak, to-262 outline dimensions vishay high power products dimensions for d 2 pak in millimeters and inches notes (1) dimensioning and toleranc ing per asme y14.5 m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) datum a and b to be determined at datum plane h (6) controlling dimension: inch (7) outline conforms to jedec outline to-263ab symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 8.00 0.270 0.315 3 a1 0.00 0.254 0.000 0.010 e 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 e1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 l2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.51 9.65 0.335 0.380 2 l4 4.78 5.28 0.188 0.208 c b detail a c2 a a a 0.004 b m a lead tip (3) (3) v ie w a - a (e) (d1) e1 b h a1 detail ?a? rotated 90 cw scale: 8 :1 l ga u ge plane 0 to 8 l3 l4 seating plane section b - b and c - c scale: n one (4) (4) ( b , b 2) b 1, b 3 (c) c1 base metal plating conforms to jedec outline d 2 pak (smd-220) 13 2 d c a l2 e (2)(3) (2) 4 h bb 2 x b 2 x b 2 l1 0.010 a b mm (3) e 2 x pad layout mi n . 11.00 (0.43) mi n . 9.65 (0.3 8 ) mi n . 3. 8 1 (0.15) mi n . 2.32 (0.0 8 ) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
www.vishay.com for technical questions c oncerning discrete products, contact: diodes-tech@vishay.com document number: 95014 2 for technical questions concer ning module products, contact: ind-modules@vishay.com revision: 31-mar-09 outline dimensions vishay high power products d 2 pak, to-262 dimensions for to-262 in millimeters and inches notes (1) dimensioning and tolerancing as per asme y14.5m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) controlling dimension: inches (6) outline conform to jedec to-262 except a1 (maximum), b (minimum) and d1 (minimum) where dimensions derived the actual package outline symbol millimeters inches notes min. max. min. max. a 4.06 4.83 0.160 0.190 a1 2.03 3.02 0.080 0.119 b 0.51 0.99 0.020 0.039 b1 0.51 0.89 0.020 0.035 4 b2 1.14 1.78 0.045 0.070 b3 1.14 1.73 0.045 0.068 4 c 0.38 0.74 0.015 0.029 c1 0.38 0.58 0.015 0.023 4 c2 1.14 1.65 0.045 0.065 d 8.51 9.65 0.335 0.380 2 d1 6.86 8.00 0.270 0.315 3 e 9.65 10.67 0.380 0.420 2, 3 e1 7.90 8.80 0.311 0.346 3 e 2.54 bsc 0.100 bsc l 13.46 14.10 0.530 0.555 l1 - 1.65 - 0.065 3 l2 3.56 3.71 0.140 0.146 (4) (4) base metal plating b 1, b 3 ( b , b 2) c1 c section b - b and c - c scale: n one section a - a (3) e1 (3) d1 e b a a a c2 c a1 seating plane lead tip (3) (2) (3) (2) a e (dat u m a) l1 l2 b b c c 3 2 1 l d 2 x e 3 x b 2 3 x b 0.010 a b mm modified jedec outline to-262 lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MBRB3030CTLTRRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X