Part Number Hot Search : 
00MTR M4020A ZMY100 TB200 LS303 100IV 2N1916 1N4728
Product Description
Full Text Search
 

To Download MAX15021ATI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max15021 is a dual-output, pulse-width-modulated (pwm), step-down dc-dc regulator with tracking (coin- cident and ratiometric) and sequencing options. the device operates from 2.5v to 5.5v and each output can be adjusted from 0.6v to the input supply (v avin ). the max15021 delivers up to 4a (regulator 1) and 2a (reg- ulator 2) of output current. this device offers the ability to adjust the switching frequency from 500khz to 4mhz and provides the capability of optimizing the design in terms of size and performance. the max15021 utilizes a voltage-mode control scheme with external compensation to provide good noise immunity and maximum flexibility in selecting inductor values and capacitor types. the dual switching regula- tors operate 180 out-of-phase, thereby reducing the rms input ripple current and thus the size of the input bypass capacitor significantly. the max15021 offers the ability to track (coincident or ratiometric) or sequence during power-up and power- down operation. when sequencing, it powers up glitch- free into a prebiased output. additional features include an internal undervoltage lockout with hysteresis and a digital soft-start/soft-stop for glitch-free power-up and power-down. protection features include lossless cycle-by-cycle current limit, hiccup-mode output short-circuit protection, and ther- mal shutdown. the max15021 is available in a space-saving, 5mm x 5mm, 28-pin tqfn-ep package and is specified for operation from -40? to +125? temperature range. applications rfid reader cards power-over-ethernet (poe) ip phones automotive multimedia multivoltage supplies networking/telecom features  2.5v to 5.5v input-voltage range  dual-output synchronous buck regulators  integrated switches for 4a and 2a output currents  180 out-of-phase operation  output voltage adjustable from 0.6v to v avin  lossless, cycle-by-cycle current sensing  external compensation for maximum flexibility  digital soft-start and soft-stop for tracking applications  digital soft-start into a prebiased load for sequencing applications  sequencing or coincident/ratiometric tracking  programmable switching frequency from 500khz to 4mhz  thermal shutdown and hiccup-mode short- circuit protection  20? shutdown current  100% maximum duty cycle  space-saving (5mm x 5mm) 28-pin tqfn package max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ________________________________________________________________ maxim integrated products 1 max15021 thin qfn (5mm x 5mm) top view 26 27 25 24 10 9 11 pgnd1 pvin1 pvin1 lx1 pgnd1 12 sel n.c. lx2 pgnd2 n.c. dvdd2 n.c. 1 + 2 en2 4 *ep *ep = exposed pad. 567 20 21 19 17 16 15 sgnd avin comp1 fb1 en1 dvdd1 lx1 pvin2 3 18 28 8 rt pgnd1 fb2 23 13 n.c. comp2 22 14 n.c. n.c. pin configuration ordering information 19-4106; rev 0; 5/08 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. part temp range pin-package MAX15021ATI+ -40? to +125? 28 tqfn-ep* + denotes a lead-free package. * ep = exposed pad.
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v avin = v pvin_ = v dvdd_ = 3.3v, v pgnd_ = v sgnd_ = 0v, r t = 25k ? , and t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 3) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. note 1: lx_ has internal diodes to pgnd_ and pvin_. applications that forward bias these diodes should take care not to exceed the ic? package power dissipation. note 2: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four- layer board. for detailed information on package thermal considerations see www.maxim-ic.com/thermal-tutorial . avin, pvin_, dvdd_, en_, fb_, rt, sel to sgnd .........................................................-0.3v to +6v comp_ to sgnd .....................................-0.3v to (v avin + 0.3v) pgnd_ to sgnd ...................................................-0.3v to +0.3v lx_ current (note 1) regulator 1...............................................................................6a regulator 2...............................................................................3a current into any pin other than pvin_, lx_, and pgnd_ ..............................................................50ma continuous power dissipation (t a = +70?) 28-pin tqfn (derate 34.5mw/? above +70?) .....2758.6mw junction-to-case thermal resistance ( jc )(note 2) .........2?/w junction-to-ambient thermal resistance ( ja )(note 2) ..29?/w operating temperature range .........................-40? to +125? maximum junction temperature .....................................+150? storage temperature range .............................-60? to +150? lead temperature (soldering, 10s) .................................+300? parameter symbol conditions min typ max units system specifications input-voltage range v avin = v pvin1 = v pvin2 = v dvdd1 = v dvdd2 2.5 5.5 v undervoltage lockout threshold avin rising 2.1 2.2 2.3 v undervoltage lockout hysteresis 0.12 v operating supply current v en_ = 1.3v, v fb_ = 0.8v 3.5 6 ma shutdown supply current v en_ = 0v 20 65 ? pwm digital soft-start/soft-stop soft-start/soft-stop duration 4096 clock cycles reference voltage steps 64 steps pwm error amplifiers fb1, fb2 input bias current -1 +1 ? fb1, fb2 voltage set-point 0.593 0.599 0.605 v comp1, comp2 voltage range i comp _ = -250? to +250? 0.3 v avin - 0.5 v error-amplifier open-loop gain 80 db error-amplifier unity-gain bandwidth 12 mhz power mosfets reg ul ator 1 p - c hannel m o s fe t r d s on v dvdd1 = 5v 50 90 m ? reg ul ator 1 n- c hannel m o s fe t r d s on v dvdd1 = 5v 30 50 m ? regulator 1 gate charge v dvdd1 = 5v 8 nc maximum lx1 rms current 4a reg ul ator 2 p - c hannel m o s fe t r d s on v dvdd2 = 5v 100 180 m ? reg ul ator 2 n- c hannel m o s fe t r d s on v dvdd2 = 5v 60 100 m ? regulator 2 gate charge v dvdd2 = 5v 4 nc maximum lx2 rms current 2a
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability _______________________________________________________________________________________ 3 electrical characteristics (continued) (v avin = v pvin_ = v dvdd_ = 3.3v, v pgnd_ = v sgnd_ = 0v, r t = 25k ? , and t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 3) note 3: specifications are 100% production tested at t a = +25? and t a = +125?. maximum and minimum specifications over temperature are guaranteed by design. note 4: when operating with v avin = 2.5v, the maximum switching frequency should be derated to 3mhz. parameter symbol conditions min typ max units pwm current limit and hiccup mode v avin = 3.3v 4.5 4.9 5.3 regulator 1 peak current limit v avin = 2.5v 3.4 3.65 3.95 a v avin = 3.3v 4.0 4.9 5.65 regulator 1 valley current limit v avin = 2.5v 3.0 3.7 4.25 a v avin = 3.3v 2.25 2.45 2.65 regulator 2 peak current limit v avin = 2.5v 1.70 1.85 1.98 a v avin = 3.3v 2.0 2.5 2.83 regulator 2 valley current limit v avin = 2.5v 1.5 1.85 2.13 a number of cumulative current-limit events to hiccup n cl 4 clock cycles number of consecutive noncurrent limit cycles to clear n cl n clr 3 clock cycles hiccup timeout n ht 8192 clock cycles enable/sel en_ threshold v en_ rising 1.207 1.225 1.243 v en_ hysteresis 0.12 v en_ input current -2.5 +2.5 a sel high threshold 0.85 x v avin v sel low threshold 0.2 x v avin v sel input bias current present only during startup -100 +100 ? oscillator switching frequency range f sw f sw = 3mhz x [v rt (v)/1.067(v)] (note 4) 500 4000 khz f sw 1500khz -6 +6 oscillator accuracy f sw > 1500khz -10 +10 % phase shift between regulators 180 degrees rt current 0 < v rt < 1.067v 31.30 32 32.58 ? rt voltage range v rt 0.13 1.067 v minimum controllable on-time 60 ns minimum controllable off-time 60 ns pwm ramp amplitude v avin /4 v pwm ramp valley 0.3 v thermal shutdown thermal shutdown temperature temperature rising +160 ? thermal shutdown hysteresis 15 ?
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 4 _______________________________________________________________________________________ typical operating characteristics (v avin = v dvdd1 = v dvdd2 = v pvin1 = v pvin2 = 5v, v out1 = 3.3v, v out2 = 1.5v, v pgnd_ = 0v, r t = 16.5k ? . t a = +25?, unless otherwise noted.) channel 1 efficiency vs. load current max15021 toc01 load current (ma) efficiency (%) 1000 10 20 30 40 50 60 70 80 90 100 0 100 5000 v pvin1 = 3.3v v pvin1 = 5v v out1 = 1.8v f sw = 2mhz en2 = 0v channel 1 efficiency vs. load current max15021 toc02 load current (ma) efficiency (%) 1000 10 20 30 40 50 60 70 80 90 100 0 100 5000 v out1 = 3.3v v out1 = 1.8v v out1 = 1.0v v pvin1 = 5v f sw = 2mhz en2 = 0v channel 2 efficiency vs. load current max15021 toc03 load current (ma) efficiency (%) 1000 10 20 30 40 50 60 70 80 90 100 0 100 3000 p vin2 = 5v p vin2 = 3.3v v out2 = 1.5v f sw = 2mhz en1 = 0v channel 2 efficiency vs. load current max15021 toc04 load current (ma) efficiency (%) 1000 10 20 30 40 50 60 70 80 90 100 0 100 3000 v out2 = 1.0v v out2 = 1.5v v out2 = 2.5v v pvin2 = 5v f sw = 2mhz en1 = 0v channel 1 load regulation max15021 toc05 load current (a) v out1 (v) 2.5 2.0 1.5 1.0 0.5 3.302 3.304 3.306 3.308 3.310 3.312 3.314 3.316 3.318 3.320 3.300 03.0 v pvin1 = 5v f sw = 2mhz channel 2 load regulation max15021 toc06 load current (a) v out2 (v) 1.25 1.00 0.75 0.50 0.25 1.5025 1.5030 1.5035 1.5040 1.5045 1.5050 1.5055 1.5060 1.5065 1.5070 1.5020 0 1.50 f sw = 2mhz v pvin2 = 5v v pvin2 = 3.3v switching frequency vs. rt resistance max15021 toc07 rt resistance (k ? ) switching frequency (mhz) 35 30 20 25 10 15 5 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0 0 switching frequency vs. temperature max15021 toc08 temperature ( c) change in switching frequency (%) 110 95 65 80 -10 5 20 35 50 -25 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 -0.5 -40 125 f sw = 2mhz
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability _______________________________________________________________________________________ 5 quiescent current vs. temperature max15021 toc09 temperature ( c) quiescent current (ma) 110 95 65 80 -10 5 20 35 50 -25 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 2.50 -40 125 no switching switching current vs. temperature max15021 toc10 temperature ( c) switching current (ma) 110 95 65 80 -10 5 20 35 50 -25 14 13 15 16 17 18 19 20 21 22 23 24 25 26 27 12 -40 125 regulator 1 enabled v out1 = 3.3v regulator 2 enabled v out2 = 1.5v normalized undervoltage lockout threshold vs. temperature max15021 toc11 temperature ( c) normalized uvlo threshold (v) 110 95 65 80 -10 5 20 35 50 -25 0.975 0.980 0.985 0.990 0.995 1.000 1.005 1.010 1.015 1.020 1.025 1.030 0.970 -40 125 v uvlo (nom) = 2.2v coincident tracking soft-start max15021 toc13 v avin 5v/div v out1 1v/div v out2 1v/div 0v 0v 1ms/div coincident tracking soft-stop max15021 toc14 v avin 5v/div 1v/div 0v 0v 400 s/div vout2 en1 vout1 typical operating characteristics (continued) (v avin = v dvdd1 = v dvdd2 = v pvin1 = v pvin2 = 5v, v out1 = 3.3v, v out2 = 1.5v, v pgnd_ = 0v, r t = 16.5k ? . t a = +25?, unless otherwise noted.) en_ threshold vs. temperature max15021 toc12 temperature ( c) en_ threshold (v) 110 95 -25 -10 5 35 50 65 20 80 -40 125 1.215 1.220 1.225 1.230 1.235 1.240 1.245 1.250 1.255 1.260 1.210
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 6 _______________________________________________________________________________________ channel 2 load step response max15021 toc17 v pvin2 5v/div v out2 1.5v, ac-coupled 100mv/div i out2 1a/div 0v 0a 20 s/div en1 = 0v 180 out-of-phase operation max15021 toc19 pvin1 = pvin2 5v/div v lx1 5v/div v lx2 5v/div 0v 0v 0v 200ns/div iout1 = 3a iout2 = 1.5a channel 2 load step response max15021 toc18 v pvin2 5v/div v out2 1.5v, ac-coupled 100mv/div i out2 1a/div 0v 0a 20 s/div en1 = 0v typical operating characteristics (continued) (v avin = v dvdd1 = v dvdd2 = v pvin1 = v pvin2 = 5v, v out1 = 3.3v, v out2 = 1.5v, v pgnd_ = 0v, r t = 16.5k ? . t a = +25?, unless otherwise noted.) channel 1 load step response max15021 toc15 v pvin1 5v/div v out1 3.3v, ac-coupled 100mv/div i out1 2a/div 0v 0a 20 s/div en2 = 0v channel 1 load step response max15021 toc16 v pvin1 5v/div v out1 3.3v, ac-coupled 100mv/div i out1 2a/div 0v 0a 20 s/div en2 = 0v
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability _______________________________________________________________________________________ 7 pin description pin name function 1 sel track/sequence select input. connect sel to ground to configure the device as a sequencer. connect sel to avin for tracking with output 1 as the master. leave sel unconnected for tracking with output 2 as the master. use the output with the higher voltage as the master and the output with the lower voltage as the slave. 2, 7, 8 pgnd1 power ground connection for regulator 1. connect the negative terminals of the input and output filter capacitor to pgnd1. connect pgnd1 externally to sgnd at a single point, typically at the negative terminal of the input capacitor. 3, 6 lx1 inductor connection for regulator 1. lx1 is the drain connection of the internal high-side p-channel mosfet and the drain connection of the internal synchronous n-channel mosfet for regulator 1. 4, 5 pvin1 input supply voltage for regulator 1. connect to an external voltage source from 2.5v to 5.5v. bypass pvin1 to pgnd1 with a 1? (min) ceramic capacitor. 9 dvdd1 switch driver supply for regulator 1. connect externally to pvin1. 10 en1 enable input for regulator 1. when configured as a sequencer, en1 must exceed 1.225v (typ) for the pwm controller to begin regulating output 1. when configured as a tracker, connect en1 to the center tap of a resistive divider from the regulator 2 output. 11 fb1 feedback regulation point for regulator 1. connect fb1 to the center tap of a resistive divider from the regulator 1 output to sgnd to set the output voltage. the fb1 voltage regulates to 0.6v (typ). 12 comp1 error-amplifier output for regulator 1. connect comp1 to the compensation feedback network. 13, 14, 15, 20, 21, 22 n.c. no connection. do not connect. 16 dvdd2 switch driver supply for regulator 2. connect externally to pvin2. 17 pgnd2 power ground connection for regulator 2. connect the negative terminals of the input and output filter capacitors to pgnd2. connect pgnd2 externally to sgnd at a single point, typically at the negative terminal of the input capacitor. 18 lx2 inductor connection for regulator 2. lx2 is the drain connection of the internal high-side p-channel mosfet and the drain connection of the internal synchronous n-channel mosfet for regulator 2. 19 pvin2 input supply voltage for regulator 2. connect to an external voltage source from 2.5v to 5.5v. bypass pvin2 to pgnd2 with a 1? (min) ceramic capacitor. 23 comp2 error-amplifier output for regulator 2. connect comp2 to the compensation feedback network. 24 fb2 feedback regulation point for regulator 2. connect to the center tap of a resistive divider from the regulator 2 output to sgnd to set the output voltage. the fb2 voltage regulates to 0.6v (typ). 25 en2 enable input for regulator 2. when configured as a sequencer, en2 must exceed 1.225v (typ) for the pwm controller to begin regulating output 2. when configured as a tracker, connect en2 to the center tap of a resistive divider from the regulator 1 output. 26 sgnd signal ground. connect sgnd to pgnd_ at a single point, typically near negative terminal of the input bypass capacitor. 27 avin input voltage. bypass avin to sgnd with a 100nf (min) ceramic capacitor. 28 rt oscillator timing resistor connection. connect a 4.2k ? to 33k ? resistor from rt to sgnd to program the switching frequency from 500khz to 4mhz. ?p exposed pad. connect ep to a large copper plane at sgnd potential to improve thermal dissipation. do not use as the main sgnd connection.
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 8 _______________________________________________________________________________________ functional diagrams max15021 res avin sel sgnd pwm controller 1 clk1 rt comp1 fb1 v ref 1.225v 1.1v seq1 on1 on2 seq1 shdn seq2 on1 seq1 seq1 clk1 clk2 level shift seq2 ovl1 ilim1 ovl1 pgnd1 lx1 ovl2 shdn clk1 clk2 down1 e/a cpwm v r1 en1 0.6v ref v ref ramp en osc thermal shdn ovl config en config sel decode overload management digital soft-start and soft-stop 1.225v 1.1v d d0 break- before- make q avin high-side current sense low-side current sense clk dvdd1 en1 pvin1
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability _______________________________________________________________________________________ 9 functional diagrams (continued) max15021 res pwm controller 2 clk2 seq2 on2 en2 comp2 fb2 v ref 1.225v 1.1v seq1 on1 on2 seq1 seq2 seq1 clk2 level shift seq2 ovl2 ilim2 ovl1 pgnd2 lx2 ovl2 shdn clk1 clk2 down2 e/a cpwm v r2 en2 v ref ramp ovl config en config overload management digital soft-start and soft-stop d d0 break- before- make q avin high-side current sense low-side current sense clk dvdd2 pvin2
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 10 ______________________________________________________________________________________ detailed description the max15021 incorporates dual-output, pwm, step- down, dc-dc regulators with tracking and sequencing options. the device operates over the input-voltage range of 2.5v to 5.5v. each pwm regulator provides an adjustable output down to 0.6v and delivers up to 4a (regulator 1) and 2a (regulator 2) of load current. the high switching frequency (up to 4mhz) and integrated power switches optimize the max15021 for high-perfor- mance and small-size power management solutions. each of the max15021 pwm regulator sections utilizes a voltage-mode control scheme for good noise immuni- ty and offers external compensation allowing for maxi- mum flexibility with a wide selection of inductor values and capacitor types. the device operates at a fixed switching frequency that is programmable from 500khz to 4mhz with a single resistor. operating the regulators with 180 out-of-phase clocking, and at frequencies up to 4mhz, significantly reduces the rms input ripple current. the resulting peak input current reduction (and increase in the ripple frequency) significantly reduces the required amount of input bypass capacitance. the max15021 provides coincident tracking, ratiomet- ric tracking, or sequencing to allow tailoring of power- up/power-down sequence depending on the system requirements. when sequencing, it powers up glitch- free into a prebiased output. the max15021 includes internal undervoltage lockout with hysteresis, digital soft-start/soft-stop for ?litch-free power-up and power-down. protection features include lossless, cycle-by-cycle current limit, hiccup-mode out- put short-circuit protection, and thermal shutdown. undervoltage lockout (uvlo) the supply voltage (v avin ) must exceed the default uvlo threshold before any operation starts. the uvlo circuitry keeps the mosfet drivers, oscillator, and all the internal circuitry shut down to reduce current con- sumption. the uvlo rising threshold is 2.2v (typ) with a 120mv (typ) hysteresis. digital soft-start/soft-stop the max15021 soft-start feature allows the load volt- age to ramp up in a controlled manner, eliminating out- put-voltage overshoot. soft-start begins after v avin exceeds the undervoltage lockout threshold and the enable input is above 1.225v (typ). the soft-start cir- cuitry ramps up the reference voltage, controlling the rate of rise of the output voltage, and reducing input surge currents during startup. the soft-start duration is 4096 clock cycles. the output voltage is incremented through 64 equal steps. the output reaches regulation when soft-start is completed, regardless of the output capacitance and load. for tracking applications, soft-stop commences when the enable input falls below 1.1v (typ). the soft-stop circuitry ramps down the reference voltage controlling the output- voltage rate of fall. the output voltage is decremented through 64 equal steps in 4096 clock cycles. oscillator use an external resistor at rt to program the max15021 switching frequency from 500khz to 4mhz. calculate the appropriate resistor at rt for the desired output switching frequency (f sw ): tracking/sequencing the max15021 features coincident/ratiometric tracking and sequencing (see figure 1). connect sel to ground to configure the device as sequencer. connect sel to avin for tracking with output 1 as the master. leave sel unconnected for tracking with output 2 as the master. assign the output with the higher voltage as the master. rk a t [] . [] ?= f [khz] 1 [v] 4[mhz] sw 067 32 v out1 soft-start soft-start soft-start soft-stop a) coincident tracking outputs b) ratiometric tracking outputs c) sequenced outputs soft-stop soft-stop v out2 v out1 v out2 v out1 v out2 figure 1. graphical representation of coincident tracking, ratiometric tracking, and sequencing
coincident/ratiometric tracking the enable inputs in conjunction with digital soft-start and soft-stop provide coincident/ratiometric tracking. track an output voltage by connecting a resistive divider from the output being tracked to its enable input. for example, for v out2 to coincidentally track v out1 , connect the same resistive divider used for fb2, from v out1 to en2 to sgnd (see figure 2). track ratiometrically by connecting en_ to sgnd. this synchonizes the soft-start and soft-stop of all the regu- lator references, and hence their respective output volt- ages will track ratiometrically (see figure 2). when the max15021 regulators are configured as volt- age trackers, output short-circuit fault conditions at either master or slave output are handled carefully?ei- ther the master nor slave output will remain energized when the other output is shorted to ground. when the slave is shorted and enters hiccup mode, the master will soft-stop. when the master is shorted and the part enters in hiccup mode, the slave will ratiometrically soft- stop. coming out of hiccup mode, both outputs will soft- start coincidently or ratiometrically depending on their initial configuration. during the thermal shutdown or power-off when the input falls below its uvlo, the out- put voltages decrease at a rate depending on the respective output capacitance and load. see figure 1 for a graphical representation of coinci- dent/ratiometric tracking. sequencing when sequencing, the voltage at the enable inputs must exceed 1.225v (typ) for each pwm controller to start (see figure 1c). max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ______________________________________________________________________________________ 11 v rin1 en2 en1 sel avin output 1 is the master and output 2 is the slave. ratiometric tracking coincident tracking coincident tracking sel avin output 1 is the master and output 2 is the slave. v rin1 r a r b r a r b en1 v out1 en2 v out2 fb2 sel unconnected output 2 is the master and output 1 is the slave. v rin2 r c r d r c r d en2 v out2 en1 v out1 fb1 v rin2 en1 en2 sel unconnected output 2 is the master and output 1 is the slave. figure 2. ratiometric tracking and coincident tracking configurations
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 12 ______________________________________________________________________________________ error amplifier the output of the internal voltage-mode error amplifier (comp_) is provided for frequency compensation (see the compensation-design guidelines section). fb_ is the inverting input of the error amplifier. the error amplifier has an 80db open-loop gain and a 12mhz gain bandwidth (gbw) product. output short-circuit protection (hiccup mode) the max15021 features lossless, high-side peak cur- rent limit and low-side, valley current limit. at short duty cycles, both limits are active. at high duty cycles, only the high-side peak current limit is active. either limit causes the hiccup mode count (n cl ) to increment. for duty cycles less than 50%, the low-side valley cur- rent limit is active. once the high-side mosfet turns off, the voltage across the low-side mosfet is monitored. if this voltage does not exceed the current-limit threshold at the end of the cycle, the high-side mosfet turns on normally at the start of the next cycle. if the voltage exceeds the current-limit threshold just before the beginning of a new pwm cycle, the controller skips that cycle. during severe overload or short-circuit condi- tions, the switching frequency of the device appears to decrease because the on-time of the low-side mosfet extends beyond a clock cycle. if the current-limit threshold is exceeded for more than four cumulative clock cycles (n cl ), the device shuts down for 8192 clock cycles (hiccup timeout) and then restarts with a soft-start sequence. if three consecutive cycles pass without a current-limit event, the count of n cl is cleared (see figure 3). hiccup mode protects the device against a continuous output short circuit. the internal current limit is constant from 5.5v down to 3v and decreases linearly by 50% from 3v to 2v. see the electrical characteristics table. thermal-overload protection the max15021 features an integrated thermal-overload protection with temperature hysteresis. thermal-over- load protection limits the total power dissipation in the device and protects it in the event of an extended ther- mal fault condition. when the die temperature exceeds +160?, an internal thermal sensor shuts down the device, turning off the internal power mosfets and allowing the die to cool. after the die temperature falls by +15?, the part restarts with a soft-start sequence. startup into a prebiased output (sequencing mode) in sequencing mode, the regulators start into a prebi- ased output and soft-stop is disabled. during soft-start, the complementary switching sequence is inhibited until the pwm comparator commands its first pwm pulse. until then, the converters do not sink current from the outputs. the first pwm pulse occurs when the ramping reference voltage increases above the fb_ voltage. pwm controllers design procedure setting the switching frequency connect a 4.2k ? to 33k ? resistor from rt to sgnd to program the switching frequency from 500khz to 4mhz. calculate the resistor connected to rt using the following equation: higher frequencies allow designs with lower inductor values and less output capacitance. at higher switch- ing frequencies core losses, gate-charge currents, and switching losses increase. when operating from v avin 3v, the switching frequency (f sw ) should be derated to 3mhz (maximum). r f [khz] 1 [v] 32 4[mhz] t sw [] . [] k a ?= 067 current limit count of 4 n cl in clr initiate hiccup timeout n ht count of 3 n clr in clr figure 3. hiccup-mode block diagram
effective input-voltage range although the max15021? regulators can operate from input supplies ranging from 2.5v to 5.5v, the input-volt- age range can be effectively limited by the max15021? duty-cycle limitations for a given output voltage (v out_ ). the maximum input voltage (v pvin_max ) can be effectively limited by the control- lable minimum on-time (t on(min) ): where t on(min) is 0.06? (typ). the minimum input voltage (v pvin_min ) can be effec- tively limited by the maximum controllable duty cycle and is calculated using the following equation: where v out_ is the regulator output voltage and t off(min) is the 0.06? (typ) controllable off-time. inductor selection three key inductor parameters must be specified for operation with the max15021: inductance value (l), peak inductor current (i peak ), and inductor saturation current (i sat ). the minimum required inductance is a function of operating frequency, input-to-output voltage differential, and the peak-to-peak inductor current ( ? i p-p ). higher ? i p-p allows for a lower inductor value. a lower inductance minimizes size and cost and improves large-signal and transient response. however, efficiency is reduced due to higher peak cur- rents and higher peak-to-peak output-voltage ripple for the same output capacitor. a higher inductance increases efficiency by reducing the ripple current; however, resistive losses due to extra wire turns can exceed the benefit gained from lower ripple current lev- els especially when the inductance is increased without also allowing for larger inductor dimensions. choose the inductor? peak-to-peak current, ? i p-p, in the range of 20% to 50% of the full load current; as a rule of thumb 30% is typical. calculate the inductance, l, using the following equation: where v pvin_ is the input supply voltage, v out_ is the regulator output voltage, and f sw is the switching fre- quency. use typical values for v pvin_ and v out_ so that efficiency is optimum for typical conditions. the switching frequency (f sw ) is programmable between 500khz and 4mhz (see the oscillator section). the peak-to-peak inductor current ( ? i p-p ), which reflects the peak-to-peak output ripple, is largest at the maximum input voltage. see the output-capacitor selection section to verify that the worst-case output current ripple is acceptable. select an inductor with a saturation current, i sat , high- er than the maximum peak current to avoid runaway current during continuous output short-circuit condi- tions. also, confirm that the inductor? thermal perfor- mances and projected temperature rise above ambient does not exceed its thermal capacity. many inductor manufacturers provide bias/load current versus tem- perature rise performance curves (or similar) to obtain this information. input-capacitor selection the discontinuous input current of the buck converter causes large input ripple currents and therefore, the input capacitor must be carefully chosen to withstand the input ripple current and keep the input-voltage rip- ple within design requirements. the input-voltage ripple is comprised of ? v q (caused by the capacitor discharge) and ? v esr (caused by the esr of the input capacitor). the total voltage ripple is the sum of ? v q and ? v esr which peaks at the end of the on-cycle. calculate the required input capacitance and esr for a specified ripple using the following equations: i load(max) is the maximum output current, ? i p-p is the peak-to-peak inductor current, and v pvin_ is the input supply voltage, v out_ is the regulator output voltage, and f sw is the switching frequency. esr v [mv] i i 2 [a] c i [a] v [v] v [v] v [v] f [mhz] i [a] v v [v] v [v] v [v] f [mhz] l esr load(max) pp pvin_ load(max) out_ pvin_ qsw pp pvin_ out_ out_ pvin_ sw [] [] [] m f h ? ? ? ? ? = + ? ? ? ? ? ? = ? ? ? ? ? ? = ? () ? ? lh ia pp [] [] = ? ? v [v] (v [v] v [v]) v [v] f [mhz] out_ pvin_ out_ pvin_ sw ? v [v] v [v] 1 (t [ s] f [mhz]) pvin_min out_ off(min) sw ? v [v] v [v] t [ s] f [mhz] pvin_max out_ on(min) sw max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ______________________________________________________________________________________ 13
max15021 use the following equation to calculate the input ripple when only one regulator is enabled: the max15021 includes uvlo hysteresis to avoid possi- ble unintentional chattering during turn-on. use additional bulk capacitance if the input source impedance is high. if using a lower input voltage, additional input capacitance helps to avoid possible undershoot below the undervolt- age lockout threshold during transient loading. output-capacitor selection the allowed output-voltage ripple and the maximum deviation of the output voltage during load steps deter- mine the required output capacitance and its esr. the output ripple is mainly composed of ? v q (caused by the capacitor discharge) and ? v esr (caused by the voltage drop across the equivalent series resistance of the output capacitor). the equations for calculating the output capacitance and its esr are: where ? i p-p is the peak-to-peak inductor current, and f sw is the switching frequency. ? v esr and ? v q are not directly additive since they are out of phase from each other. if using ceramic capaci- tors, which generally have low esr, ? v q dominates. if using electrolytic capacitors, ? v esr dominates. the allowable deviation of the output voltage during fast load transients also affects the output capacitance, its esr, and its equivalent series inductance (esl). the output capacitor supplies the load current during a load step until the controller responds with an increased duty cycle. the response time (t response ) depends on the gain bandwidth of the controller (see the compensation-design guidelines section). the resistive drop across the output capacitor? esr ( ? v esr ), the drop across the capacitor? esl ( ? v esl ), and the capacitor discharge ( ? v q ) cause a voltage droop during the load-step (i step ). use a combination of low-esr tantalum/aluminum electrolyte and ceramic capacitors for better load transient and voltage ripple performance. nonleaded capacitors and capacitors in parallel help reduce the esl. keep the maximum out- put voltage deviation below the tolerable limits of the electronics being powered. use the following equations to calculate the required output capacitance, esr, and esl for minimal output deviation during a load step: where i step is the load step, t step is the rise time of the load step, and t response is the response time of the controller. compensation-design guidelines the max15021 uses a fixed-frequency, voltage-mode control scheme that regulates the output voltage by comparing the output voltage against a fixed reference. the subsequent ?rror?voltage that appears at the error-amplifier output (comp_) is compared against an internal ramp voltage to generate the required duty cycle of the pulse-width modulator. a second-order lowpass lc filter removes the switching harmonics and passes the dc component of the pulse-width-modulat- ed signal to the output. the lc filter has an attenuation slope of -40db/decade and introduces 180 of phase shift at frequencies above the lc resonant frequency. this phase shift in addition to the inherent 180 of phase shift of the regulator? negative feedback system turns the feedback into unstable positive feedback. the error amplifier and its associated circuitry must be designed to achieve a stable closed-loop system. the basic controller loop consists of a power modulator (comprised of the regulator? pulse-width modulator, associated circuitry, and lc filter), an output feedback divider, and an error amplifier. the power modulator has a dc gain set by v avin /v ramp where the ramp voltage (v ramp ) is a function of the v avin and results in a fixed dc gain of 4v/v, providing effective feed-forward com- pensation of input-voltage supply dc variations. the feed-forward compensation eliminates the dependency of the power modulator? gain on the input voltage such that the feedback compensation of the error amplifier requires no modifications for nominal input-voltage changes. the output filter is effectively modeled as a double-pole and a single zero set by the output induc- tance (l), the dc resistance of the inductor (dcr), the output capacitance (c out ) and its equivalent series resistance (esr). esr m v [mv] i [a] c i [a] t v [v] esl v [mv] t i [a] esr step out step response q esl step step [] [] [] [] [] ? ? ? ? = = = f s nh s cf i [a] 8 v [v] f [mhz] esr m 2 v [mv] i [a] out pp qsw esr pp [] [] = = ? ? ? ? ? ? ? i [a] i [a] v [v] v v [v] v [v] cin(rms) load(max) out_ pvin_ out_ pvin_ = ? () dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 14 ______________________________________________________________________________________
below are equations that define the power modulator: r out is the load resistance of the regulator, f lc is the resonant break frequency of the filter, and f esr is the esr zero of the output capacitor. see the closed-loop response and compensation of voltage-mode regulators section for more information on f lc and f esr . the switching frequency (f sw ) is programmable between 500khz and 4mhz. typically, the crossover frequency (f co )?he frequency at which the system? closed-loop gain is equal to unity (crosses 0db) should be set at or below one-tenth the switching fre- quency (f sw /10) for stable closed-loop response. the max15021 provides an internal voltage-mode error amplifier with its inverting input and its output available to the user for external frequency compensation. the flexi- bility of external compensation for each controller offers a wide selection of output filtering components, especial- ly the output capacitor. for cost-sensitive applications, use aluminum electrolytic capacitors while for space- sensitive applications, use low-esr tantalum or multilay- er ceramic chip (mlcc) capacitors at the output. the higher switching frequencies of the max15021 allow the use of mlcc as the primary filter capacitor(s). first, select the passive and active power components that meet the application output ripple, component size, and component cost requirements. second, choose the small-signal compensation components to achieve the desired closed-loop frequency response and phase margin as outlined below. closed-loop response and compensation of voltage-mode regulators the power modulator? lc lowpass filter exhibits a vari- ety of responses, dependent on the value of the l and c and their parasitics. higher resistive parasitics reduce the q of the circuit, reducing the peak gain and phase of the system; however, efficiency is also reduced under these circumstances. one such response is shown in figure 4a. in this exam- ple, the esr zero occurs relatively close to the filter? resonant break frequency, f lc . as a result, the power modulator? uncompensated crossover is approximate- ly one-third the desired crossover frequency, f co . note also, the uncompensated rolloff through the 0db plane follows a single-pole, -20db/decade slope, and 90 of phase lag. in this instance, the inherent phase margin ensures a stable system; however, the gain-bandwidth product is not optimized. gain v v v v 4 4v/v f 1 2lc r esr r dcr 1 2lc f 1 2 esr c mod(dc) avin ramp avin avin lc out out out out esr out === = + + ? ? ? ? ? ? = max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ______________________________________________________________________________________ 15 max15021 fig04a magnitude (db) phase (degrees) -60 -40 -20 0 20 40 -80 100 1k 10k frequency (hz) 100k 1m 10m 10 -135 -90 -45 0 45 90 -180 |g mod | f lc f esr < g mod |g mod | asymptote figure 4a. power modulator gain and phase response with lossy bulk output capacitor(s) (aluminum) max15021 fig04b magnitude (db) phase (degrees) frequency (hz) -60 -40 -20 0 20 40 60 80 -80 -135 -90 -45 0 45 90 135 180 -180 100 1k 10k 100k 1m 10m 10 < g ea |g ea | |g mod | f lc f esr f co < g mod figure 4b. power modulator and type ii compensator gain and phase response with lossy bulk output capacitor(s) (aluminum)
max15021 as seen in figure 4b, a type ii compensator provides for stable closed-loop operation, leveraging the +20db/ decade slope of the capacitor? esr zero, while extend- ing the closed-loop gain-bandwidth of the regulator. the zero crossover now occurs at approximately three times the uncompensated crossover frequency, f co . the type ii compensator? midfrequency gain (approxi- mately 12db shown here) is designed to compensate for the power modulator? attenuation at the desired crossover frequency, f co (gain e/a + gain mod = 0db at f co ). in this example, the power modulator? inherent -20db/decade rolloff above the esr zero (f zero,esr ) is leveraged to extend the active regulation gain-band- width of the voltage regulator. as shown in figure 4b, the net result is a three times increase in the regulator? gain bandwidth while providing greater than 75 of phase margin (the difference between gain e/a and gain mod respective phases at crossover, f co ). other filter schemes pose their own problems. for instance, when choosing high-quality filter capacitor(s), e.g. mlccs, the inherent esr zero may occur at a much higher frequency, as shown in figure 4c. as with the previous example, the actual gain and phase response is overlaid on the power modulator? asymptotic gain response. one readily observes the more dramatic gain and phase transition at or near the power modulator? resonant frequency, f lc , versus the gentler response of the previous example. this is due to the filter components?lower parasitic (dcr and esr) and corresponding higher frequency of the inherent esr zero. in this example, the desired crossover fre- quency occurs below the esr zero frequency. in this example, a compensator with an inherent midfre- quency double-zero response is required to mitigate the effects of the filter? double-pole phase lag. this is available with the type iii topology. as demonstrated in figure 4d, the type iii? midfre- quency double-zero gain (exhibiting a +20db/dec slope, noting the compensator? pole at the origin) is designed to compensate for the power modulator? double-pole -40db/decade attenuation at the desired crossover frequency, f co (again, gain e/a + gain mod = 0db at f co ) (see figure 4d). in the above example the power modulator? inherent (midfrequency) -40db/decade rolloff is mitigated by the midfrequency double zero? +20db/decade gain to extend the active regulation gain-bandwidth of the volt- age regulator. as shown in figure 4d, the net result is an approximate doubling in the controller? gain band- width while providing greater than 55 degrees of phase margin (the difference between gain e/a and gain mod respective phases at crossover, f co ). design procedures for both type ii and type iii com- pensators are shown below. dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 16 ______________________________________________________________________________________ magnitude (db) phase (degrees) frequency (hz) -60 -40 -20 0 20 40 -80 -135 -90 -45 0 45 90 -180 max15021 fig04c 100 1k 10k 100k 1m 10m 10 |g mod | |g mod | asymptote f lc f esr < g mod figure 4c. power modulator gain and phase response with low-parasitic capacitor(s) (mlccs) max15021 fig04d magnitude (db) phase (degrees) frequency (hz) -60 -40 -20 0 20 40 60 80 -80 -203 -135 -68 0 68 135 203 270 -270 100 1k 10k 100k 1m 10m 10 < g ea |g ea | |g mod | f lc f esr f co < g mod figure 4d. power modulator and type iii compensator gain and phase response with low parasitic capacitors (mlccs)
type ii: compensation when f co > f zero,esr when the f co is greater than f esr , a type ii compensa- tion network provides the necessary closed-loop com- pensated response. the type ii compensation network provides a midband compensating zero and a high-fre- quency pole (see figures 5a and 5b). r f c f provides the midband zero f mid,zero , and r f c cf provides the high-frequency pole, f high,pole . use the following procedure to calculate the compen- sation network components. calculate the f esr and lc double pole, f lc : where c out is the regulator output capacitor and esr is the series resistance of c out . see the output- capacitor selection section for more information on cal- culating c out and esr. set the compensator? leading zero, f z1 , at or below the filter? resonant double-pole frequency from: set the compensator? high-frequency pole, f p1 , at or below one-half the switching frequency, f sw : to maximize the compensator? phase lead, set the desired crossover frequency, f co , equal to the geomet- ric mean of the compensator? leading zero, f z1 , and high-frequency pole, f p1 , as follows: select the feedback resistor, r f , in the range of 3.3k ? to 30k ? . calculate the gain of the modulator (gain mod )?om- prised of the regulator? pulse-width modulator, lc filter, feedback divider, and associated circuitry?t the desired crossover frequency, f co , using the following equation: where v fb is the 0.6v (typ) fb_ input-voltage set-point, l is the value of the regulator inductor, esr is the series resistance of the output capacitor, and v out_ is the desired output voltage. the gain of the error amplifier (gain e/a ) in the midband frequencies is: the total loop gain is the product of the modulator gain and the error amplifier gain at f co and should be set equal to 1 as follows: gain mod x gain e/a = 1 so: 20 log 20 log 0db r r 4 esr x v 2 f l x v 1 10 r r 10 4 esr x v 2 f l x v f 1 fb co out_ f 1 fb co out_ + = = ? ? ? ? ? ? ? ? ? ? ? ? ? ? gain r [k ] r [k ] e/a f 1 = ? ? gain 4(v/v) esr [m ] 2 f [khz] l[ h] v [v] v [v] mod co fb out_ = () ? fff co z1 p1 = f f 2 p1 sw ff z1 lc f 1 2 esr c f 1 2lc esr out lc out = max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ______________________________________________________________________________________ 17 r 1 v ref r f fb_ comp_ v out_ r 2 c f c cf figure 5a. type ii compensation network gain (db) 1st asymptote ( r 1 c f ) -1 2nd asymptote (r f r 1 ) -1 3rd asymptote ( r f c cf ) -1 (rad/sec) 1st pole (at origin) 2nd pole (r f c cf ) -1 1st zero (r f c f ) -1 figure 5b. type ii compensation network response
max15021 solving for r 1 : where v fb is the 0.6v (typ) fb_ input-voltage set-point, l is the value of the regulator inductor, esr is the series resistance of the output capacitor, and v out_ is the desired output voltage. 1) c f is determined from the compensator? leading zero, f z1 , and r f as follows: 2) c cf is determined from the compensator? high-fre- quency pole, f p1 , and r f as follows: 3) calculate r 2 using the following equation: where v fb = 0.6v (typ) and v out_ is the output voltage of the regulator. type iii: compensation when f co < f esr as indicated above, the position of the output capaci- tor? inherent esr zero is critical in designing an appro- priate compensation network. when low-esr ceramic output capacitors (mlccs) are used, the esr zero fre- quency (f esr ) is usually much higher than the desired crossover frequency (f co ). in this case, a type iii com- pensation network is recommended (see figure 6a). as shown in figure 6b, the type iii compensation net- work introduces two zeros and three poles into the con- trol loop. the error amplifier has a low-frequency pole at the origin, two zeros, and two higher frequency poles at the following frequencies: two midband zeros (f z1 and f z2 ) are designed to com- pensate for the pair of complex poles introduced by the lc filter. f p1 introduces a pole at zero frequency (integrator) for nulling dc output voltage errors. f p1 = at the origin (0hz) depending on the location of the esr zero (f esr ), f p2 can be used to cancel it, or to provide additional atten- uation of the high-frequency output ripple. f p3 attenuates the high-frequency output ripple. since c cf << c f then: f 1 2 r c p3 fcf = f 1 2r cc 1 2r cc cc p3 ffcf f fcf fcf = () = + f 1 2rc p2 ii = f 1 2rc f 1 2c(rr) z1 ff z2 i1i = = + r[k] r[k] v [v] v [v] v [v] 21 fb out_ fb ?? = ? cf] 1 2 r [k ] f [khz] cf fp1 [ = ? c[f] 1 2 r [k ] f [khz] f fz1 = ? r [k ] r [k ] 4 esr[m ] v [v] 2 f [khz] l[ h] v [v] 1 ffb co out_ ? ?? = dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 18 ______________________________________________________________________________________ r 1 v ref r f fb_ comp_ v out_ r 2 c f c cf r i c i figure 6a. type iii compensation network gain (db) 1st asymptote ( r 1 c f ) -1 3rd asymptote ( r f c i ) -1 5th asymptote ( r i c cf ) -1 (rad/sec) 1st pole (at origin) 2nd pole (r i c i ) -1 3rd pole (r f c cf ) -1 1st zero (r f c f ) -1 2nd asymptote r f r 1 ( ) 1 4th asymptote r f r i ( ) 2nd zero (r 1 c i ) -1 figure 6b. type iii compensation network response
the locations of the zeros and poles should be such that the phase margin peaks around f co . set the ratios of f co -to-f z and f p -to-f co equal to one anoth- er, e.g., f co = f p = 5 is a good number to get approximately f z f co 60 of phase margin at f co . whichever technique, it is important to place the two zeros at or below the double pole to avoid the conditional stability issue. the following procedure is recommended: 1) select a crossover frequency, f co , at or below one- tenth the switching frequency (f sw ): 2) calculate the lc double-pole frequency, f lc : where c out is the output capacitor of the regulator. 3) select the feedback resistor, r f , in the range of 3.3k ? to 30k ? . 4) place the compensator? first zero at or below the output filter? double-pole, f lc , as follows: 5) the gain of the modulator (gain mod )?omprised of the regulator? pulse-width modulator, lc filter, feedback divider, and associated circuitry?t the crossover frequency is: the gain of the error amplifier (gain e/a ) in midband fre- quencies is: the total loop gain is the product of the modulator gain and the error amplifier gain at f co should be equal to 1, as follows: gain mod x gain e/a = 1 so: solving for c i : 6) for those situations where f lc < f co < f esr < f sw /2, as with low-esr tantalum capacitors, the compen- sator? second pole (f p2 ) should be used to cancel f esr . this provides additional phase margin. on the system bode plot, the loop gain maintains its +20db/decade slope up to 1 / 2 of the switching fre- quency verses flattening out soon after the 0db crossover. then set: f p2 = f esr if a ceramic capacitor is used, then the capacitor esr zero, f esr , is likely to be located even above one-half of the switching frequency, that is f lc < f co < f sw /2 < f esr . in this case, the frequency of the second pole (f p2 ) should be placed high enough not to significantly erode the phase margin at the crossover frequency. for example, f p2 can be set at 5 x f co , so that its con- tribution to phase loss at the crossover frequency f co is only about 11? f p2 = 5 x f co once f p2 is known, calculate r i : 7) place the second zero (f z2 ) at 0.2 x f co or at f lc , whichever is lower, and calculate r 1 using the fol- lowing equation: 8) place the third pole (f p3 ) at 1/2 the switching fre- quency and calculate c cf from: 9) calculate r 2 as: where v fb = 0.6v (typ). r[k] r[k] v [v] v [v] v [v] 21 fb out_ fb ?? = ? c[f] 1 2 0.5 f [mhz] r [k ] cf sw f n = () ? r[k ] 1 2 f [khz] c [ f] 1 z2 i ?= r[k ] 1 2 f [khz] c [ f] i p2 i ?= c pf] 2 f [khz] l[ h] c [ f] 4 r [k ] i co out f [ = () ? ? 4 1 (2 f [khz]) c [ f] l[ h] 2 f [khz] c [ f] r [k ] 1 co 2 out co i f = ? p ? gain 2 f [khz] c [ f] r [k ] e/a co i f = ? gain 4 1 (2 f [mhz]) l[ h] c [ f] mod co 2 out = ? c[f] 1 2 r [k ] 0.5 f [khz] f flc = ? f [mhz] 1 2 l[ h] c f] lc out [ f [khz] f [khz] 10 co sw max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ______________________________________________________________________________________ 19 f 1 2rc z1 ff =
max15021 applications information pcb layout guidelines careful pcb layout is critical to achieve clean and sta- ble operation. follow these guidelines for good pcb layout: 1) place decoupling capacitors as close as possible to the ic pins. 2) keep sgnd and pgnd isolated and connect them at one single point close to the negative terminal of the input filter capacitor. 3) route high-speed switching nodes away from sensi- tive analog areas (fb_, comp_, and en_). 4) distribute the power components evenly across the board for proper heat dissipation. 5) ensure timing resistor and all feedback connections are short and direct. place feedback resistors as close as possible to the ic. 6) place the bank of the output capacitors close to the load. 7) connect the max15021 exposed pad to a large copper plane to maximize its power dissipation capability. connect the exposed pad to sgnd plane. do not connect the exposed pad to the sgnd pin directly underneath the ic. 8) use 2oz. copper to keep trace inductance and resistance to a minimum. thin copper pcbs can compromise efficiency since high currents are involved in the application. also thicker copper con- ducts heat more effectively, thereby reducing ther- mal impedance. 9) a reference pcb layout included in the max15021 evaluation kit is also provided to further aid layout. dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 20 ______________________________________________________________________________________
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability ______________________________________________________________________________________ 21 typical operating circuits c i2 max15021 lx2 pgnd2 en1 dvdd1 rt sel comp1 sgnd avin en2 pvin2 dvdd2 c dd1 c cf2 c f2 r f2 r t r i2 r 1 c 1 v in r 1fb1 r i1 r s2 l 2 r 2fb2 r 2fb1 r 1fb2 c t c 2 c i1 c out2 v out2 v avin c s2 c in2 c dd2 fb2 v in pvin1 c in1 v in comp2 c cf1 c f1 r f1 lx1 pgnd1 fb1 pgnd sgnd r s1 l 1 c out1 v out1 v avin c s1 r 1en2 r 2en2 figure 7. max15021 double buck with tracking
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability 22 ______________________________________________________________________________________ typical operating circuits (continued) c i2 max15021 lx2 pgnd2 en1 dvdd1 rt sel comp1 sgnd avin en2 pvin2 dvdd2 c dd1 c cf2 c f2 r f2 r t r i2 r 1 c 1 v in r 1out1 r i1 r s2 l 2 r 2out2 r 2out1 r 1out2 c t c 2 c i1 c out2 v out2 v out1 v avin c s2 c in2 c dd2 fb2 v in pvin1 c in1 v in comp2 c cf1 c f1 r f1 lx1 pgnd1 fb1 pgnd sgnd r s1 l 1 c out1 v out1 c s1 figure 8. max15021 double buck with sequencing
max15021 dual, 4a/2a, 4mhz, step-down dc-dc regulator with tracking/sequencing capability maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 23 2008 maxim integrated products is a registered trademark of maxim integrated products, inc. chip information process: bicmos package information for the latest package outline information, go to www.maxim-ic.com/packages . package type package code document no. 28 tqfn t2855-6 21-0140


▲Up To Search▲   

 
Price & Availability of MAX15021ATI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X