Part Number Hot Search : 
STA2056 CX16245M 3842M BZX84C33 NCV553 NM24W16 SI3402B R3475
Product Description
Full Text Search
 

To Download M28F220-90M1TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m28f220 2 mbit (256kb x8 or 128kb x16, boot block) flash memory august 1998 1/32 ai01297b 17 a0-a16 w dq0-dq14 v pp v cc m28f220 g e v ss 15 rp byte dq15a1 wp figure 1. logic diagram 5v 10% supply voltage 12v 5% or 10% programming voltage fast access time: 60ns program/erase controller (p/e.c.) automatic static mode memory erase in blocks boot block (bottom location) with hardware write and erase protection parameter and main blocks 100,000 program/erase cycles low power consumption 20 years data retention defectivity below 1ppm/year electronic signature manufacturer code: 0020h device code: 00e6h a0-a16 address inputs dq0-dq7 data input / outputs dq8-dq14 data input / outputs dq15a1 data input/output or address input e chip enable g output enable w write enable byte byte/word organization wp write protect rp reset/power down/boot block unlock v pp program & erase supply voltage v cc supply voltage v ss ground table 1. signal names 44 1 so44 (m) tsop48 (n) 12 x 20mm
v ss dq9 dq2 a1 e a3 a2 a8 a16 a15 dq5 nc g byte dq4 dq10 dq3 v cc dq12 nc w nc v pp rp ai01798b m28f220 (normal) 12 1 13 24 25 36 37 48 a13 a14 dq15a1 a4 nc dq11 dq0 v ss a11 a12 a9 a10 dq14 dq6 dq13 dq7 a6 nc a7 a5 dq8 dq1 a0 wp figure 2a. tsop pin connections warning: nc = not connected. g dq0 dq8 a3 a0 e v ss a2 a1 a13 v ss a14 a15 dq7 a12 a16 byte dq15a1 dq5 dq2 dq3 v cc dq11 dq4 dq14 a9 w a4 v pp rp a7 ai01299b m28f220 8 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 20 19 18 17 dq1 dq9 a6 a5 dq6 dq13 44 39 38 37 36 35 34 33 a11 a10 dq10 21 dq12 40 43 1 42 41 nc a8 wp figure 2b. so pin connections warning: nc = not connected. symbol parameter value unit t a ambient operating temperature (4) 40 to 125 c t bias temperature under bias 50 to 125 c t stg storage temperature 65 to 150 c v io (2, 3) input or output voltages 0.6 to v cc + 0.5 v v cc supply voltage 0.6 to 7 v v (a9, rp) (2) a9, rp voltage 0.6 to 13.5 v v pp (2) program supply voltage, during erase or programming 0.6 to 14 v notes: 1. except for the rating ooperating temperature rangeo, stresses above those listed in the table oabsolute maximum ratingso may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not i mplied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. refer also to the stmicroelectronics sure program and other relevant quality documents. 2. minimum voltage may undershoot to 2v during transition and for less than 20ns. 3. maximum voltage may overshoot to 7v during transition and for less than 20ns. 4. depends on range. table 2. absolute maximum ratings (1) 2/32 m28f220
description the m28f220 flash memory is a non-volatile memorythat may be erased electricallyat the block level and programmed by byte or by word. the interface is directly compatible with most micro- processors. the device is offered in so44 and tsop48 (12 x 20mm) packages. organization the organization, as 256k x8 or 128k x16, is selectable by an external byte signal. when byte is low the x8 organization is selected, the data input/output signal dq15 acts as address line a1 and selects the lower or upper byte of the memory word for output on dq0-dq7, dq8-dq14 remain high impedance. when byte is high the memory uses the address inputs a0-a16 and the data input/outputsdq0-dq15. memory control is provided by chip enable, output enable and write enable inputs. a reset/power down/boot block unlock, tri-level input, places the memory in deep power down, normal operation. memory blocks erasure of the memory is in blocks. there are 5 blocks in the memory address space, one boot block of 16 kbytes or 8 kwords, two 'key parame- ter blocks' of 8 kbytes or 4 kwords, one 'main block' of 96 kbytes or 48 kwords, and one 'main block' of 128 kbytes or 64 kwords. the m28f220 locates the boot block starting at the bottom (00000h). the blocks mapping is shown in figure 3. each block of the memory can be erased sepa- rately over typically 100,000 times and erasure takes typically 1 second. the boot block is hard- ware protected from accidental programming or erasure, depending on the rp and wp signals. program/erase commands in the boot block are executed only when rp is at v hh or wp is at v ih (while rp is at v ih ). the memory blocks protection scheme is shown in table 3. block erasure may be suspended in order to read data from other blocks of the memory, and then resumed. programming and erasure of the memoryblocks is disabledwhen the program supply is at v ppl . ai01305b 8k boot block 1ffffh 10000h 0ffffh 00000h 4k parameter block 4k parameter block 48k main block 64k main block 04000h 03fffh 03000h 02fffh 02000h 01fffh a0-a16 word wide m28f220 bottom boot block figure 3. memory map, word-wide addresses v pp rp wp boot block other blocks v ppl x x protected protected v pph v il x protected protected v pph v ih v il protected unprotected v pph v ih v ih unprotected unprotected v pph v hh x unprotected unprotected notes: x' = don't care rp is the reset/power down/ boot block unlock tri-level input. table 3. memory blocks protection truth table 3/32 m28f220
bus operations six operationscan be performedby the appropriate bus cycles, read byte or word from the array, read electronic signature, output disable, standby, power down and write the command of an instruction. command interface commands can be written to a command interface (c.i.) latch to perform read, programming, erasure and to monitor the memory's status. when power is first applied, on exit from power down or if v cc falls below v lko , the command interface is reset to read memory array. instructions and commands eight instructions are defined to perform read memory array, read status register, read elec- tronic signature, erase, program, clear status register, erase suspend and erase resume. an internalprogram/erasecontroller (p/e.c.)handles all timing and verification of the program and erase instructions and provides status bits to indicate its operation and exit status. instructions are com- posed of a first command write operation followed by either second command write, to confirm the commands for programming or erase, or a read operationto read data from the array, the electronic signature or the status register. for added data protection, the instructions for byte or word program and block erase consist of two commands that are written to the memory and which start the automatic p/e.c. operation.byte or word programming takes typically 9 m s, block erase typically 1 second. erasure of a memory block may be suspended in order to read data from another block and then resumed. a status register may be read at any time, including during the programming or erase cycles, to monitor the progress of the operation. power saving the m28f220 has a number of power saving fea- tures. a cmos standby mode is entered when the chip enable e and the reset/power down (rp) signals are at v cc , when the supply current drops to typically 60 m a. a deep power down mode is enabled when the reset/power down (rp) signal is at v ss , where the supply currentdrops to typically 0.2 m a. the time required to awake from the deep power down mode is 300ns maximum, with instruc- tions to the c.i. recognised after only 210ns. signal descriptions address inputs (a0-a16). the address signals, inputs for the memory array, are latched during a write operation. a9 address input is also used for the electronic signature operation. when a9 is raised to 12v the electronic signature may be read. the a0 signal is used to select two words or bytes, when a0 is low the manufacturer code is read and when a0 is high the device code. when byte is low dq0-dq7 output the codes and dq8-dq15 are don't care, when byte is high dq0-dq7 output the codes and dq8-dq15 output 00h. data input/outputs (dq0-dq7). the data inputs, a byte or the lower byte of a word to be programmed or a command to the c.i., are latched when both chip enable e and write enable w are active. the data output from the memory array, the electronic signature or status register is valid when chip enable e and output enable g are active. the output is high impedance when the chip is dese- lected or the outputs are disabled. data input/outputs (dq8-dq14 and dq15a1). these input/outputs are used in the word-wide organization. when byte is high for the most significant byte of the input or output, functioning as described for dq0-dq7 above. when byte is low, dq8-dq14 are high impedance, dq15a1 is the address a1 input. chip enable (e). the chip enable activates the memory control logic, input buffers, decoders and sense amplifiers. e high de-selects the memory and reduces the power consumptionto the standby level. e can also be used to control writing to the command register and to the memory array, while w remains at a low level. both addresses and data inputs are then latched on the rising edge of e. reset/power down (rp). this is a tri-level input which locks the boot block from programming and erasure, and allows the memory to be put in deep power down. when rp is high (up to 6.5v max) and wp is low the boot block is locked and cannot be pro- grammed or erased. when rp is above 11.4v the boot block is unlocked for programmingor erasure. with rp low the memory is in deep power down, and if rp is within v ss +0.2v the lowest supply current is absorbed. output enable (g). the output enable gates the outputs through the data buffers during a read operation. 4/32 m28f220
write enable (w). it controls writing to the com- mand register and input address and data latches. both addresses and data inputs are latched on the rising edge of w. byte/word organization select (byte). this in- put selects either byte-wide or word-wide organiza- tionof the memory. when byteis low the memory is organized x8 or byte-wide and data input/output uses dq0-dq7 while a-1 acts as the additional, lsb, of the memory address that multiplexes the upper or lower byte. in the byte-wide organization dq8-dq14 are high impedance. when byte is high the memory is organized x16 and data in- put/output uses dq0-dq15 with the memory ad- dressed by a0-a16. write protect (wp). the write protect is an addi- tionnal hardware control input to protect or unpro- tect the boot block from write operations for systems where v hh voltage is not available to rp pin. when v pp is at v pph and rp is at v ih ,ifwpis at v il the boot block is protected; if wp is at v ih , the boot block is unprotected and can be erased and programmed just like all other blocks. when v pp is at v pph and rp is at v hh , the wp is don't care and the boot block is unprotected. see table 3 for a complete picture of the blocks protection scheme. v pp programsupply voltage. this supplyvoltage is used for memory programming and erase. v pp 10% tolerance option is provided for applica- tionrequiring maximum 100 write and erase cycles. v cc supply voltage. it is the main circuit supply. v ss ground. it is the reference for all voltage measurements. device operations operations are defined as specific bus cycles and signals which allow memory read, command write, output disable, standby, power down, and electronic signature read. they are shown in ta- ble 4. read. read operations are used to output the contents of the memory array, the status register or the electronic signature. both chip enable e and output enable g must be low in order to read the output of the memory. the chip enable input also provides power control and should be used for device selection. output enable should be used to gate data onto the output independentof the device selection. a read operationwill output either a byte or a word depending on the byte signal level. when byteis low the output byte is on dq0-dq7, dq8-dq14 are hi-z and a1 is an additional ad- dress input. when byte is high the output word is on dq0-dq15. the data read depends on the previous command written to the memory (see instructions rd, rsr and rsig). write. write operations are used to give instruction commands to the memory or to latch input data to be programmed. a write operation is initiated when chip enable e is low and write enable w is low with outputenable g high. commands, input data and addresses are latched on the rising edge of w or e. as for the read operation,when byteis low a byte is input, dq8-dq14 are 'don't care' and a1 is an additional address. when byte is high a word is input. output disable. the data outputs are high imped- ance when the output enable g is high with write enable w high. operation e g w rp byte dq0 - dq7 dq8 - dq14 dq15a1 read word v il v il v ih v ih v ih data output data output data output read byte v il v il v ih v ih v il data output hi-z address input write word v il v ih v il v ih v ih data input data input data input write byte v il v ih v il v ih v il data input hi-z address input output disable v il v ih v ih v ih x hi-z hi-z hi-z standby v ih xxv ih x hi-z hi-z hi-z power down x x x v il x hi-z hi-z hi-z note: x=v il or v ih ,v pp =v ppl or v pph . table 4. operations 5/32 m28f220
organisat ion code e g w byte a0 a9 a1-a8 & a10-a16 dq0 - dq7 dq8 - dq14 dq15 a1 word-wide manufact. code v il v il v ih v ih v il v id don't care 20h 00h 0 device code v il v il v ih v ih v ih v id don't care e6h 00h 0 byte-wide manufact. code v il v il v ih v il v il v id don't care 20h hi-z don't care device code v il v il v ih v il v ih v id don't care e6h hi-z don't care note: rp = v ih . table 5. electronic signature standby. the memory is in standby when the chip enable e is high. the power consumption is re- duced to the standbylevel and the outputsare high impedance, independent of the output enable g or write enable w inputs. powerdown. thememoryis in power down when rp is low. the power consumption is reduced to the power down level, and outputs are in high impedance, independant of the chip enable e, output enable g or write enable w inputs. electronic signature. two codes identifying the manufacturer and the device can be read from the memory, the manufacturer code for stmi- croelectronics is 20h, and the device codes is e6h. these codes allow programming equipment or ap- plications to automatically match their interface to the characteristics of the particular manufacturer's product. the electronic signature is output by a read array operation when the voltage applied to a9 is at v id , the manufacturer code is output when the address input a0 is low and the devicecode when this input is high. other address inputs are ignored. the codes are output on dq0-dq7. when the byte signal is high the outputs dq8-dq15 output 00h, when low these outputs are high impedance and address input a1 is ignored. the electronic signature can also be read, without raising a9 to v id , after giving the memory the instruction rsig (see the relevant instruction). instructions and commands the memory includes a command interface (c.i.) which latches commands written to the memory. instructions are made up from one or more com- mands to perform memory read, read status register, read electronic signature, erase, pro- gram, clear status register, erase suspend and erase resume. these instructions require from 1 to 3 operations, the first of which is always a write operation and is followed by either a further write operation to confirm the first command or a read operation(s) to output data. a status register indicates the p/e.c. status ready or busy, the suspend/in-progress status of erase operations, the failure/success of erase and program operations and the low/correct value of the program supply voltage v pp . the p/e.c. automatically sets bits b3 to b7 and clears bit b6 & b7. it cannot clear bits b3 to b5. the register can be read by the read status register (rsr) instruction and cleared by the clear status register (clrs) instruction. the meaning of the bits b3 to b7 is shown in table 8. bits b0 to b2 are reserved for future use (and should be masked out during status checks). read (rd) instruction. the read instruction con- sists of one write operation giving the command ffh. subsequent read operations will read the addressedmemoryarray contentand output a byte or word depending on the level of the byte input. read status register (rsr) instruction. the read status register instruction may be given at any time, including while the program/erase con- troller is active. it consists of one write operation giving the command 70h. subsequentread opera- tions output the contents of the status register. the contents of the status register are latched on the falling edge of e or g signals, and can be read until e or g returns to its initial high level. either e or g must be toggled to v ih to update the latch. additionally, any read attempt during program or erase operation will automatically output the con- tents of the status register. read electronic signature (rsig) instruction. this instructionuses 3 operations.it consists of one write operation giving the command 90h followed by two read operations to output the manufacturer and device codes. the manufacturer code, 20h, is output when the address line a0 is low, and the device code is e6h. 6/32 m28f220
mnemon ic instruction cycles 1st cycle 2nd cycle operation address (1) data (4) operation address data rd read memory array 1+ write x ffh read (2) read address data rsr read status register 1+ write x 70h read (2) x status register rsig read electronic signature 3 write x 90h read (2) signature address (3) signature ee erase 2 write x 20h write block address d0h pg program 2 write x 40h or 10h write address data input clrs clear status register 1 write x 50h es erase suspend 1 write x b0h er erase resume 1 write x d0h notes: 1. x = don't care. 2. the first cycle of the rd, rsr or rsig instruction is followed by read operations to read memory array, status register or electronic signature codes. any number of read cycle can occur after one command cycle. 3. signature address bit a0=v il will output manufacturer code. address bit a0=v ih will output device code. other address bits are ignored. 4. when word organization is used, upper byte is don't care for command input. table 6. instructions erase (ee) instruction. this instruction uses two write operations. the first command written is the erase set-up command 20h. the second com- mand is the erase confirm command d0h. during hex code command 00h invalid/reserved 10h alternative program set-up 20h erase set-up 40h program set-up 50h clear status register 70h read status register 90h read electronic signature b0h erase suspend d0h erase resume/erase confirm ffh read array table 7. commands the input of the secondcommand an addressof the block to be erased is given and this is latched into the memory. if the second command given is not the erase confirm command then the status regis- ter bits b4 and b5 are set and the instructionaborts. read operations output the status register after erasure has started. during the executionof the erase by the p/e.c., the memory accepts only the rsr (read status reg- ister) and es (erase suspend) instructions. status register bit b7 returns '0' while the erasure is in progress and '1' when it has completed. after com- pletion the status register bit b5 returns '1' if there has been an erase failure because erasure has not been verified even after the maximum number of erase cycles have been executed. status reg- ister bit b3 returns '1' if v pp does not remain at v pph level when the erasure is attemptedand/or proced- ing. v pp must be at v pph when erasing, erase should not be attempted when v pp mnemon ic bit name logic level definition note p/ecs 7 p/e.c. status '1' ready indicates the p/e.c. status, check during program or erase, and on completion before checking bits b4 or b5 for program or erase success '0' busy ess 6 erase suspend status '1' suspended on an erase suspend instruction p/ecs and ess bits are set to '1'. ess bit remains '1' until an erase resume instruction is given. '0' in progress or completed es 5 erase status '1' erase error es bit is set to '1' if p/e.c. has applied the maximum number of erase pulses to the block without achieving an erase verify. '0' erase success ps 4 program status '1' program error ps bit set to '1' if the p/e.c. has failed to program a byte or word. '0' program success vpps 3 v pp status '1' v pp low, abort vpps bit is set if the v pp voltage is below v pph (min) when a program or erase instruction has been executed. '0' v pp ok 2 reserved 1 reserved 0 reserved notes: logic level '1' is high, '0' is low. table 8. status register program (pg) instruction. this instruction uses two write operations. the first command written is the program set-up command 40h (or 10h). a secondwrite operationlatches the address and the data to be written and starts the p/e.c. read operations output the status register after the pro- gramming has started. memory programming is only made by writing '0' in place of '1' in a byte or word. during the execution of the programming by the p/e.c., the memory accepts only the rsr (read statusregister)instruction. the statusregister bit b7 returns '0' while the programming is in progress and '1' when it has completed.after completion the status register bit b4 returns '1' if there has been a program failure. status register bit b3 returns a '1' if v pp does not remain at v pph when program- ming is attempted and/or during programming. v pp must be at v pph when programming, program- ming should not be attempted when v pp erase suspend (es) instruction. the erase op- eration may be suspendedby this instruction which consists of writing the command b0h. the status register bit b6 indicates whether the erase has actually been suspended, b6 = '1', or whether the p/e.c. cycle was the last and the erase is com- pleted, b6 = '0'. during the suspension the memory will respond only to read (rd), read status register (rsr) or erase resume (er) instructions. read operations initially output the status register while erase is suspended but, following a read instruction, data from other blocks of the memory can be read. v pp must be maintained at v pph while erase is sus- pended. if v pp does not remain at v pph or the rp signal goes low while erase is suspended then erase is aborted while bits b5 and b3 of the status register are set. erase operation must be repeated after having cleared the status register, to be cer- tain to erase the block. erase resume (er) instruction. if an erase sus- pend instruction was previously executed, the erase operation may be resumed by giving the command d0h. the status register bit b6 is cleared when erasure resumes. read operations output the status register after the erase is resumed. the suggested flow charts for programs that use the programming, erasure and erase suspend/re- sumefeatures of the memories are shownin figure 11 to figure 13. programming. the memory can be programmed byte-by-byte(or word-by-wordin x16 organization). the program supply voltage v pp must be applied before program instructions are given, and if the programming is in the boot block, rp must also be raised to v hh or wp set to v ih to unlock the boot block. the program supply voltagemay be applied continuously during programming. the program sequence is started by writing a pro- gram set-up command (40h) to the command interface,this isfollowed by writingthe addressand data byte or word to the memory. the pro- gram/erasecontrollerautomatically startsand per- forms the programming after the second write operation, providing that the v pp voltage (and rp, wp voltages if programming the boot block) are correct. during the programming the memory status is checked by reading the status register bit b7 which shows the status of the p/e.c. bit b7 = '1' indicates that programming is completed. a full status check can be made after each byte/word or after a sequence of data has been programmed. the status check is made on bit b3 for any possible v pp error and on bit b4 for any possible programming error. erase. the memory can be erased by blocks. the program supply voltage v pp must be applied be- fore the erase instruction is given, and if the erase is of the boot block rp must also be raised to v hh or wp set to v ih to unlock the boot block. the erase sequence is started by writing an erase set-up command (20h) to the command interface, this is followed by an address in the block to be erased and the erase confirm command (d0h). the program/erase controller automatically starts and performs the block erase, providing the v pp voltage (and the rp and wp voltages if the erase is of the boot block) are correct. during the erase the memory status is checked by reading the status register bit b7 which shows the status of the p/e.c. bit b7 = '1' indicates that erase is completed. a full status check can be made after the block erase by checking bit b3 for any possible v pp error, bits b5 and b6 for any command sequence errors (erase suspended) and bit b5 alone for an erase error. reset. note that after any program or erase in- struction has completed with an error indication or after any v pp transitions down to v ppl the com- mand interface must be reset by a clear status register instruction before data can be accessed. power supply automatic power saving the m28f220 places itself in a lower power state when not beingaccessed. followinga readopera- tion, after a delay equal to the memoryaccess time, the supply current is reduced from a typical read current of 25ma (cmos inputs, word-wide organi- zation) to less than 2ma. power down the memory provides a power down control input rp. when this signal is taken to below v ss + 0.2v all internal circuits are switched off and the supply current drops to typically 0.2 m a and the program current to typically 0.1 m a. if rp is taken low during a memory read operation then the memory is de- selected and the outputs become high impedance. if rp is taken low during a program or erase sequence then it is aborted and the memory con- tent is no longer valid. recovery from deep power down requires 300ns to a memory read operation, or 210ns to a com- mand write. on return from power down the status register is cleared to 00h. 9/32 m28f220
power up the supply voltage v cc and the program supply voltage v pp can be applied in any order. the mem- ory command interface is reset on power up to read memory array, but a negative transition of chip enable e or a change of the addresses is required to ensure valid data outputs. care must be taken to avoid writes to the memory when v cc is above v lko and v pp powers up first. writes can be inhibited by driving either e or w to v ih . the memory is disabled until rp is up to v ih . supply rails normal precautions must be taken for supply volt- age decoupling, each device in a system should have the v cc and v pp rails decoupled with a 0.1 m f capacitor close to the v cc and v ss pins. the pcb trace widths should be sufficient to carry the v pp program and erase currents required. high speed standard input rise and fall times 10ns 10ns input pulse voltages 0 to 3v 0.45v to 2.4v input and output timing ref. voltages 1.5v 0.8v and 2v table 9. ac measurement conditions ai01275b 3v high speed 0v 1.5v 2.4v standard 0.45v 2.0v 0.8v figure 4. ac testing input output waveform ai01276b 1.3v out c l c l = 30pf for high speed c l = 100pf for standard c l includes jig capacitance 3.3k w 1n914 device under test figure 5. ac testing load circuit symbol parameter test condition min max unit c in input capacitance v in =0v 6 pf c out output capacitance v out =0v 12 pf note: 1. sampled only, not 100% tested. table 10. capacitance (1) (t a =25 c, f = 1 mhz ) 10/32 m28f220
symbol parameter test condition min max unit i li input leakage current 0v v in v cc 1 m a i lo output leakage current 0v v out v cc 10 m a i cc (1,3) supply current (read byte) ttl e = v il , f = 10mhz, i out = 0ma 30 ma supply current (read word) ttl e = v il , f = 10mhz, i out = 0ma 35 ma supply current (read byte) cmos e = v ss , f = 10mhz, i out = 0ma 25 ma supply current (read word) cmos e = v ss , f = 10mhz, i out = 0ma 30 ma i cc1 (3) supply current (standby) ttl e = v ih ,rp=v ih 2ma supply current (standby) cmos wp = rp = e = v cc 0.2v, byte = v cc 0.2v or v ss, t a = 40 to 85 c 100 m a wp = rp = e = v cc 0.2v, byte = v cc 0.2v or v ss, t a = 40 to 125 c 130 m a i cc2 (3) supply current (power down) rp = v ss 0.2v, t a = 0 to 70 c5 m a rp = v ss 0.2v, t a = 40 to 85 c 8 m a rp = v ss 0.2v, t a = 40 to 125 c 50 m a i cc3 supply current (program byte) byte program in progress 20 ma supply current (program word) word program in progress 30 ma i cc4 supply current (erase) erase in progress 20 ma i cc5 (2) supply current (erase suspend) e = v ih , erase suspended 5 ma i pp program current (read or standby) v pp >v cc 200 m a i pp1 program current (read or standby) v pp v cc 10 m a i pp2 program current (power down) rp = v ss 0.2v 5 m a i pp3 program current (program byte) byte program in progress 10 ma program current (program word) word program in progress 15 ma i pp4 program current (erase) erase in progress 10 ma i pp5 program current (erase suspend) erase suspended 200 m a v il input low voltage 0.5 0.8 v v ih input high voltage 2 v cc + 0.5 v v ol output low voltage i ol = 5.8ma 0.45 v v oh output high voltage i oh = 2.5ma 2.4 v v ppl program voltage (normal operation) 0 6.5 v v pph program voltage (program or erase operations) 11.4 12.6 v v id a9 voltage (electronic signature) 11.4 13 v i id a9 current (electronic signature) a9 = v id 200 m a v lko supply voltage (erase and program lock-out) 2v v hh input voltage (rp, boot unlock) boot block program or erase 11.4 13 v notes: 1. automatic power saving reduces i cc to 8ma typical in static operation. 2. current increases to i cc +i cc5 during a read operation. 3. cmos levels v cc 0.2v and v ss 0.2v. ttl levels v ih and v il . table 11. dc characteristics (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 11/32 m28f220
symbol alt parameter m28f220 unit -60 -70 -80 high speed interface standard interface standard interface min max min max min max t avav t rc address valid to next address valid 60 70 80 ns t avqv t acc address valid to output valid 60 70 80 ns t phqv t pwh power down high to output valid 250 250 260 ns t elqx (2) t lz chip enable low to output transition 0 0 0 ns t elqv (3) t ce chip enable low to output valid 60 70 80 ns t glqx (2) t olz output enable low to output transition 0 0 0 ns t glqv (3) t oe output enable low to output valid 30 30 35 ns t ehqx (2) t oh chip enable high to output transition 0 0 0 ns t ehqz (2) t hz chip enable high to output hi-z 20 25 30 ns t ghqx (2) t oh output enable high to output transition 000ns t ghqz (2) t df output enable high to output hi-z 20 25 30 ns t axqx (2) t oh address transition to output transition 0 0 0 ns notes: 1. see figure 5 and table 9 for timing measurements. 2. sampled only, not 100% tested. 3. g may be delayed by up to t elqv -t glqv after the falling edge of e without increasing t elqv . table 12a. read ac characteristics (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 12/32 m28f220
symbol alt parameter m28f220 unit -90 -120 standard interface standard interface min max min max t avav t rc address valid to next address valid 90 120 ns t avqv t acc address valid to output valid 90 120 ns t phqv t pwh power down high to output valid 270 300 ns t elqx (2) t lz chip enable low to output transition 0 0 ns t elqv (3) t ce chip enable low to output valid 90 120 ns t glqx (2) t olz output enable low to output transition 0 0 ns t glqv (3) t oe output enable low to output valid 40 45 ns t ehqx (2) t oh chip enable high to output transition 0 0 ns t ehqz (2) t hz chip enable high to output hi-z 35 35 ns t ghqx (2) t oh output enable high to output transition 00ns t ghqz (2) t df output enable high to output hi-z 35 35 ns t axqx (2) t oh address transition to output transition 0 0 ns notes: 1. see figure 5 and table 9 for timing measurements. 2. sampled only, not 100% tested. 3. g may be delayed by up to t elqv -t glqv after the falling edge of e without increasing t elqv . table 12b. read ac characteristics (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 13/32 m28f220
dq0-dq15 ai01300b valid a-1, a0-a16 e rp taxqx tavav valid tghqx tghqz tehqx tehqz tavqv telqv telqx tglqv tglqx tphqv power-up and standby address valid and chip enable outputs enabled data valid standby a g figure 6. read mode ac waveforms note: write enable (w) = high 14/32 m28f220
symbol parameter m28f220 unit -60 -70 -80 high speed interface standard interface standard interface min max min max min max t elbl chip enable low to byte low 5 5 5 ns t elbh chip enable low to byte high 5 5 5 ns t blqv (2) byte low to output valid 60 70 80 ns t bhqv byte high to output valid 60 70 80 ns t blqz byte low to output hi-z 20 25 30 ns notes: 1. sampled only, not 100% tested. 2. it is equal to t avqv when measured from dq15a1 valid. table 13a. byte ac characteristics (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) symbol parameter m28f220 unit -90 -120 standard interface standard interface min max min max t elbl chip enable low to byte low 5 5 ns t elbh chip enable low to byte high 5 5 ns t blqv (2) byte low to output valid 90 120 ns t bhqv byte high to output valid 90 120 ns t blqz byte low to output hi-z 35 35 ns notes: 1. sampled only, not 100% tested. 2. it is equal to t avqv when measured from dq15a1 valid. table 13b. byte ac characteristics (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 15/32 m28f220
a0-a16 e byte valid dq0-dq7 dq0-dq14 valid dq0-dq14 dq15a1 valid a1 valid dq15 valid telbh tbhqv byte read word/byte transition word read ai01301 figure 7. byte mode ac waveforms, byte low to high a0-a16 e byte valid dq0-dq14 dq0-dq14 valid dq0-dq7 dq15a1 valid a1 valid telbl tblqv word read word/byte transition byte read ai01302 valid dq15 tblqz hi-z figure 8. byte mode ac waveforms, byte high to low note: output enable (g) = low, write enable (w) = high, other timings as read mode ac waveforms. note: output enable (g) = low, write enable (w) = high, other timings as read mode ac waveforms. 16/32 m28f220
symbol alt parameter m28f220 unit -60 -70 -80 high speed interface standard interface standard interface min max min max min max t avav t wc write cycle time 60 70 80 ns t phwl t ps power down high to write enable low 210 210 210 ns t elwl t cs chip enable low to write enable low 000ns t wlwh t wp write enable low to write enable high 50 50 60 ns t dvwh t ds data valid to write enable high 35 35 35 ns t whdx t dh write enable high to data transition 000ns t wheh t ch write enable high to chip enable high 10 10 10 ns t whwl t wph write enable high to write enable low 10 20 30 ns t avwh t as address valid to write enable high 50 50 50 ns t phhwh (4) t phs power down v hh (boot block unlock) to write enable high 60 70 80 ns t wphwh write protect high to write enable high 60 70 80 ns t vphwh (4) t vps v pp high to write enable high 60 70 80 ns t whax t ah write enable high to address transition 000ns t whqv1 (2, 3) write enable high to output valid (word/byte program) 666 m s t whqv2 (2, 3) write enable high to output valid (boot block erase) 0.3 0.3 0.3 sec t whqv3 (2) write enable high to output valid (parameter block erase) 0.3 0.3 0.3 sec t whqv4 (2) write enable high to output valid (main block erase) 0.6 0.6 0.6 sec t qvph (4) t phh output valid to reset/power down high 000ns t qvvpl (4) t vph output valid to v pp low 0 0 0 ns t phbr (4) reset/power down high to boot block relock 200 200 200 ns notes: 1. see ac testing measurement conditions for timing measurements. 2. time is measured to status register read giving bit b7 = '1'. 3. for program or erase of the boot block rp must be at v hh ,orwpatv ih . 4. sampled only, not 100% tested. table 14a. write ac characteristics, write enable controlled (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 17/32 m28f220
symbol alt parameter m28f220 unit -90 -120 standard interface standard interface min max min max t avav t wc write cycle time 90 120 ns t phwl t ps power down high to write enable low 210 210 ns t elwl t cs chip enable low to write enable low 0 0 ns t wlwh t wp write enable low to write enable high 65 70 ns t dvwh t ds data valid to write enable high 40 40 ns t whdx t dh write enable high to data transition 0 0 ns t wheh t ch write enable high to chip enable high 10 10 ns t whwl t wph write enable high to write enable low 40 50 ns t avwh t as address valid to write enable high 60 60 ns t phhwh (4) t phs power down v hh (boot block unlock) to write enable high 90 100 ns t wphwh write protect high to write enable high 90 100 ns t vphwh (4) t vps v pp high to write enable high 90 100 ns t whax t ah write enable high to address transition 0 0 ns t whqv1 (2, 3) write enable high to output valid (word/byte program) 77 m s t whqv2 (2, 3) write enable high to output valid (boot block erase) 0.4 0.4 sec t whqv3 (2) write enable high to output valid (parameter block erase) 0.4 0.4 sec t whqv4 (2) write enable high to output valid (main block erase) 0.7 0.7 sec t qvph (4) t phh output valid to reset/power down high 0 0 ns t qvvpl (4) t vph output valid to v pp low 0 0 ns t phbr (4) reset/power down high to boot block relock 200 200 ns notes: 1. see ac testing measurement conditions for timing measurements. 2. time is measured to status register read giving bit b7 = '1'. 3. for program or erase of the boot block rp must be at v hh ,orwpatv ih . 4. sampled only, not 100% tested. table 14b. write ac characteristics, write enable controlled (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 18/32 m28f220
e g w dq0-dq15 command cmd or data status register rp v pp valid a0-a16 tavav tqvph tqvvpl tavwh twhax program or erase telwl twheh twhdx tdvwh twlwh tphwl twhwl tphhwh tvphwh power-up and set-up command confirm command or data input status register read boot block unblock twhqv1,2,3,4 ai01303d twphwh wp figure 9. program & erase ac waveforms, w controlled note: word-wide address data shown, for byte-wide dq15 becomes a1. command input and status register read output is on dq0-dq7 only. 19/32 m28f220
symbol alt parameter m28f220 unit -60 -70 -80 high speed interface standard interface standard interface min max min max min max t avav t wc write cycle time 60 70 80 ns t phel t ps power down high to chip enable low 210 210 210 ns t wlel t cs write enable low to chip enable low 000ns t eleh t cp chip enable low to chip enable high 50 50 60 ns t dveh t ds data valid to chip enable high 35 35 35 ns t ehdx t dh chip enable high to data transition 000ns t ehwh t wh chip enable high to write enable high 10 10 10 ns t ehel t cph chip enable high to chip enable low 10 20 30 ns t aveh t as address valid to chip enable high 50 50 50 ns t phheh (4) t phs power down v hh (boot block unlock) to chip enable high 60 70 80 ns t wpheh write protect high to chip enable high 60 70 80 ns t vpheh (4) t vps v pp high to chip enable high 60 70 80 ns t ehax t ah chip enable high to address transition 000ns t ehqv1 (2, 3) chip enable high to output valid (word/byte program) 666 m s t ehqv2 (2, 3) chip enable high to output valid (boot block erase) 0.3 0.3 0.3 sec t ehqv3 (2) chip enable high to output valid (parameter block erase) 0.3 0.3 0.3 sec t ehqv4 (2) chip enable high to output valid (main block erase) 0.6 0.6 0.6 sec t qvph (4) t phh output valid to reset/power down high 000ns t qvvpl (4) t vph output valid to v pp low 0 0 0 ns t phbr (4) reset/power down high to boot block relock 200 200 200 ns notes: 1. see ac testing measurement conditions for timing measurements. 2. time is measured to status register read giving bit b7 = '1'. 3. for program or erase of the boot block rp must be at v hh ,orwpatv ih . 4. sampled only, not 100% tested. table 15a. write ac characteristics, chip enable controlled (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 20/32 m28f220
symbol alt parameter m28f220 unit -90 -120 standard interface standard interface min max min max t avav t wc write cycle time 90 120 ns t phel t ps power down high to chip enable low 210 210 ns t wlel t cs write enable low to chip enable low 0 0 ns t eleh t cp chip enable low to chip enable high 65 70 ns t dveh t ds data valid to chip enable high 40 40 ns t ehdx t dh chip enable high to data transition 0 0 ns t ehwh t wh chip enable high to write enable high 10 10 ns t ehel t cph chip enable high to chip enable low 40 50 ns t aveh t as address valid to chip enable high 60 60 ns t phheh (4) t phs power down v hh (boot block unlock) to chip enable high 90 100 ns t wpheh write protect high to chip enable high 90 100 ns t vpheh (4) t vps v pp high to chip enable high 90 100 ns t ehax t ah chip enable high to address transition 0 0 ns t ehqv1 (2, 3) chip enable high to output valid (word/byte program) 77 m s t ehqv2 (2, 3) chip enable high to output valid (boot block erase) 0.4 0.4 sec t ehqv3 (2) chip enable high to output valid (parameter block erase) 0.4 0.4 sec t ehqv4 (2) chip enable high to output valid (main block erase) 0.7 0.7 sec t qvph (4) t phh output valid to reset/power down high 0 0 ns t qvvpl (4) t vph output valid to v pp low 0 0 ns t phbr (4) reset/power down high to boot block relock 200 200 ns notes: 1. see ac testing measurement conditions for timing measurements. 2. time is measured to status register read giving bit b7 = '1'. 3. for program or erase of the boot block rp must be at v hh ,orwpatv ih . 4. sampled only, not 100% tested. table 15b. write ac characteristics, chip enable controlled (1) (t a = 0 to 70 c, 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%; v pp = 12v 5% or 12v 10%) 21/32 m28f220
e g dq0-dq15 command cmd or data status register rp v pp valid a0-a16 tavav tqvph tqvvpl taveh tehax program or erase twlel tehwh tehdx tdveh teleh tphel tehel tphheh tvpheh power-up and set-up command confirm command or data input status register read boot block unblock tehqv1,2,3,4 ai01304c w twpheh wp figure 10. program & erase ac waveforms, e controlled 22/32 m28f220
parameter test conditions m28f220 unit min typ max main block program (byte) v pp = 12v 5% 1.2 4.2 sec main block program (word) v pp = 12v 5% 0.6 2.1 sec boot or parameter block erase v pp = 12v 5% 1 7 sec main block erase v pp = 12v 5% 2.4 14 sec main block program (byte) v pp = 12v 10% 6 20 sec main block program (word) v pp = 12v 10% 3 10 sec boot or parameter block erase v pp = 12v 10% 5.8 40 sec main block erase v pp = 12v 10% 14 60 sec table 16. word/byte program, erase times (t a = 0 to 70 c; v cc =5v 10% or 5v 5%) parameter test conditions m28f220 unit min typ max main block program (byte) v pp = 12v 5% 1.4 5 sec main block program (word) v pp = 12v 5% 0.7 2.5 sec boot or parameter block erase v pp = 12v 5% 1.5 10.5 sec main block erase v pp = 12v 5% 3 18 sec table 17. word/byte program, erase times (t a = 40 to 85 c or 40 to 125 c; v cc =5v 10% or 5v 5%) 23/32 m28f220
write 40h command ai01278 start write address & data read status register yes no b7 = 1 yes no b3 = 0 yes no b4 = 0 end v pp low error (1, 2) program error (1, 2) pg instruction: write 40h command write address & data (memory enters read status state after the pg instruction) do: read status register (e or g must be toggled) while b7 = 1 if b3 = 0, v pp low error: error handler if b4 = 0, program error: error handler figure 11. program flowchart and pseudo code notes: 1. status check of b3 (v pp low) and b4 (program error) can be made after each byte/word programming or after a sequence. 2. if a v pp low or program erase is found, the status register must be cleared (clrs instruction) before further p/e.c. operations. 24/32 m28f220
write 20h command ai02151 start write block address & d0h command read status register yes no b7 = 1 yes no b3 = 0 yes no b4, b5 = 1 end v pp low error (1) command sequence error ee instruction: write 20h command write block address (a12-a16) & command d0h (memory enters read status state after the ee instruction) do: read status register (e or g must be toggled) if ee instruction given execute suspend erase loop while b7 = 1 if b3 = 0, v pp low error: error handler if b4, b5 = 0, command sequence error: error handler yes no b5 = 0 erase error (1) yes no suspend suspend loop if b5 = 0, erase error: error handler figure 12. erase flowchart and pseudo code note: 1. if v pp low or erase error is found, the status register must be cleared (clrs instruction) before further p/e.c. operations. 25/32 m28f220
write b0h command ai01280 start read status register yes no b7 = 1 yes no b6 = 1 erase continues erase complete write ffh command es instruction: write b0h command (memory enters read register state after the es instruction) do: read status register (e or g must be toggled) while b7 = 1 if b6 = 0, erase completed (at this point the memory wich accept only the rd or er instruction) rd instruction: write ffh command one o more data reads from another block write d0h command er instruction: write d0h command to resume erasure read data from another block figure 13. erase suspend & resume flowchart and pseudo code 26/32 m28f220
ai01286c byte identifier yes no 90h read status yes 70h no clear status yes 50h no program set-up yes 40h or 10h no erase set-up yes 20h no erase command error yes ffh wait for command write (1) read status read array program read status yes ready (2) no yes d0h no a b no figure 14. command interface and program erase controller flowchart (a) notes: 1. if no command is written, the command interface remains in its previous valid state. upon power-up, on exit from power-down or if v cc falls below v lko , the command interface defaults to read array mode. 2. p/e.c. status (ready or busy) is read on status register bit 7. 27/32 m28f220
ai01287b read status yes no 70h b erase yes ready (2) no a b0h no read status yes ready (2) no erase suspend yes d0h read status read array yes erase suspended ? read status (read status) yes no (erase resume) no figure 15. command interface and program erase controller flowchart (b) note: 2. p/e.c. status (ready or busy) is read on status register bit 7. 28/32 m28f220
ordering information scheme devices are shipped from the factory with the memory content erased (to ffh). for a list of available options (speed, package, etc...) or for further informationon any aspect of this device, please contact the stmicroelectronics sales office nearest to you. operating voltage f5v array matrix 2 bottom boot speed -60 60ns -70 70ns -80 80ns -90 90ns -120 120ns power supplies blank v cc 10%, v pp 5% xv cc 5%, v pp 5% yv cc 10%, v pp 10% package n tsop48 12 x 20mm m so44 option tr tape & reel packing temp. range 1 0 to 70 c 6 40 to 85 c 3 40 to 125 c example: m28f220 -80 x n 1 tr 29/32 m28f220
tsop-a d1 e 1n cp b e a2 a n/2 d die c l a1 a tsop48 - 48 lead plastic thin small outline, 12 x 20mm drawing is not to scale. 30/32 m28f220
so-b e n cp b e a2 d c l a1 a h a 1 symb mm inches typ min max typ min max a 2.42 2.62 0.095 0.103 a1 0.22 0.23 0.009 0.010 a2 2.25 2.35 0.089 0.093 b 0.50 0.020 c 0.10 0.25 0.004 0.010 d 28.10 28.30 1.106 1.114 e 13.20 13.40 0.520 0.528 e 1.27 0.050 h 15.90 16.10 0.626 0.634 l 0.80 0.031 a 3 3 n44 44 cp 0.10 0.004 so44 - 44 lead plastic small outline, 525 mils body width drawing is not to scale. 31/32 m28f220
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. spec ifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics ? 1998 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. 32/32 m28f220


▲Up To Search▲   

 
Price & Availability of M28F220-90M1TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X