Part Number Hot Search : 
3579S80 8069X M9516008 SLA4041 BAT54AW P17NK40Z 766013 J10187
Product Description
Full Text Search
 

To Download KT7050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temperature compensated crystal oscillators (tcxo) surface mount type tcxo (lsi type) KT7050 series for femtocell/ stratum3 features ? high stability and high reliability ? 2.7 to 5.5v drive available ? clipped sine wave or cmos level output ? low phase noise ? disable function  (KT7050a) applications ? femtocell, stratum3 ? sonet/ sdh/ ethernet ? compliant to the gr1244-core & gr253-core ? recommended in microsemis zlan - 68 app. note for stratum3 applications based on tests performed by kyocera. how to order for femtocell (standard spec.) freq. temp. chrst. : 0.1 10 - 6 / - 10 c to 70 c KT7050 a 20000 a g t 33 t xx for stratum3 (standard spec.) freq. temp. chrst. : 0.28 10 - 6 / - 40 c to 85 c KT7050 a 20000 k a w 33 t xx series land type a 10pads b 4pads output frequency freq. temp. chrst. a + 0.1 10 - 6 k 0.28 10 - 6 lower operating temp. a - 40 c g - 10 c j 0 c upper operating temp. t + 70 c w + 85 c supply voltage 33 3.3v voltage control range t tcxo other * vctcxo * customer spec. option code packaging (tape & reel 1000 pcs./ reel)  specifications item symbol conditions min. max. units output frequency range fo standard frequency: 10, 12.8, 19.2, 19.44, 20, 20.48, 24.576, 26, 30.72 10 40 mhz frequency tolerance f _tol vs temperature ( - 10 to + 70 c) [ (fmax-fmin)/ 2fo] - 0.1 + 0.1 10 - 6 vs temperature ( - 40 to + 85 c) [ (fmax-fmin)/ 2fo] - 0.28 + 0.28 vs voltage - 0.1 + 0.1 supply voltage v cc + 2.7 + 5.5 v current consumption i cc 20mhz cmos output 5 ma frequency aging f _age 20years aging @40 c including temp characteristics, initial tolerance, rated power supply voltage change and load change. - 4.6 + 4.6 10 - 6 voltage control range f _cont positive * 100k ohm min 5 20 10 - 6 output level vpp clipped sine, load: 10k ohm // 10pf 0.8 vp-p low level output voltage v ol cmos, load: 15pf i ol = 4ma 10% v cc v high level output voltage v oh cmos, load: 15pf i oh =- 4ma 90% v cc v rise / fall time (10%vcc to 90%vcc) tr/ tf cmos, load: 15pf 5 ns symmetry sym 50% vcc 45 55 % phase noise @20mhz - 90 (@10hz offset) - 120 (@100hz offset) - 140 (@1khz offset) - 150 (@10khz offset) - 150 (@100khz offset) dbc/ hz dimensions (unit: mm) marking area KT7050a 7.00.2 5.00.2 1.7 max. #3 #5 #4 #2 #1 #6 #7 #8 #10 #9 pin connection #1 do not connect (pin1) #2/3 do not connect #4 gnd #5 output #6/7 do not connect #8 tri-state enable/ disable connect #9 vcc #10 voltage control (vctcxo), gnd (tcxo) #1 #9 #10 #2 #3 #8 #7 #6 #4 #5 6?0.6 4?1.0 4?0.8 6?0.8 2.54 5.08 1.27 KT7050b 7.00.2 5.00.2 #3 #4 #2 #1 marking area 1.7 max. pin connection #1 voltage control (vctcxo), gnd (tcxo) #2 gnd #3 output #4 vcc #1 #2 5.08 4?1.4 #4 #3 4?0.9 5.08 1.5 1.2 4.20 2.54 0.75 1.3 7.45 gnd 0.95 1.8 1.3 5.45 recommended land pattern (unit: mm) rohs compliant


▲Up To Search▲   

 
Price & Availability of KT7050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X