|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
irf3205s irf3205l hexfet ? power mosfet 09/06/02 thermal resistance www.irf.com 1 v dss = 55v r ds(on) = 8.0m ? i d = 110a s d g advanced hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on- resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the d 2 pak is a surface mount power package capable of accommodating die sizes up to hex-4. it provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0w in a typical surface mount application. the through-hole version (irf3205l) is available for low-profile applications. advanced process technology ultra low on-resistance dynamic dv/dt rating 175c operating temperature fast switching fully avalanche rated description d 2 pak irf3205s to-262 irf3205l parameter typ. max. units r jc junction-to-case ??? 0.75 c/w r ja junction-to-ambient (pcb mounted, steady-state) * ??? 40 absolute maximum ratings parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 110 i d @ t c = 100c continuous drain current, v gs @ 10v 80 a i dm pulsed drain current 390 p d @t c = 25c power dissipation 200 w linear derating factor 1.3 w/c v gs gate-to-source voltage 20 v i ar avalanche current 62 a e ar repetitive avalanche energy 20 mj dv/dt peak diode recovery dv/dt 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbfin (1.1nm) pd - 94149a
irf3205s/irf3205l 2 www.irf.com s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode) ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 62a, v gs = 0v t rr reverse recovery time ??? 69 104 ns t j = 25c, i f = 62a q rr reverse recovery charge ??? 143 215 nc di/dt = 100a/s t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 110 390 a starting t j = 25c, l = 138h r g = 25 ? , i as = 62a. (see figure 12) repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) i sd 62a di/d 207a/s, v dd v (br)dss , t j 175c pulse width 400s; duty cycle 2%. calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a. * when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.057 ??? v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? ??? 8.0 m ? v gs = 10v, i d = 62a v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 44 ??? ??? s v ds = 25v, i d = 62a ??? ??? 25 a v ds = 55v, v gs = 0v ??? ??? 250 v ds = 44v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v q g total gate charge ??? ??? 146 i d = 62a q gs gate-to-source charge ??? ??? 35 nc v ds = 44v q gd gate-to-drain ("miller") charge ??? ??? 54 v gs = 10v, see fig. 6 and 13 t d(on) turn-on delay time ??? 14 ??? v dd = 28v t r rise time ??? 101 ??? i d = 62a t d(off) turn-off delay time ??? 50 ??? r g = 4.5 ? t f fall time ??? 65 ??? v gs = 10v, see fig. 10 between lead, ??? ??? 6mm (0.25in.) from package and center of die contact c iss input capacitance ??? 3247 ??? v gs = 0v c oss output capacitance ??? 781 ??? v ds = 25v c rss reverse transfer capacitance ??? 211 ??? pf ? = 1.0mhz, see fig. 5 e as single pulse avalanche energy ??? 1050 264 mj i as = 62a, l = 138 h nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance ??? ??? s d g i gss ns 4.5 7.5 i dss drain-to-source leakage current this is a typical value at device destruction and represents operation outside rated limits. this is a calculated value limited to t j = 175c. irf3205s/irf3205l www.irf.com 3 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 107a 1 10 100 1000 4 6 8 10 12 v = 25v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j irf3205s/irf3205l 4 www.irf.com ! ! "# $ 1 10 100 v ds , drain-to-source voltage (v) 0 1000 2000 3000 4000 5000 6000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 120 0 2 4 6 8 10 12 14 16 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 62a v = 11v ds v = 27v ds v = 44v ds 1 10 100 1000 10000 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0.1 1 10 100 1000 0.2 0.8 1.4 2.0 2.6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j irf3205s/irf3205l www.irf.com 5 "# v ds 90% 10% v gs t d(on) t r t d(off) t f %& "# '& ()* 1 0.1 % + - 25 50 75 100 125 150 175 0 20 40 60 80 100 120 t , case temperature ( c) i , drain current (a) c d limited by package "# v ds 90% 10% v gs t d(on) t r t d(off) t f %& "# '& ()* 1 0.1 % 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) irf3205s/irf3205l 6 www.irf.com q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - +, ! -! %& .( &%& .( & t p v (br)dss i as "# $& ' r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 500 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 25a 44a 62a irf3205s/irf3205l www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - /'0' 1 ? ? ? ! "#$$ ? % &""& ? '(!" ? )"* ? '+!" &" 1 irf3205s/irf3205l 8 www.irf.com f 5 3 0 s t h i s i s a n i r f 5 3 0 s w i t h l o t c o d e 8 0 2 4 a s s e m b l e d o n w w 0 2 , 2 0 0 0 i n t h e a s s e m b l y l i n e " l " a s s e m b l y l o t c o d e i n t e r n a t i o n a l r e c t i f i e r l o g o p a r t n u m b e r d a t e c o d e y e a r 0 = 2 0 0 0 w e e k 0 2 l i n e l irf3205s/irf3205l www.irf.com 9 to-262 part marking information to-262 package outline e x a m p l e : t h i s i s a n i r l 3 1 0 3 l l o t c o d e 1 7 8 9 a s s e m b l y p a r t n u m b e r d a t e c o d e w e e k 1 9 l i n e c l o t c o d e y e a r 7 = 1 9 9 7 a s s e m b l e d o n w w 1 9 , 1 9 9 7 i n t h e a s s e m b l y l i n e " c " l o g o r e c t i f i e r i n t e r n a t i o n a l igbt 1- gate 2- collector 3- emitter 4- collector irf3205s/irf3205l 10 www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 09/02 data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on ir?s web site. 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/ |
Price & Availability of IRF3205LTRR |