Part Number Hot Search : 
ESP3024 A1837 DG333ADJ 1225H DS1NBB 014FT10 VG024 11002
Product Description
Full Text Search
 

To Download HDSP-0982 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  devices part number front hdsp- color description view 0781 high-efficiency red numeric, right hand dp a 0782 low power numeric, left hand dp b 0783 over range 1c 0784 hexadecimal d 0791 high-efficiency red numeric, right hand dp a 0792 high brightness numeric, left hand dp b 0793 over range 1c 0794 hexadecimal d 0881 yellow numeric, right hand dp a 0882 numeric, left hand dp b 0883 over range 1c 0884 hexadecimal d 0981 high-performance green numeric, right hand dp a 0982 numeric, left hand dp b 0983 over range 1c 0984 hexadecimal d agilent glass/ceramic numeric and hexadecimal displays for industrial applications data sheet hdsp-078x, hdsp-079x hdsp-088x, hdsp-098x features ? three character options numeric, hexadecimal, over range ? three colors high efficiency red, yellow, high performance green ? 4 x 7 dot matrix character ? high efficiency red, yellow and high performance green ? two high efficiency red options low power, high brightness ? performance guaranteed over temperature ? high temperature stabilized ? memory latch/decoder/driver ttl compatible ? categorized for luminous intensity description these standard solid state displays have a 7.4 mm (0.29 inch) dot matrix character and an on-board ic with data memory latch/decoder and led drivers in a glass/ceramic package. the hermetic hdsp-078x,-079x/ -088x displays utilize a solder glass frit seal. the hdsp-098x displays utilize an epoxy glass-to- ceramic seal. the numeric devices decode posi- tive bcd logic into characters 0-9, a C sign, decimal point, and a test pattern. the hexadecimal devices decode positive bcd logic into 16 characters, 0-9, a-f. an input is provided on the hexadecimal devices to blank the display (all leds off) without losing the contents of the memory. the over range device displays 1 and right hand decimal point and is typically driven via external switching transistors.
2 package dimensions 13.5 (0.53) 3.0 (0.12) color code (3) luminous intensity category date code country code typ. 0-10 pin 1 key 4.8 (0.19) 10.2 (0.400) 5.6 (0.22) 1.5 (0.06) 7.4 (0.29) 5 max. pin 1 2 3 4 5 6 7 8 numeric input 2 input 4 input 8 decimal point latch enable ground v cc input 1 hexadecimal input 2 input 4 input 8 blanking control latch enable ground v cc input 1 notes: 1. dimensions in millimeters and (inches). 2. unless otherwise specified, the tolerance on all dimensions is 0.38 mm ( 0.015 inch). 3. digit center line is 0.25 mm ( 0.01 inch) from package center line. 4. color code for hdsp-088x/-098x series. rear view side view end view 10.2 (0.400) 15.2 (0.600) hdsp xxxx yyww syyww 5 x z 678 4321 13.5 (0.53) 3.6 (0.14) 4.8 (0.19) 4.3 (0.17) 0.3 0.08 (0.012 0.003) typ. 2.5 0.13 (0.100 0.005) typ. 0.5 0.08 (0.020 0.003) typ. seating plane 1.3 (0.050) 3.8 (0.15) 1.5 (0.06) 3.4 (0.135) 2.8 (0.11) 10.2 (0.400) 5.6 (0.22) 1.5 (0.06) 7.4 (0.29) 5 max. 13.5 (0.53) 4.8 (0.19) 10.2 (0.400) 1.5 (0.06) 7.4 (0.29) 5 max. seating plane function front view a front view b front view d
3 figure 1. timing diagram. figure 2. block diagram. t setup t hold t w t tlh data input (low level data) 1.5 v 1.5 v 1.5 v 1.5 v 1.5 v 1.5 v 10% 90% data input (high level data) enable input latch memory 4 6 4dp dp 3x8 2x4 1x2 8 5 7 blanking (3) control ground dp (2) input logic enable v cc x1 matrix decoder led matrix driver led matrix truth table x 8 l l l l l l l l h h h h h h h h x 4 l l l l h h h h l l l l h h h h x 2 l l h h l l h h l l h h l l h h x 1 l h l h l h l h l h l h l h l h bcd data [1] numeric decimal pt. [2] on off load data latch data display C on display C off v dp = l v dp = h v e = l v e = h v b = l v b = h enable [1] blanking [3] (blank) (blank) ???? (blank) (blank) hexadecimal notes: 1. h = logic high; l = logic low. with the enable input at logic high, changes in bcd input logic levels have no effect upon display memory, displayed character, or dp. 2. the decimal point input, dp, pertains only to the numeric displays. 3. the blanking control input, b, pertains only to the hexadecimal displays. blanking input has no effect upon display memory.
4 absolute maximum ratings description symbol min. max. unit storage temperature, ambient hdsp-078x/-079x/-088x t s -65 +125 c hdsp-098x -55 +100 operating temperature, ambient [1] t a -55 +100 c supply voltage [2] v cc -0.5 +7.0 v voltage applied to input logic, dp and enable pins v i , v dp , v e -0.5 v cc v voltage applied to blanking input [2] v r -0.5 v cc v soldering temperature [1.59 mm (0.063 inch) below body] solder dipping, max 5 seconds 260 c wave soldering, max. 3 seconds 250 recommended operating conditions description symbol min. nom. max. unit supply voltage [2] v cc 4.5 5.0 5.5 v operating temperature, ambient [1] t a -55 +100 c enable pulse width t w 100 nsec time data must be held before positive transition of enable line t setup 50 nsec time data must be held after positive transition of enable line t hold 50 nsec enable pulse rise time t tlh 1.0 msec optical characterstics at t a = 25 c, v cc = 5.0 v device description symbol min. typ. max. unit hdsp-078x series luminous intensity per led i v 65 140 cd (digit average) [3,4] peak wavelength l peak 635 nm dominant wavelength [5] l d 626 nm hdsp-079x series luminous intensity per led i v 260 620 cd (digit average) [3,4] peak wavelength l peak 635 nm dominant wavelength [5] l d 626 nm hdsp-088x series luminous intensity per led l v 215 490 cd (digit average) [3,4] peak wavelength l peak 583 nm dominant wavelength [5,6] l d 585 nm hdsp-098x series luminous intensity per led i v 298 1100 cd (digit average) [3,4] peak wavelength l peak 568 nm dominant wavelength l d 574 nm notes: 1. the nominal thermal resistance of a display mounted in a socket that is soldered onto a printed circuit board is r q ja =50 c/w/device. the device package thermal resistance is r q j-pin = 15 c/w/device. the thermal resistance device pin-to-ambient through the pc board should not exceed 35 c/w/device for operation up to t a = +100 c. 2. voltage values are with respect to device ground, pin 6. 3. these displays are categorized for luminous intensity with the intensity category designated by a letter code located on the back of the display package. case temperature of the device immediately prior to the light measurement is equal to 25 c.
5 electrical/optical characteristics t a = ?5 c to +100 c description symbol test conditions min. typ. [7] max. unit supply hdsp-078x series i cc v cc = 5.5 v 78 105 ma current hdsp-079x/-088x/-098x series characters ?.?or 120 175 ??displayed power hdsp-078x series p t v cc = 5.5 v 390 573 mw dissipation hdsp-079x/-088x/-098x series characters ?.?or 690 963 ??displayed logic, enable and blanking low-level v il v cc = 4.5 v 0.8 v input voltage logic, enable high-level input voltage v ih 2.0 v blanking high-voltage; display blanked v bh 2.3 v logic and enable low-level input current i il v cc = 5.5 v ?.6 ma blanking low-level input current i bl v il = 0.4 v ?0 a logic, enable and blanking high-level i ih v cc = 5.5 v +40 a input current v ih = 2.4 v weight 1.0 gm leak rate 5 x 10 -8 cc/sec notes: 4. the luminous intensity at a specific operating ambient temperature, i v (t a ), may be approximated from the following exponential equation: i v (t a )=i v (25 c) e [k(t a -25 c)] . device k hdsp-078 series ?.0131/ c hdsp-079x series hdsp-088x series ?.0112/ c hdsp-098x series ?.0104/ c 5. the dominant wavelength, l d , is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device. 6. the hdsp-088x and hdsp-098x series devices are categorized as to dominant wavelength with the category designated by a number on the back of the display package. 7. all typical values at v cc = 5.0 v and t a = 25 c. operational considerations electrical these devices use a modified 4 x 7 dot matrix of light emitting diodes to display decimal/hexadecimal numeric information. the high efficiency red and yellow displays use gaasp/gap leds and the high performance green displays use gap/gap leds. the leds are driven by constant current drivers, bcd information is accepted by the display memory when the enable line is at logic low and the data is latched when the enable is at logic high. using the enable pulse width and data setup and hold times listed in the recommended operating conditions allows data to be clocked into an array of displays at a 6.7 mhz rate. the decimal point input is active low true and this data is latched into the display memory in the same fashion as the bcd data. the decimal point led is driven by the on-board ic. the blanking control input on the hexadecimal displays blanks (turns off) the displayed information without disturbing the contents of display memory. the display is blanked at a minimum threshold level of 2.0 volts. when blanked, the display standby power is nominally 250 mw at t a = 25 c. the esd susceptibility of the ic devices is class a of mil-std-883 or class 2 of dod-std-1686 and dod-hdbk-263.
6 mechanical these displays are hermetically sealed for use in environments that require a high reliability device. these displays are designed and tested to meet a helium leak rate of 5x10 -8 cc/sec. these displays may be mounted by soldering directly to a printed circuit board or insertion into a socket. the lead-to-lead pin spacing is 2.54 mm (0.100 inch) and the lead row spacing is 15.24 mm (0.600 inch). these displays may be end stacked with 2.54 mm (0.100 inch) spacing between outside pins of adjacent displays. sockets such as augat 324-ag2d (3 digits) or augat 508-ag8d (one digit, right angle mounting) may be used. the primary thermal path for power dissipation is through the device leads. therefore, to insure reliable operation up to an ambient temperature of +100 c, it is important to maintain a base-to-ambient thermal resistance of less than 35 c watt/device as measured on top of display pin 3. for further information on soldering and post solder cleaning, see application note 1027, soldering led components . preconditioning these displays are 100% pre- conditioned by 24 hour storage at 125 c, at 100 c for the hdsp-098x series. contrast enhancement these display devices are designed to provide an optimum on/off contrast when placed behind an appropriate contrast enhancement filter. for further information on contrast enhancement, see application note 1015, contrast enhancement for led displays. over range display the over range devices display 1 and decimal point. the character height and package configuration are the same as the numeric and hexadecimal devices. character selection is obtained via external switching transistors and current limiting resistors. absolute maximum ratings description symbol min max unit storage temperature, ambient t s ?5 +125 c operating temperature, ambient t a ?5 +100 c forward current, each led i f 10 ma reverse voltage, each led v r 5v
7 package dimensions luminous intensity per led (digit average) at t a = 25 c device test conditions min. typ. units hdsp-0783 i f = 2.8 ma 65 140 cd i f = 8 ma 620 cd hdsp-0883 i f = 8 ma 215 490 cd hdsp-0983 i f = 8 ma 298 1100 cd recommended operating conditions v cc = 5.0 v forward current resistor value device per led, ma r 1 r 2 r 3 hdsp-0783 low power 2.8 1300 200 300 high brightness 8 360 47 68 hdsp-0883 8 360 36 56 hdsp-0983 8 360 30 43 figure 3. typical driving circuit. 13.5 (0.53) 3.3 (0.13) 10.2 (0.400) 1.9 (0.075) 1.5 (0.06) 4.8 (0.19) 4.8 (0.19) 7.4 (0.29) 8 7 6 5 5 max. pin 1 2 3 4 5 6 7 8 function plus numeral one numeral one dp open open v cc minus/plus note: dimensions in millimeters and (inches). front view c 1 2 3 4 plus r1 #4 #7 v cc = 5.0 v d.p. r3 #1 r2 #2 r1 #3 minus plus r3 #8 numeral one pin character 1 2,3 4 8 +1xx1 ?xx1 1x1xx decimal point x x 1 x blank 0 0 0 0 notes: 0: line switching transistor in figure 7 cutoff. 1: line switching transistor in figure 7 saturated. x: ?on? care.
color bin limits (dominant wavelength) intensity range (nm) color bin min. max. yellow 1 581.50 585.00 2 584.00 587.50 3 586.50 590.00 green 1 570.00 574.00 2 573.00 577.00 3 576.00 580.00 note: bin categories are established for classification of products. products may not be available in all bin categories. please consult your local agilent technologies representative. intensity bin limits for hdsp-078x series bin category min. (mcd) max. (mcd) condition a 0.065 0.102 b 0.085 0.138 c 0.114 0.200 luminous intensity per d 0.165 0.300 led. v dd @ 5.0 v e 0.260 0.488 f 0.403 0.756 g 0.625 1.172 intensity bin limits for hdsp-079x series bin category min. (mcd) max. (mcd) condition e 0.260 0.488 f 0.403 0.756 luminous intensity per g 0.625 1.172 led. v dd @ 5.0 v h 0.969 1.820 intensity bin limits for hdsp-088x series bin category min. (mcd) max. (mcd) condition a 0.22 0.34 b 0.28 0.46 c 0.38 0.66 luminous intensity per d 0.55 0.99 led. v dd @ 5.0 v e 0.82 1.54 f 1.27 2.39 intensity bin limits for hdsp-098x series bin category min. (mcd) max. (mcd) condition c 0.30 0.52 d 0.43 0.79 luminous intensity per e 0.65 1.18 led. v dd @ 5.0 v f 0.97 1.76 g 1.45 2.63 electrical characteristics t a = ?5 c to +100 c device description symbol test conditions min. typ. max. unit hdsp-0783 power dissipation (all leds illuminated) p t i f = 2.8 ma 72 mw i f = 8 ma 224 282 forward voltage per led v f i f = 2.8 ma 1.6 v i f = 8 ma 1.75 2.2 hdsp-0883 power dissipation (all leds illuminated) p t i f = 8 ma 237 282 mw forward voltage per led v f 1.90 2.2 v hdsp-0883 power dissipation (all leds illuminated) p t i f = 8 ma 243 282 mw forward voltage per led v f 1.85 2.2 v 8
www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new zealand: (+65) 6755 1939 japan: (+81 3) 3335-8152(domestic/interna- tional), or 0120-61-1280(domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright ?2004-2005 agilent technologies, inc. obsoletes 5988-2261en june 1, 2005 5989-3188en


▲Up To Search▲   

 
Price & Availability of HDSP-0982

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X