Part Number Hot Search : 
SAA2003 MO456FA 78E058 GL514 70280 E001818 08F3C 5SMC43A
Product Description
Full Text Search
 

To Download FM120-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FM120-L thru fm140-l features plastic package has underwrit ers laboratory flammability classification 94v -o ut iliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standards of m il-s- 19500 / 228 low leakage current . mechanical dat a case : mol ded plastic, jed ec do-214ac termi nals : solder plated, solderable per mi l-std-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.0015 ounce, 0.05 gram (v) (v) (v) (v) ( o c) fm120 sk12 20 14 20 fm130 sk13 30 21 30 fm140 sk14 40 28 40 0.50 -55 to +125 symbols marking code operating temperature v rrm *1 v rms *2 v r *3 v f *4 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.1 i o 1.0 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 30 a v r = v rrm t a = 25 o c 0.5 ma v r = v rrm t a = 125 o c 10 ma thermal resistance junction to ambient r q ja 88 o c / w diode junction capacitance f=1mhz and applied 4vdc reverse voltage c j 120 pf storage temperature t stg -55 +150 o c reverse current i r *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage chip schottky barrier diodes silicon epitaxial planer type f o r m o s a m s 0.205(5.2) 0.189(4.8) 0.012(0.3) typ. 0.110(2.8) 0.094(2.4) 0.181(4.6) 0.165(4.2) 0.075(1.9) 0.067(1.7) 0.040 (1.0) typ. 0.040(1.0) typ. dimensions in inches and (millimeters) sma-l
0.1 1.0 .01 10 50 rating and characteristic curves (FM120-L thru fm140-l) fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0 20 40 60 80 100 120 140 .01 tj=75 c tj=25 c tj=25 c ambient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics percent of rated peak reverse vol tage,(%) fig.3-maximum non-repetitive forward surge current 0 12 6 18 30 24 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a )


▲Up To Search▲   

 
Price & Availability of FM120-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X