Part Number Hot Search : 
DC007 TC500 0AD015 BT162 HBL2A 4013B 75B12 HEE102
Product Description
Full Text Search
 

To Download DS1077U-133TAMPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 21 011006 features  processor-controlled or standalone solid- state oscillator  frequency changes on-the-fly  dual low-jitter, synchronous fixed frequency outputs  2-wire serial interface  frequency outputs 8.1khz to 133mhz  0.5% variation over temp (+25  c to +70c)  0.5% initial tolerance  nonvolatile (nv) frequency settings  single 5v supply  no external components  power-down mode  synchronous output gating standard frequency option note: x denotes package option ds1077x-133 133.333mhz to 16.2khz ds1077x-125 125.000mhz to 15.2khz ds1077x-120 120.000mhz to 14.6khz ds1077x-100 100.000mhz to 12.2khz ds1077x-66 66.666mhz to 8.1khz pin assignment out1 out0 1 2 3 4 v d d gn d scl ctrl0 ctrl1 sda 8 7 6 5 pin description out1 - main oscillator output out0 - reference output v cc - power supply voltage gnd - ground ctrl1 - control pin for out1 ctrl0 - control pin for out0 sda - 2-wire serial data input/output scl - 2-wire serial clock ordering information note: xxx denotes frequency option ds1077z-xxx 8-pin 150mil so ds1077u-xxx 8-pin 118mil sop description the ds1077 is a dual-output, programmable, fixe d-frequency oscillator requiring no external components for operation. the ds1077 can be used as a processor-cont rolled frequency synthesizer or as a standalone oscillator. th e two synchronous output operating fre quencies are user-adjustable in submultiples of the master frequency through the use of two on-chip programmable prescalers and a divider. the specific out put frequencies chosen are stored in nv (eeprom) memory. the ds1077 defaults to these values upon power-up. the ds1077 features a 2-wire seri al interface that allows in-cir cuit on-the-fly programming of the programmable prescalers (p0 & p1) and divider (n) with the desire d values being stored in nv (eeprom) memory. design changes can be accommodated in-circuit on-the-fly by simply programming different values into the device (or reprogramming previously programmed devices). alternatively, for fixed frequency applications, previously progra mmed devices can be used and no connection to the serial interface is required. pre- programmed devices can be ordered in customer- requested frequencies. the ds1077 is available in 8-pin so or sop packag es, allowing the generation of a clock signal easily, economically, and using minimal board area. chip-scale packaging is also available on request. ds1077 econoscillator/divide r www.maxim-ic.com 150mil so 118mil sop package v cc econoscillator is a trademark of dallas semiconductor.
ds1077 2 of 21 block diagram 1077 figure1 programmable ?n? divider control logic (table 1) control logic 2-wire interface div1 0m1 0m0 1m1 1m0 en0 sel0 pdn0 pdn1 control registers scl sda internal oscillator p0 prescaler (m divider) p1 prescaler ( m divider ) 0m0 0m1 1m0 1m1 mux pdn0 en0 sel0 power-down out0 ctrl0 enable select out1 div1 ctrl1 pdn1 (table 2) mclk power-down enable
ds1077 3 of 21 overview a block diagram of the ds1077 is shown in figure 1. the ds1077 consists of four major components: 1) internal master oscillator, 2) prescalers, 3) programmable divider, and 4) control registers. the internal oscillator is factory-trimmed to provide a master frequency (master clk) that can be routed directly to the outputs (out0 & out1) or through separate prescalers (p0 & p1). out1 can also be routed through an additional divider (n). the prescaler (p0) divides the mast er clock by 1, 2, 4, or 8 to be routed directly to the out0 pin. the prescaler (p1) divides the master clock by 1, 2, 4, or 8, which can be routed directly to the out1 pin or to the divider (n) input, which is then routed to the out1 pin. the programmable divider (n) divide s the prescaler output (p1) by any number selected between 2 and 1025 to provide the main output (out1) or it can be by passed altogether by use of the div1 register bit. the value of n is stored in the div register. the control registers are user-programmable through a 2-wire serial interface to determine operating frequency (values of p0, p1, & n) and modes of operation. the register values are stored in eeprom and therefore only need to be programmed to alter frequencies and operating modes. pin descriptions output 1 (out1) ?this pin is the main oscillator output; its frequency is determined by the control register settings for the prescaler p1 (mode bits 1m1 & 1m0) and divider n (div word). output 0 (out0) ?a reference output, out0, is taken from the output of the reference select mux. its frequency is determined by the control register settings for ctrl0 and values of prescaler p0 (mode bits 0m1 & 0m0) (see table 1). control pin 0 (ctrl0) ?a multifunctional input pin that can be selected as a mux select, output enable and/or a power-down. its functi on is determined by the user-programmable control register values en0, sel0, and pdn0 (see table 1). control pin 1 (ctrl1) ?a multifunctional input pin that can be selected as a output enable and/or a power-down. its function is determined by the user-progra mmable control register value of pdn1 (see table 2). serial data input/output (sda)? input/output pin for the 2-wire serial interface used for data transfer. serial clock input (scl) ?input pin for the 2-wire serial interf ace used to synchronize data movement on the serial interface.
ds1077 4 of 21 device mode using out0 table 1 en0 (bit) sel0 (bit) pdn0 (bit) ctrl0 (pin) out0 (pin) ctrl0 function device mode 1 hi-z power-down 0 0 0 0 hi-z power- down* active 1 mclk/m 0 1 0 0 mclk mux select active 1 hi-z 1 0 0 0 mclk output enable active 1 hi-z 1 1 0 0 mclk/m output enable active** 1 hi-z power-down x 0 1 0 mclk power- down active 1 hi-z power-down x 1 1 0 mclk/m power- down active *this mode is for applications where out0 is not used, but ctrl0 is used as a device shutdown. **default condition device mode using out1 table 2 pdn1 (bit) ctrl1 (pin) ctrl1 function out1 device mode 0 0 output enable out clk active** 0 1 output enable hi-z active** 1 0 power-down out clk active 1 1 power-down hi-z power-down **default condition note: both ctrl0 and ctrl1 can be config ured as power-downs. they are internally ?or? connected so that either of the control pins can be used to provide a power-down function for the whole device, subject to appropriate settings of the pdn0 and pdn1 register bits (see table 3).
ds1077 5 of 21 shutdown control wi th pdn0 and pdn1 table 3 pdn0 (bit) pdn1 (bit) shutdown control 0 0 none* 0 1 ctrl1 1 0 ctrl0 1 1 ctrl0 or ctrl1 *ctrl0 performs a power-down if sel0 and en0 are both 0 (see table 1). register functions the user programmable registers can be programmed by the user to determine the mode of operation (mux), operating frequency (div), and bus settings (bus). details of how these registers are programmed can be found in a later s ection; in this section the functi ons of the registers are described. the register settings are nonvolatile, the values being stored automati cally or as required in eeprom when the registers are programme d via the sda and scl pins. mux word msb lsb msb lsb name * pdn1 pdn0 sel0 en0 0m1 0m0 1m1 1m0 div1 - - - - - - default setting 0 0 0 1 1 0 0 0 0 0 x x x x x x first data byte second data byte *this bit must be set to zero. div1 (bit) this bit allows the output of the prescaler p1 to be routed directly to the out1 pin (div1 = 1). the n divider is bypassed so the progra mmed value of n is ignored. if div1 = 0 (default) the n divider functions normally. 0m1, 0m0, 1m1, 1m0 (bits) these bits set the prescalers p0 and p1, to divide by 1, 2, 4, or 8 (see table 4). prescaler divisor m settings table 4 0m1 0m0 prescaler p0 divisor ?m? 1m1 1m0 prescaler p1 divisor ?m? 0 0 1 ** 0 0 1 ** 0 1 2 0 1 2 1 0 4 1 0 4 1 1 8 1 1 8 **default condition
ds1077 6 of 21 en0 (bit) (default en0 = 1) 1) if en0 = 1 and pdn0 = 0 the ctrl0 pin functions as an output enable for out0, the frequency of the output being determined by the sel0 bit. 2) if pdn0 = 1, the en0 bit is ignored, ctrl0 will function as a power-down, and output out0 will always be enabled on power-up, its frequenc y being determined by the sel0 bit. 3) if en0 = 0 the function of ct rl0 is determined by the sel0 and pdn0 bits (see table 1). sel0 (default sel0 = 1) 1) if sel0 = 1 and en0 = pdn0 = 0, the ctrl0 pin determines the state of the mux (i.e., the output frequency of out0). 2) if ctrl0 = 0 the output will be the master clock frequency. 3) if ctrl0 = 1 the output will be the output frequency of the m prescaler. 4) if either en0 or pdn0 = 1 then sel0 dete rmines the frequency of out0 when it is enabled. 5) if sel0 = 0 the output will be the master clock frequency. 6) if sel0 = 1 the output will be the output frequency of the m prescaler (see table 1). pdn0 (default pdn0 = 0) 1) this bit (if set to 1) causes ctrl0 to perform a power-down function, regard less of the setting of the other bits. 2) if pdn0 = 0 the function of ctrl0 is de termined by the values of en0 and sel0. note: when en0 = sel0 = pdn0 = 0, ctrl0 also functions as a power-down. this is a special case where all the out0 circuitry is disabled even when the devi ce is powered up for power to saving when out0 is not used (see table 1). pdn1 (default pdn1 = 0) 1) if pdn1 = 1, ctrl1 will function as a power-down. 2) if pdn1 = 0, ctrl1 functions as an output enable for out1 only (see table 2.) note (on output enable and power-down): 1) both enables are ?smart? and wait for th e output to be low before going to hi-z. 2) power-down sequence first disables bot h outputs before powering down the device. 3) on power-up the outputs are disabled un til the clock has stabilized (~8000 cycles). 4) in power-down mode, the device cannot be programmed. 5) a power-down command must persist for at least two cycles of the lowest output frequency plus 10  s.
ds1077 7 of 21 div word msb lsb msb lsb n9 n8 n7 n6 n5 n4 n3 n2 n1 n0 x x x x x x first data byte second data byte n these ten bits determine the value of the programmable divider (n). the range of divisor values is from 2 to 1025, and is equal to the programme d value of n plus 2 (see table 5). programmable divisor n values table 5 bit value divisor (n) 0 000 000 000 ** 2 0 000 000 001 3 - - - - - - - - 1 111 111 111 1025 **default condition bus word name - - - - wc a2 a1 a0 factory default 0* 0* 0* 0* 0 0 0 0 *these bits are reserved and must be set to zero. a0, a1, a2 (default setting = 000) these are the device select bits that determine the address of the device. wc (default setting wc = 0) this bit determines when/if the eeprom is written to after register contents have been changed. if wc = 0 the eeprom is written automa tically after a write register command. if wc = 1 the eeprom is only written when the ?write ? command is issued. regardless of the value of the wc bit, when the bus register (a0, a1, a2) is written, the current value in all registers (div, mux, and bus) are immediately written to the eeprom.
ds1077 8 of 21 2-wire serial data bus the ds1077 supports a bidirectional 2- wire bus and data transmission pr otocol. a device that sends data onto the bus is defined as a transmitter, and a device r eceiving data as a receiver. the device that controls the message is called a ?master.? the devices that are controlled by the master are ?slaves.? the bus must be controlled by a master device that generates th e serial clock (scl), controls the bus access, and generates the start and stop conditions. the ds1077 operates as a slave on the 2-wire bus. connections to the bus are made via the open-drai n i/o lines, sda and scl. a pull-up resistor (5k  ) is connected to sda. the following bus protocol has been defined (see figure 2):  data transfer may be initiated only when the bus is not busy.  during data transfer, the data line must remain stable whenever the clock line is high. changes in the data line while the clock line is high will be interpreted as control signals. accordingly, the following bus conditions have been defined: bus not busy: both data and clock lines remain high. start data transfer: a change in the state of the data line from high to low while the clock is high defines a start condition. stop data transfer: a change in the state of the data line from low to high while the clock line is high defines the stop condition. data valid: the state of the data line represents valid da ta when, after a start c ondition, the data line is stable for the duration of the high period of the cl ock signal. the data on the line must be changed during the low period of the clock signal. th ere is one clock pulse per bit of data. each data transfer is initiated with a start condition and termin ated with a stop condition. the number of data bytes transferred between start and stop conditions is not limited, and is determined by the master device. the information is transfe rred byte-wise and each receiver acknowledges with a ninth bit. within the bus specifications a regular mode (100khz clock rate) and a fast m ode (400khz clock rate) are defined. the ds1077 works in both modes. acknowledge: each receiving device, when addressed, is ob liged to generate an acknowledge after the byte has been received. the master device must generate an extra clock pulse, which is associated with this acknowledge bit. a device that acknowledges must pull down the sda line during the acknowledge clock pulse in such a way that the sda line is stable low during the hi gh period of the acknowledge -related clock pulse. of course, setup and hold time s must be taken into account. when the ds1077 eeprom is being written to, it will not be able to perform additional responses. in this case, the slave ds1077 will send a not- acknowledge to any data transfer re quest made by the master. it w ill resume normal operation when the eeprom operation is complete. a master must signal an end-of-d ata to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. in this case, the slave must leave the data line high to enable the master to generate the stop condition.
ds1077 9 of 21 data transfer on 2-wire serial bus figure 2 msb slave address r/w direction bit sda scl start condition 12 6789 12 89 stop condition or repeated start condition 3 - 8 acknowledgement signal from receiver acknowledgement signal from receiver ack ack repeated if more bytes are transferred figure 2 details how data transf er is accomplished on the 2-wire bus . depending upon the state of the r/ w bit, two types of data transfer are possible: 1) data transfer from a master transmitter to a slave receiver. the first byte transmitted by the master is the slave address. next, follows a numbe r of data bytes. the slave returns an acknowledge bit after each received byte. 2) data transfer from a slave transmitter to a master receiver. the first byte (the slave address) is transmitted by the master. the slave then returns an acknowledge bit. next, follows a number of data bytes transmitted by the slave to the master. the ma ster returns an acknowledg e bit after all received bytes other than the last byte. at the end of th e last received byte, a not acknowledge is returned. the master device generates all of the serial clock pulses and the start and stop conditions. a transfer is ended with a stop condition or with a repeated star t condition. since a repeated start condition is also the beginning of the next serial transfer, the bus will not be released. the ds1077 may operate in the following two modes: 1) slave receiver mode: serial data and clock are received through sda and scl. after each byte is received, an acknowledge bit is transmitted. start and stop conditions are recognized as the beginning and end of a serial tran sfer. address recognition is perform ed by hardware after the slave address and direction b it have been received. 2) slave transmitter mode: the first byte is received and handled as in the slave receiver mode. however, in this mode, the direction bit will indicate that the transfer direction is reversed. serial data is transmitted on sda by the ds1077 while the seri al clock is input on scl. start and stop conditions are recognized as the begi nning and end of a serial transfer.
ds1077 10 of 21 slave address a control byte is the first byte received followi ng the start condition from the master device. the control byte consists of a 4-bit c ontrol code; for the ds1077, this is se t as 1011 binary for read and write operations. the next three bits of the control byte are the device select bits (a2, a1, a0) and can be written to the eeprom. they are used by the master device to select which of eight devices are to be accessed. the select bits are in effect the three least significant bits of the slave address. the last bit of the control byte (r/ w ) defines the operation to be performed. when set to a one a read operation is selected, and when set to a zero, a write operation is selected. following the start condition, the ds1077 monitors the sda bus, checking the device type identifier being transmitted. upon receiving the 1011 code (changeable with one mask ) and appropriate device select bits, the slave device outputs an acknowledge signal on the sda line.
ds1077 11 of 21 2-wire serial communi cation with ds1077 figure 3 1 s 1 c0 0 1 wap sd a scl address byte command byte start ds1077 ack stop ds1077 ack send a ?standalone? command c1 c2 c3 c4 c5 c6 c7 a a2 a1 a0 write msb of a two-byte register 1 s c0 0 wa sd a scl address byte command byte start ds1077 ack ds1077 ack c1 c2 c3 c4 c5 c6 c7 a d0 ap msbyte stop ds1077 ack d1 d2 d3 d4 d5 d6 d7 1 s c0 0 wa sd a scl address byte command byte start ds1077 ack ds1077 ack write to a two-byte register c1 c2 c3 c4 c5 c6 c7 a d0 msbyte d1 d2 d3 d4 d5 d6 d7 a ds1077 ack d0 ap lsbyte stop ds1077 ack d1 d2 d3 d4 d5 d6 d7 1 s c0 0 wa sd a scl control byte command byte start ds1077 ack ds1077 ack write a single byte to an addressed register c1 c2 c3 c4 c5 c6 c7 a a0 byte address a1 a2 a3 a4 a5 a6 a7 a ds1077 ack d0 ap data byte stop ds1077 ack d1 d2 d3 d4 d5 d6 d7 byte (n+1) d1 d2 d3 d4 d5 d6 sd a scl d7 byte n d1 d2 d3 d4 d5 d6 d7 d0 a ds1077 ack d0 ap stop ds1077 ack 1 s c0 0 wa sd a scl control byte command byte start ds1077 ack ds1077 ack write multiple bytes to an addressed register c1 c2 c3 c4 c5 c6 c7 a a0 starting byte address a1 a2 a3 a4 a5 a6 a7 a ds1077 ack d0 a byte n ds1077 ack d1 d2 d3 d4 d5 d6 d7 1 1a2 a1 a0 1 1a2 a1 a0 1 1a2 a1 a0 1 1a2 a1 a0
ds1077 12 of 21 2-wire serial communi cation with ds1077 figure 3 (continued) 1 s 1 c0 01 w sda scl control byte command byte start ds1077 a ck read single byte register or msb from a two-byte register c1 c2 c3 c4 c5 c6 c7 a 1 r 01 rd a control byte repeated start ds1077 a ck a ds1077 a ck np msbyte stop master nack d1 d2 d3 d4 d5 d6 d0 d7 a 2 a 1 a 0 1 a 2 a 1 a 0 np lsbyte stop master nack d1 d2 d3 d4 d5 d6 d0 sda scl d7 1 s c0 01 w sda scl control byte command byte start ds1077 a ck read from a two-byte register c1 c2 c3 c4 c5 c6 c7 a 1 r 01 a control byte repeated start ds1077 a ck a ds1077 a ck a msbyte master a ck d1 d2 d3 d4 d5 d6 d7 d0 1 a 2 a 1 a 0 rd 1 a 2 a 1 a 0 1 s 1 c0 01 w sda scl control byte command byte start ds1077 a ck read multiple bytes from an addressed register c1 c2 c3 c4 c5 c6 c7 a a ds1077 a ck a 2 a 1 a 0 1 r 01 rd a control byte repeated start ds1077 a ck a 1 a 2 a 1 a 0 a 0 starting byte address a 1 a 2 a 3 a 4 a 5 a 6 a 7 a ds1077 a ck np byte n stop master nack d1 d2 d3 d4 d5 d6 d0 d7 byte n d1 d2 d3 d4 d5 d6 sda scl d7 d0 a master a ck byte (n+1) d1 d2 d3 d4 d5 d6 d7 d0 a master a ck
ds1077 13 of 21 command set data and control information is r ead from and written to the ds1077 in the format shown in figure 3. to write to the ds1077, the master will issue the slave address of the ds1077 and the r/ w bit will be set to 0. after receiving an acknowledge, the bus master provide s a command protocol. after receiving this protocol, the ds1077 will issue an acknowledge, and then the ma ster may send data to the ds1077. if the ds1077 is to be read, the master must send the command protocol as before, and then issue a repeat start condition and then the control byte again, this time with the r/w bit set to 1 to allow reading of the data from the ds1077. the command set for the ds1077 is as follows: access div [01] if r/ w is 0, this command writes to the div register. afte r issuing this command, the next data byte value is to be written into the div register. if r/ w is 1, the next data byte read is the value stored in the div register. access mux [02] if r/ w is 0, this command writes to the mux register. afte r issuing this command, the next data byte value is to be written into the mux register. if r/ w is 1, the next data byte read is the value stored in the mux register. access bus [0d] if r/ w is 0, this command writes to the bus register. afte r issuing this command, the next data byte value is to be written into the bus register. if r/ w is 1, the next data byte read is the value stored in the bus register. write e2 [3f] if wc = 0 the eeprom is automatically written to at the end of each command. this is a default condition. in this case the command write e2 is not needed. if wc = 1, the eeprom is written when the write e2 command is issued. on receipt of the write e2 command the contents of the bus, div, and mux registers are written into the eeprom, thus locking in the register settings. exception: the bus, div, and mux registers are always automatically written to eeprom after a write to the bus register regardless of the value of the wc bit. application information power-supply decoupling to achieve best results, decouple the power suppl y with 0.01f and 0.1f high -quality, ceramic, surface- mount capacitors as cl ose as possible to v cc /gnd of the device. surface-m ount components minimize lead inductance, which improves perform ance, and ceramic capacitors tend to have adequate high-frequency response for decoupling applications. current consumption the active supply current can be sign ificantly reduced by disabling out 0 when not required and setting its prescaler to divide by 8. likewise, bypassing out1?s divider (and using only the prescaler) also significantly reduces the supply current.
ds1077 14 of 21 absolute maximum ratings voltage on any pin relative to ground -0.5v to 6.0v operating temperature ra nge -40c to +85c programming temperature range 0  c to +70  c storage temperature range -55c to +125c soldering temperature see ipc/ jedec j-std-020a specification dc electrical characteristics (t a = -40c to +85c, v cc = 5v 5%) parameter symbol condition min typ max units notes supply voltage v cc 4.75 5 5.25 v 1 high-level output voltage (out1,out0) v oh i oh = -4ma, v cc = min 2.4 v low-level output voltage (out1,out0) v ol i ol = 4ma 0.4 v high-level input voltage (ctrl1, ctrl0) v ih 2.1 v cc + 0.3v v high-level input voltage (sda, scl) v ih 0.7vcc v cc + 0.3v v low-level input voltage (ctrl1, ctrl0) v il -0.3v 0.8 v low-level input voltage (sda, scl) v il -0.3v 0.3vcc high-level input current (ctrl1, ctrl0, sda, scl) i ih v ih = v cc = 5.25v 1 a low-level input current (ctrl1, ctrl0, sda, scl) i il v cc = 5.25v, v il = 0 -1 a supply current (active) i cc c l = 15pf (both outputs) (-40  c to +85  c) 50 ma 10 standby current (power-down) i ccq power-down mode 2 5 a
ds1077 15 of 21 ac electrical characteristics (t a = -40c to +85c; v cc = 5v 5%) parameter symbol condition min typ max units notes v cc = 5v, 25c -0.5 0 +0.5 v cc = 5v, 70c -0.5 0 +0.5 v cc = 5v, -40  c to +25  c -3.3 +2.7 output frequency tolerance over temperature ? f o v cc = 5v, +25  c to +85  c -1.4 +1.4 % 11 v cc = 4.75v, 25c -1.0 -0.7 output frequency tolerance over voltage ? f o v cc = 5.25v, 25c +0.7 +1.0 % combined freq. variation ? f o over temp (0  c to +70  c) & voltage -1.65 +1.25 % output frequency min 8.13 khz output frequency max f out 133 mhz 2 power-up time t por + t stab 0.1 1 ms 5 enable out1 from pdn t stab 0.1 1 ms 3 enable out0 from pdn t stab 0.1 1 ms 3 out1 hi-z from pdn t hiz 1 ms 3 out0 hi-z from pdn t hiz 1 ms 3 load capacitance c l 15 50 pf 4 output duty cycle (out1, out0) 40 60 % output jitter f out =133mhz m=1; div1=1 c l =12pf 3 sigma pk-to- pk 30 psec
ds1077 16 of 21 ac electrical characteristics: 2-wire interface (-40  c to +85  c; v cc = 5v5%) parameter symbol condition min typ max units notes fast mode 400 scl clock frequency f scl standard mode 100 khz fast mode 1.3 bus free time between a stop and start condition t buf standard mode 4.7 s fast mode 0.6 hold time (repeated) start condition t hd : sta standard mode 4.0 s 6 fast mode 1.3 low period of scl t low standard mode 4.7 s fast mode 0.6 high period of scl t high standard mode 4.0 s fast mode 0.6 set-up time for a repeated start t su : sta standard mode 4.7 s fast mode 0 data hold time t hd : dat standard mode 0 0.9 s 7,8 fast mode 100 data set-up time t su : dat standard mode 250 ns fast mode 300 rise time of both sda and scl signals t r standard mode 20 + 0.1 c b 1000 ns 9 fast mode fall time of both sda and scl signals t f standard mode 20 + 0.1 c b 300 ns 9 fast mode 0.6 set-up time for stop t su : sto standard mode 4.0 s capacitive load for each bus line c b 400 pf 9 input capacitance c i 5 pf nonvolatile memory characteristics parameter symbol condition min typ max units notes writes +85 c 10,000 notes: 1) all voltages are referenced to ground. 2) 8.13khz is obtained from a -66mhz standard part. 3) pdn is a power-down signal applied to e ither ctrl0 or ctrl1 pins as appropriate. 4) output voltage swings may be impaired at high frequencies combined with high output loading. 5) after this period, the firs t clock pulse is generated. 6) a device must internally provide a hold time of at least 300ns for the sda signal (referred to the v ih m in of the scl signal) in order to bridge the undefined region of the falling edge of scl. 7) the maximum t hd : dat has only to be met if the device does not stretch the low period (t low ) of the scl signal.
ds1077 17 of 21 8) a fast mode device can be used in a st andard mode system, but the requirement t su : dat > 250ns must then be met. this will automatically be the case if the device does not stretch the low period of the scl signal. if such a device does stretch the low period of the scl signal, it must output the next data bit to the sda line t r max + t su : dat = 1000ns + 250ns = 1250ns before the scl line is released. 9) c b is the total capacitance of one bus line in pf. 10) out0 and out1 are operating at oscilla tor master frequency without divider. 11) typical frequency shift due to aging is 0.5%. ag ing stressing includes leve l 3 preconditioning with 1000 temperature cycles of - 55c to +125c, 336hr max v cc biased +125c bake. level 3 preconditioning consists of a 24hr +125c storage bake, 192hr moisture soak at +30c/60% r.h., and three solder reflow passes. timing diagram su:sto t t sp hd:sta t t su:sta su:dat t t high r t t low t hd:sta scl start sda stop t buf t f repeated start t hd:dat ordering information example: ds1077z-100 ds1077 z = so u = sop 133 = 133.333mhz 125 = 125.000mhz 120 = 120.000mhz 100 = 100.000mhz 66 = 66.666mhz
ds1077 18 of 21 typical operating characteristics (v cc = 5.0v, t = +25  c, unless otherwise specified) supply current vs. voltage 0.00 5.00 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 4.54.74.95.15.35.5 voltage (v) current (ma) ds1077-133 ds1077-100 ds1077-66 supply current vs. divisor (n) ds1077-133 20 22 24 26 28 30 32 34 0 200 400 600 800 1000 divisor (n) current (ma) 4.75v 5.0v 5.25v
ds1077 19 of 21 typical operating characteristics (continued) (v cc = 5.0v, t = +25  c, unless otherwise specified) supply current vs. divisor (n) 0 5 10 15 20 25 30 35 0 200 400 600 800 1000 divisor (n) current (ma) ds1077-133 ds1077-100 ds1077-66 supply current vs. temperature 20 25 30 35 40 45 0 10203040506070 temperature (c) current (ma) ds1077-133 ds1077-100 ds1077-66
ds1077 20 of 21 typical operating characteristics (continued) (v cc = 5.0v, t = +25  c, unless otherwise specified) tempco -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 0 10203040506070 temperature (c) % change from 25c ds1077-133 ds1077-100 ds1077-66 mux=3040h div=0000h voltco -2.00 -1.50 -1.00 -0.50 0.00 0.50 1.00 1.50 2.00 4.75 4.85 4.95 5.05 5.15 5.25 voltage (v) % change from 5v ds1077-133 ds1077-100 ds1077-66 mux=3040h div=0000h
ds1077 21 of 21 typical operating characteristics (continued) (v cc = 5.0v, t = +25  c, unless otherwise specified) shutdown current vs. temperature 0 0.5 1 1.5 2 2.5 3 3.5 4 0 10203040506070 temperature (c) current (a) ds1077-66
english ? ???? ? ??? ? ??? what's new products solutions design appnotes support buy company members ds1077 part number table notes: see the ds1077 quickview data sheet for further information on this product family or download the ds1077 full data sheet (pdf, 316kb). 1. other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 2. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 3. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming conventions . 4. * some packages have variations, listed on the drawing. "pkgcode/variation" tells which variation the product uses. 5. part number free sample buy direct package: type pins size drawing code/var * temp rohs/lead-free? materials analysis ds1077z-120+t&r soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-100+t&r soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-203 soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis
ds1077z-203/t soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ds1077z-100+ soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-120+ soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-133+ soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-66+ soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-125+ soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-133 soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ds1077z-125 soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ds1077z-120 soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ds1077z-125+t&r soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: yes materials analysis ds1077z-66 soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis
ds1077z-100 soic;8 pin;150 dwg: 56-g2008-001c (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-66+t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-133+ usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-125+ usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-120+ usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-100+ usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-66+ usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-133+t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-125+t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-120+t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis ds1077u-100+t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8+1 * -40c to +85c rohs/lead-free: yes materials analysis
ds1077u-100/t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-66/t&r -40c to +85c rohs/lead-free: no ds1077u-125/t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-120/t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-133 usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-125 usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-120 usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-100 usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-66 usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis ds1077u-133/t&r usop;8 pin;118 dwg: 21-0036j (pdf) use pkgcode/variation: u8-1 * -40c to +85c rohs/lead-free: no materials analysis didn't find what you need?
contact us: send us an email copyright 2007 by maxim integrated products, dallas semiconductor ? legal notices ? privacy policy


▲Up To Search▲   

 
Price & Availability of DS1077U-133TAMPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X