Part Number Hot Search : 
76400003 LR3114 SI9750 TL432A SI3090C S3106 JT224505 AD795
Product Description
Full Text Search
 

To Download D362-A8MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36 miniature d3 series features self-cleaning effect of wiping contact mechanism provides excellent reliability suitable for low actuation speeds highly flexible, due to two mounting positions and a variety of auxiliary actuators wide variety of terminal types > 3mm (0.12 ) contact gap available specifications electrical temperature rating: -40 to +85 c flammability rating: ul94v-o materials case: pet actuator: pom auxiliary actuator: stainless steel; nickel-plated steel terminals: copper-zinc contacts: silver cadmium oxide pet = polyethyleneterephthalate pom = polyacetal stainless steel spring pom actuating button pet cover and base nc terminal common terminal silver contacts no terminal electrical ratings electrical life at rated load switch according to en according to ul series en61058 rating ul1054 rating (min. operations) (min. operations) d36 std. 4(2.5)a, 250v~ 4a, 250vac 50,000 6,000 d37 std. 10(3)a, 250v~ 10a, 1/2hp, 125/250vac 50,000 6,000 d38 std. 16(4)a, 250v~ 16a, 125/250vac, 1hp 50,000 6,000 10(3)a, 400v~ d36 light 4(1)a, 250v~ 4a, 250vac 50,000 6,000 d37 light 10(2)a, 250v~ 10a, 1/2hp, 125/250vac 50,000 6,000 d38 light 16(2.5)a, 250v~ 16a, 125/250vac, 1hp 50,000 6,000 10(1.5)a, 400v~
code current rating standard force 6 4a, 250vac (ul, csa) 4(2.5)a, 250v~ (enec) 7 10a, 1/2hp, 125/250vac (ul, csa); 10(3)a, 250v~ (enec) 8 16a, 125/250vac, 1hp (ul, csa) 16(4)a, 250v~; 10(3)a, 400v~ (enec) light force 6 4a, 250vac (ul, csa) 4(1)a, 250v~ (enec) 7 10a, 1/2hp, 125/250vac (ul, csa) 10(2)a, 250v~ (enec) 8 16a. 125/250vac, 1hp (ul, csa) 16(2.5)a, 250v~; 10(1.5)a, 400v~ (enec) max 0.63 (16) 0.52 (13.1) 0.41 (10.3) 0.13 (3.2) 0.11 (2.8) 0.13 (3.4) 1.09 (27.8) 0.87 (22.2) 0.80 (20.25) 0.13 (3.2) 0.11 (2.8) 0.41 (10.3) 0.16 (4) no nc reference line screw 25 30 0.51 (13.0) qc 0.25 x 0.031 (6.3 x 0.8) qc 0.189 x 0.031 (4.8 x 0.8) 0.134 (3.2) 0.445 (11.3) welding 0.264 (6.7) 0.250 (6.3) solder 0.264 (6.7) 0.260 (6.60) 0.09 ( 2.2) 5 8 0.52 (13.3) 0.260 (6.6) 0.250 (6.3) terminals v3 s8 q3 a8 w9 d3 7 3 ?3 l d series/prefix code contact configuration standard operating force 1 spst no 2 spst nc 3 spdt light operating force 7 spst no 8 spst nc 9 spdt code terminal type inches (mm) v3 0.25 x 0.031 (6.3 x 0.8) qc q3 0.189 x 0.031 (4.8 x 0.8) qc s8 solder with temp. stop w9 screw a8 welding code actuation length inches (mm) code actuator type a d l aa button j straight, stainless, sr 0.835 (21.2) 1.402 (35.6) 2.752 (69.9) k straight, stainless, hr 1.012 (25.7) 1.579 (40.1) 2.929 (74.4) l straight, sr 0.835 (21.2) 1.402 (35.6) 2.752 (69.9) m straight, hr 1.012 (25.7) 1.579 (40.1) 2.929 (74.4) r roller, sr 0.811 (20.6) 1.343 (34.1) s simulated roller, sr 0.811 (20.6) t roller, hr 0.988 (25.1) 1.520 (38.6) u simulated roller, hr 0.988 (25.1) ordering information dimensions inches (mm) actuation length standard ratio (sr) 0.35 (9.0) high ratio (hr) 0.53 (13.5) simulated roller roller straight 0.20 (5) no nc no nc 0.42 (10.55) auxiliary actuators actuator specifications maximum operating force (cn) maximum operating minimum max. movement max. rest actuation pre-travel point * over-travel differential position length ** actuator switch inches inches inches inches inches inches type type d36 std. d37 std. d38 std. d36 light d37 light d38 light (mm) (mm) (mm) (mm) (mm) (mm) aa 170 260 400 60 130 200 0.059 0.559/0.598 0.047 0.012 0.63 (1.5) (14.2/15.2) (1.2) (0.3) (16.0) ma/ka 120 170 265 40 85 130 0.106 0.567/0.630 0.067 0.024 0.71 1.012 (2.7) (14.4/16.0) (1.7) (0.6) (18.0) (25.7) md/kd 50 80 120 18 40 60 0.232 0.528/0.669 0.146 0.051 0.85 1.579 (5.9) (13.4/17.0) (3.7) (1.3) (21.6) (40.1) ml/kl 22 35 50 10 18 25 0.528 0.433/0.764 0.335 0.118 1.19 2.929 (13.4) (11.0/19.4) (8.5) (3.0) (30.1) (74.4) la/ja 180 280 425 65 140 210 0.063 0.579/0.618 0.039 0.016 0.66 0.835 (1.6) (14.7/15.7) (1.0) (0.4) (16.8) (21.2) ld/jd 80 130 200 30 65 100 0.138 0.551/0.646 0.083 0.031 0.75 1.402 (3.5) (14.0/16.4) (2.1) (0.8) (19.1) (35.6) ll/jl 35 55 80 15 28 40 0.311 0.488/0.709 0.193 0.071 0.97 2.752 (7.9) (12.4/18.0) (4.9) (1.8) (24.6) (69.9) *measured above reference line. refer to dimensional drawing above. **actuator tolerance 0.031 inches (0.8mm). note: pcb terminals available upon request. specifications subject to change without notice. 37
38 contact gap > 3mm (0.12 inch) electrical ratings electrical life at rated load switch according to en according to ul series en61058 rating ul1054 rating (min. operations) (min. operations) d36 4(3)a, 250v~ 4a, 250vac, 1/3hp 50,000 10,000 125/250vac d37 10(4)a, 250v~ 10a, 1/2hp, 125/250vac 50,000 6,000 d3b 8(8)a, 250v~ 10a, 1/2hp, 125/250vac 50,000 10,000 d3 7 4 q3 ld series/prefix actuator code see table above code contact configuration 4 spst no 5 spst nc (d3b only) 6 spdt (d3b only) code terminal type inches (mm) v1 0.25 x 0.03 (6.3 x 0.8) qc, straight v3 0.25 x 0.03 (6.3 x 0.8) qc, dog leg q1 0.19 x 0.03 (4.8 x 0.8) qc, straight q3 0.19 x 0.03 (4.8 x 0.8) qc, dog leg c1 0.11 x 0.03 (2.8 x 0.8) qc, bifurcated straight* c3 0.11 x 0.03 (2.8 x 0.8) qc, bifurcated dog leg* s8 solder with temp. stop w9 screw (d3b only) a8 welding ordering information terminal options specifications subject to change without notice. note: pcb terminals available upon request. *d36 only. 0 .44 ( 11. 3) 0.13 (3.4) 0.52 (13.3) 5 8 0.51 (13) 25 30 0.26 (6.6) 0 .2 5 ( 6 .3 ) ) 0.26 (6.7) 0.26 (6.6) 0.09 ( 2 .2) 0.26 (6.7) 0.39 (10.0) qc 0.25 x 0.03 (6.3 x 0.8) v1 qc 0.25 x 0.03 (6.3 x 0.8) dog leg v3 qc 0.19 x 0.03 (4.8 x 0.8) straight q1 qc 0.19 x 0.03 (4.8 x 0.8) dog leg q3 qc 0.11 x 0.03 (2.8 x 0.8) bifurcated, straight c1 solder s8 welding a8 qc 0.11 x 0.03 (2.8 x 0.8) bifurcated, dog leg c3 screw w9 code ul rating en 61058 rating 6 4a,1/3hp, 125/250vac 4(3)a, 250v~ 7 10a, 1/2hp, 125/250vac 10(4)a, 250v~ b 10a, 1/2hp, 125/250vac 8(8)a, 250v~ actuator specifications maximum maximum operating minimum max. movement max. rest actuation operating pre-travel point* over-travel differential position length actuator switch force inches inches inches inches inches inches code type (cn) (mm) (mm) (mm) (mm) (mm) (mm) aa 500 0.075 0.5670.020 0.028 0.047 0.63 (1.9) (14.40.5) (0.7) (1.2) (16.0) ma/ka 320 0.134 0.5790.031 0.035 0.079 0.71 1.012 (3.4) (14.70.8) (0.9) (2.0) (18.0) (25.7) ta forces and travel available upon request 0.988 (25.1) ua forces and travel available upon request 0.988 (25.1) md/kd 150 0.295 0.5630.075 0.075 0.177 0.86 1.579 (7.5) (14.31.9) (1.9) (4.5) (21.8) (40.1) td forces and travel available upon request 1.520 (38.6) kl 65 0.669 0.5120.165 0.165 0.409 1.21 2.929 (17.0) (13.04.2) (4.2) (10.4) (30.8) (74.4) la/ja 550 0.075 0.5870.020 0.024 0.047 0.66 0.835 (1.9) (14.90.5) (0.6) (1.2) (16.8) (21.2) ra forces and travel available upon request 0.811 (20.6) sa forces and travel available upon request 0.811 (20.6) ld/jd 240 0.177 0.5750.047 0.047 0.102 0.76 1.402 (4.5) (14.61.2) (1.2) (2.6) (19.2) (35.6) rd forces and travel available upon request 1.343 (34.1) jl 100 0.425 0.5200.110 0.126 0.256 0.098 2.752 (10.8) (13.22.8) (3.2) (6.5) (25.0) (69.9)


▲Up To Search▲   

 
Price & Availability of D362-A8MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X