Part Number Hot Search : 
2SD601YS 5KE130 BU120 8S003F3 2405S ESD3V HA3R150B OM5324SA
Product Description
Full Text Search
 

To Download CX11AI-70000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual hcmos / ttl 14 & 8 pin dip cx series 15302 bolsa chica street, huntington beach, ca 92649 ph: 714-991-1580 / 800-333- 9825 fax: 714-491-9825 www.calcrystal.com e-mail: sales@calcrystal.com half size cx (8 pin) # 1 n.c. # 4 gnd # 5 output # 8 +5.0 vdc 10% full size cx (14 pin) # 1 n.c. # 7 gnd # 8 output # 14 +5.0 vdc 10% 100% logic ?1? 80% vcc 50% vcc 0.0vdc logic ?0? 20% vcc t r t f 60/40% dot denotes pin 1 location full size 0.820 (20.8) 0.520 (13.2) comclok 0.200 (5.08) 0.255 (6.10) 0.031 (0.8) 0.018 (0.45) insulated stand-offs 0.300 (7.62) 0.300 (7.62) 1 4 8 5 inch (mm) 0.600 (15.24) 0.300 (7.62) 1 7 14 8 0.520 (13.2) 0.200 (5.08) 0.255 (6.10) 0.031 (0.8) 0.018 (0.45) 0.520 (13.2) comclok half size model cx frequency range 10.0 khz ~ 69.99 mhz 70.000 mhz ~ 160.000 mhz frequency stability 100ppm standard, optional tolerances available operating temp. range 0oc ~ 70oc standard, extended tolerances available supply voltage +5.0 vdc 10% current consumption 10.0 khz ~ 23.999 mhz 15ma max. 24.000 ~ 69.000 mhz 30ma max. 70.000 ~ 99.999 mhz 30ma max. 100.000 ~ 129.999 mhz 35ma max. 130.000 ~ 160.000 mhz 40ma max. symmetry 40/60% @ 50% vcc standard, optiona l tolerances available logic ?1? & ?0? logic ?1? = 4.5vdc min. / logic ?0? = 0.5vdc max. rise/fall time (t r ,t f ) 6 ns max 3 ns max. output load 10 ttl max. / 15pf 2 ttl max. / 15pf aging < 5ppm per year storage temperature -55 o c ~ +125 o c frequency tolerance 1 .... 100ppm 2 .... 50ppm 3 .... 25ppm 4 .... 20ppm operating temperature a .... 0 o c to +70 o c b .... -20 o c to +70 o c c ... -40 o c to +85 o c d ... -10 o c to +50 o c e .... -20 o c to +60 o c f .... -10 o c to +70 o c z .... other symmetry 1 .... 60/40 2 .... 45/55 3 .... 47.5/52.5 frequency size / option f .... full size h ... half size i ..... gullwing full size j .... gullwing half size option a r ... gullwing half size option b cx 1 1 a f - 10.000mhz - r rohs option * blank no option r ... rohs compliant ver. 2.2 0806 rohs compliant features of the cx series clock oscillator: ? rohs compliant available ? 5vdc ? industry standard (14 & 8 pin dip compatible) ? fast rise and fall times ? case ground for low emi ? hermetically sealed / resistance welded ? wide frequency range ? drives either hcmos or ttl loads


▲Up To Search▲   

 
Price & Availability of CX11AI-70000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X