Part Number Hot Search : 
JANTX C68HC705 M3062 FUF2004 TDA7563B OM7639SM BZV80TRL 950T45
Product Description
Full Text Search
 

To Download B320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  B320 thru b340 surface mount schottky barrier rectifiers reverse voltage C 20 to 40 volts forward current C 3.0 amperes features ? for surface mounted application ? metal-semiconductor junction with guard ring ? epitaxial construction ? very low forward voltage drop ? high current capability ? plastic material has ul flammability classificati on 94v-0 ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection application mechanical data ? case: molded plastic ? polarity: color band denotes cathode ? weight:0.007 ounces, 0.21 grams smc all dimensions in millimeter smc dim. min. max. a c d e f g h b 6.60 7.11 6.22 5.59 2.92 3.18 0.31 0.15 7.75 8.13 0.05 0.20 2.01 2.50 0.76 1.52 c h e f g d b a maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inducti ve load. for capacitive load, derate current by 20%. characteristics symbol B320 b330 b340 unit maximum repetitive peak reverse voltage v rrm 20 30 40 v maximum rms voltage v rms 14 21 28 v maximum dc blocking voltage vdc 20 30 40 a maximum average forward rectified current @tl=100c i av 3.0 a peak forward surge 8.3ms single half sine-wave superimposed on rated load i fsm 100 a maximum forward voltage at 3.0a dc v f 0.5 v maximum dc reverse current @tj=25c at rated dc blocking voltage @ tj=100c i r 0.5 15 ma typical junction capacitance (note 1) cj 230 pf typical thermal resistance (note 2, 4) r jl 18 c/w typical thermal resistance (note 3, 4) r ja 60 c/w operating junction temperature range tj -55 to +125 c storage temperature range t stg -55 to +150 c rev.1, jul-2010, kshc07 note: (1) measured at 1.0mhz and applied reverse v oltage of 4.0v dc... (2) thermal resistance junction to lead (3) thermal resistance junction to ambient (4) unit mounted on glass epoxy substrate 1oz/ft2 7 x5 mm copper pad.
rating and characteristic curves B320 thru b340 fig.1- forward current de rating curve 0 0.5 1 1.5 2 2.5 3 3.5 0 25 50 75 100 125 lead temperature, ( ) average f orward current, (a) fig.2- maximum non-repetitive surge current 0 10 20 30 40 50 60 70 80 90 100 110 120 1 10 100 number of cycles at 60hz peak forward surge current, (a) fig.3- typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage, voltages capacitance, (pf) fig.4- typical forward characteris tics 0.01 0.1 1 10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 inst antaneous forward volt age, volts instantaneous forward current, (a) fig.5- typical reverse characteristics 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 percent of rat ed peak reverse voltage, ( %) instant aneous reverse current, (ma) fig.6- dc revers e voltag e derating curve 0 20 40 60 80 100 120 0 25 50 75 100 125 ambient temperature, ( ) percent of dc reverse voltage, (%) tj=100 tj=25 tj=25 pulse width 300us 2% duty cycle tj=25 , f=1mhz 8.3ms single half sine-wave mounted on glass-epoxy substrate with 1oz/ft 2 _7x5 mm copper pad. rth j-a in still-air =60 /w mounted on glass-epoxy substrate with 1oz/ft 2 _7x5 mm copper pad.


▲Up To Search▲   

 
Price & Availability of B320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X