Part Number Hot Search : 
N0613 KA2659D 01100 MFM60 N0613 79L12 DBFFG60 AON7401
Product Description
Full Text Search
 

To Download ASSVP1-100000MHZ-R-C12-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||| assvp series 7 . 0 x 5 . 0 x 1 . 4mm pb rohs compliant standard specifications: 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator p arameters 30332 espe r anza, ranc ho santa m a r g a r ita, califor nia 92688 tel 949-546-8000 | f ax 949-546-8001 | ww w .abr acon.com revised: 10.12.10 visit www.abracon.com for terms & conditions of sale abracon p/n assvp series frequency range: 10.000000mhz - 160.000000mhz spread type (typical): emi reduction (reduction is applied to the entire frequency spectrum) with respect to the db level when no modulation. operating temperature: storage temperature: -55c to + 125c frequency stability: supply voltage (vdd): 2.5, or 3.3 v 10% (see options) start-up time: 2ms typ. 10ms max. rise time / fall time see table 1 or 2 below load: 15pf (30pf max) current consumption: see table 1 or 2 below duty cycle: 50% 5% (c l = 15pf at 50% v dd ) output type: aging (first year) output voltage "high" ; "1": output voltage "low" ; "0": modulation carrier frequency (dither rate): tri-state function : logic "1" or open: oscillation logic "0" (vil < 0.8 vdc) : hi z * frequency stability includes initial tolerance, temperature characteristics, load variation, and supply voltage variation,. -40c to + 85c 50ppm (see options) * cmos 3ppm max.; ta=+25c quick turn delivery! <5 days for small quantities! center spread: 0.125% to 2.00% down spread: -0.25% to -4.00% (see table 3 for options) -7dbc min. 100mhz at c02 -9dbc min. 100mhz at c04 -12dbc min. 100mhz at c12 90% v dd min. 10% v dd max. programmable dependant ( 30khz to 40khz ) table 1: 2.5v typical max typical 10 20 2.0 15 20 2.0 20 25 1.5 25 30 1.5 table 2: 3.3v typical max typical 15 20 3.0 20 25 2.5 25 30 2.0 30 40 1.5 3.0 100 to 160mhz 0 . 5 z h m 9 9 . 9 4 o t 0 1 tr/tf (nsec) 0 . 4 z h m 9 9 . 9 7 o t 0 5 current consumption (ma) 0 . 3 z h m 9 9 . 9 9 o t 0 8 tr/tf (nsec) x a m y c n e u q e r f current consumption (ma) 0 . 8 z h m 9 9 . 9 7 o t 0 5 0 . 5 z h m 9 9 . 9 9 o t 0 8 x a m y c n e u q e r f 0 . 0 1 z h m 9 9 . 9 4 o t 0 1 0 . 4 z h m 0 6 1 o t 0 0 1 cer tified abracon is cer tified abracon is iso9001:2008 cer tified ? laptop computer ? pda ? lcd ? digital camera ? wireless lan ? mobile phone ? printer ? flat tv ? spread spectrum low emi oscillator ? 7.0 x 5.0 x 1.4mm ceramic package ? tri-state function ? suitable for rohs reflow profile ? seam sealed ceramic package assures high reliability. applications: features:
||||||||||||||| assvp series 7 . 0 x 5 . 0 x 1 . 4 m m pb rohs compliant options & part identification: (left blank if standard) 30332 espe r anza, ranc ho santa m a r g a r ita, califor nia 92688 tel 949-546-8000 | f ax 949-546-8001 | ww w .abr acon.com revised: 10.12.10 visit www.abracon.com for terms & conditions of sale table 3: spread spectrum bandwidth selection table c01 0.125 d01 -0.25 c02 0.250 d02 -0.50 c03 0.375 d03 -0.75 c04 0.50 d04 -1.00 c05 0.625 d05 -1.25 c06 0.750 d06 -1.50 c07 0.875 d07 -1.75 c08 1.000 d08 -2.00 c09 1.125 d09 -2.25 c10 1.250 d10 -2.50 c11 1.375 d11 -2.75 c12 1.500 d12 -3.00 c13 1.625 d13 -3.25 c14 1.750 d14 -3.50 c15 1.875 d15 -3.75 c16 2.000 d16 -4.00 center spread (%) down spread (%) spread spectrum band width options blank 3.3v10% blank 50ppm 1 2.5v10% r 25ppm please contact abracon for special tighter stability. ssbw: spread spectrum band width assvp - frequency - - - ssbw c or d see table below supply voltage frequency xx.xxxx mhz g n i g a k c a p y t i l i b a t s . q e r f blank bulk t tape and reel (1000pcs) 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator cer tified abracon is cer tified abracon is iso9001:2008 cer tified
||||||||||||||| assvp series 7 . 0 x 5 . 0 x 1 . 4 m m pb rohs compliant 30332 espe r anza, ranc ho santa m a r g a r ita, califor nia 92688 tel 949-546-8000 | f ax 949-546-8001 | ww w .abr acon.com revised: 10.12.10 visit www.abracon.com for terms & conditions of sale tape & reel: tape and reel 1,000pcs/reel outline drawing: dimensions: inches (mm) pin 1 2 3 4 note: recommend using an approximately 0.01uf bypass capacitor between pin 2 and 4. vdd function tri-state gnd/case output dimensions: mm reflow profile need a test socket for the assvp series? to view compatible precision test and burn-in sockets for these parts, click here. 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator cer tified abracon is cer tified abracon is iso9001:2008 cer tified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifi - cally designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authori - zation from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ASSVP1-100000MHZ-R-C12-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X