Part Number Hot Search : 
YD1028 SI9718CY B2412 BR2506 C3875 3N130 79L12 74VCX16
Product Description
Full Text Search
 

To Download AC936 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications * absolute maximum ra tings intermodulation performance 2/99 408-522-3838 ?fax:408-522-3839 ?check for updates: www.teledyne-cougar.com to-8 package for amplifiers smto-8 package for amplifiers AC936 10 to 900 mhz to-8 cascadable amplifier 50 ohm input +dc voltage 0.031 (0.79) 50 ohm output ground 45 3 0.033 (0.84) 0.018 0.002 (0.46 0.05) (4) plcs 0.300 (7.62) dia. b.c. 0.504 (12.80) dia. 0.025 (0.64) 0.450 (11.43) dia. 0.208 (5.28) max. 0.185 0.015 (4.70 0.38) dia. pin 0 50 input 0.250 (6.35) 0.450 (11.43) 0 0.075 (1.91) 0.350 (8.89) 0.200 (5.08) 0.450 (11.43) 0 0.225 (5.72) 0.450 (11.43) 0 .0.075 (1.91) 0.225 (5.72) 0.375 (9.53) 50 output 0.040 0.012 (1.02 0.30) (4) plcs dc bias 0.016 0.002 (0.41 0.05) (4) plcs gnd 0.050 (1.27) (4) plcs 0.100 (2.54) (4) plcs 0.010 (0.25) 0.008 0.001 (0.20 0.03) 0.170 (4.32) (typ.) 0.031 (0.79) 0.031 (0.79) 45 0.016 0.002 0.010 0.002 0.008 0.012 see detail "a" detail a (no scale) AC936 t ypical values AC936 low noise figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <3.3 db high gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27.5 db high output le vel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 dbm high re verse isolation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 db high p erformance thin film standard size to-8 package guaranteed p arameter typical 0 to 50 c -55 to +85 c f requency (min.) 10-1000 mhz 10-900 mhz 10-900 mhz t ypical @ 25 c +5 volts +8 volts second order harmonic intercept point . . . . . +46 dbm +43 dbm second order two tone intercept point . . . . . . +40 dbm +37 dbm third order two tone intercept point . . . . . . . . +22 dbm +27 dbm storag e temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -62 to +125 c maxim um case t emperature . . . . . . . . . . . . . . . . . . . . . . . . +125 c maximum dc voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +9 volts maximum continuous rf input power . . . . . . . . . . . . . . . . +6 dbm maxim um shor t term input power (1 min ute max.) . . . . . . 50 milliwatts maximum peak power (3 ?ec max.) . . . . . . . . . . . . . . . . . . 0.5 watt burn-in temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +105 c thermal resistance 1 ( jc) . . . . . . . . . . . . . . . . . . . . . . . . . . +75 c/watt j unction temperature rise above case (tjc) . . . . . . . . . . +14.6 c 1 thermal resistance is based on total power dissipation. as936 * measured in a 50-ohm system at +5 vdc unless otherwise specified. small signal gain (min.) 27.5 db 27.0 db 26.5 db gain flatness (max.) ?.4 db ?.6 db ?.8 db noise figure (max.) 3.3 db 3.8 db 4.5 db swr (max.) input/output <1.4:1 1.6:1 1.8:1 power output (min.) @ 1db comp. +10.0 dbm +9.0 dbm +8.5 dbm reverse isolation 38 db dc current (max.) 35.0 ma 38.0 ma 41.0 ma dimensions are in inches (millimeters)
typical performance typical automatic test data 408-522-3838 ?fax:408-522-3839 ?check for updates: www.teledyne-cougar.com gain - db frequency - mhz 5 10 30 50 100 200 400 600 800 1000 gain vs temperature vcc = 5 noise figure - db noise figure vcc = 5 & 8 key: +25 c +85 c -55 c 16.0 15.0 14.0 13.0 12.0 11.0 10.0 9.0 8.0 output power - dbm power output at 1 db compression 60 50 40 30 20 10 intercept point - dbm intercept point vcc = 5 frequency - mhz frequency - mhz frequency - mhz 10 20 30 50 100 200 400 600 800 1000 10 20 30 50 100 200 400 600 800 1000 10 20 30 50 100 200 400 600 800 1000 5.0 4.0 3.0 2.0 29.0 28.0 27.0 26.0 25.0 2nd har ip 3 ip 2 +5 v 70 60 50 40 30 20 intercept point - dbm intercept point vcc = 8 frequency - mhz 10 20 30 50 100 200 400 600 800 1000 2nd har ip 3 ip 2 +8 v AC936 model: AC936 vcc=+5v icc=35.78 freq swr swr gain phase delay rev/iso m hz in out db deg nsec db 5 1.11 2.29 27.36 54 -39.5 10 1.11 1.42 28.10 24 -38.2 30 1.17 1.10 28.11 0 1.6 -37.3 50 1.17 1.07 28.08 -8 1.1 -38.2 100 1.18 1.05 28.11 -24 0.87 -37.5 200 1.19 1.06 28.21 -52 0.77 -38.2 300 1.19 1.08 28.37 -80 0.78 -38.0 400 1.17 1.11 28.51 -108 0.79 -38.1 500 1.14 1.16 28.65 -137 0.82 -38.2 600 1.09 1.21 28.67 -167 0.83 -38.7 700 1.03 1.27 28.64 163 0.84 -38.7 800 1.06 1.33 28.47 132 0.84 -38.4 900 1.12 1.35 28.38 102 0.86 -39.2 1000 1.16 1.32 28.31 71 0.86 -38.5 l inear s-parameters model: AC936 vcc=+5v icc=35.78 freq. s11 s21 s12 s22 mhz mag ang mag ang mag ang mag ang 5 0.05 -147.9 23.33 54.5 0.011 58.6 0.39 153.0 10 0.05 13.3 25.41 24.1 0.012 27.3 0.18 116.2 30 0.08 -6.8 25.43 0.2 0.014 6.8 0.05 100.4 50 0.08 -13.5 25.35 -8.5 0.012 2.5 0.03 97.7 100 0.08 -28.9 25.44 -24.1 0.013 -5.4 0.02 87.6 200 0.09 -58.8 25.73 -52.2 0.012 -12.9 0.03 63.2 3 00 0.08 -88.7 26.21 -80.0 0.013 -18.0 0.04 44.1 400 0.08 -117.8 26.65 -108.3 0.012 -24.4 0.05 24.3 500 0.06 -148.8 27.06 -137.4 0.012 -34.7 0.07 6.3 600 0.04 178.0 27.14 -167.1 0.012 -40.4 0.10 -14.6 700 0.02 119.3 27.05 162.8 0.012 -49.5 0.12 -35.5 800 0.03 -1.6 26.53 132.3 0.012 -58.8 0.14 -57.1 900 0.05 -46.9 26.25 101.9 0.011 -63.1 0.15 -80.0 1000 0.07 -81.1 2 6.04 71.0 0.012 -74.6 0.14 -105.2 1100 0.08 -130.9 26.54 38.2 0.013 -82.2 0.11 -143.7 model: AC936 vcc=+8v icc=59.40 freq swr swr gain phase delay rev/iso mhz in out db deg nsec db 5 1.21 2.33 28.10 54 -40.5 10 1.04 1.44 28.83 24 -38.8 30 1.08 1.11 28.89 0 -38.9 50 1.09 1.07 28.93 -9 1.1 -38.8 100 1.10 1.05 28.96 -25 0.88 -38.4 200 1.11 1.06 29.01 -54 0.79 -38.3 300 1.11 1.09 29.09 -82 0.79 -39.1 400 1.10 1.14 29.20 -111 0.80 -39.3 500 1.09 1.20 29.29 -140 0.82 -39.3 600 1.09 1.28 29.19 -170 0.83 -39.5 700 1.12 1.37 29.08 160 0.82 -39.9 800 1.18 1.45 28.89 130 0.83 -39.5 900 1.23 1.51 28.70 101 0.83 -40.8 1000 1.26 1.51 28.62 71 0.84 -41.0 linear s-p arameters model: AC936 vcc=+8v icc=59.40 freq. s11 s21 s12 s22 mhz mag ang mag ang mag ang mag ang 5 0.09 -158.3 25.41 54.4 0.009 62.0 0.40 153.5 10 0.02 43.4 27.65 24.2 0.011 31.2 0.18 116.4 30 0.04 -4.5 27.83 -0.2 0.011 5.9 0.05 99.8 50 0.04 -14.9 27.97 -9.1 0.011 1.7 0.03 100.5 100 0.05 -35.5 28.07 -25 0.012 -1.8 0.03 91.5 200 0.05 -72.9 28.2 -53.8 0.012 -13.7 0.03 70.3 300 0.05 -110.2 28.47 -82.2 0.011 -16.5 0.04 55.0 400 0.05 -150.5 28.86 -1 10.7 0.011 -27.4 0.06 38.7 500 0.04 164.1 29.13 -140.2 0.011 -32.8 0.09 18.5 600 0.04 106.3 28.80 -170.0 0.011 -40.8 0.12 -4.3 700 0.06 47.8 28.44 160.3 0.010 -48.0 0.16 -25.4 800 0.08 7.4 27.83 130.4 0.011 -58.4 0.18 -47.3 900 0.10 -26.0 27.21 100.9 0.009 -67.3 0.20 -68.2 1000 0.12 -55.1 26.97 70.8 0.009 -74.1 0.20 -88.7 1100 0.11 -95.8 27.59 39.1 0.009 -82.7 0.18 -113.3


▲Up To Search▲   

 
Price & Availability of AC936

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X