Part Number Hot Search : 
TFS86 4728A BR1416T LTC2228 FQI6N1 2SD2413G MV140407 4728A
Product Description
Full Text Search
 

To Download A671HN-102L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fixed inductors { ????? 10rhbp inductance range: 10~2200h dimensions ? ?
go
$ 17.0max.  13.4max.  0.7 5.0 5.0 m2 ? direction indication features ? ? ? ? magnetically shielded construction and low leakage flux structure. ? suitable for large current. ? ideal for use as choke coil for high current dc-dc circuits in all types of electronic instruments. ? rohs compliant. ? ?? z ?? ?  ? g ?v 0 ?   ??;+w g ?vs?;??????t7 & ? 3p)4|? 0 selection guide for standard coils #a671hn-100l 10 15 0.015 3.61 #a671hn-150l 15 15 0.017 3.16 #a671hn-180l 18 15 0.020 2.81 #a671hn-220l 22 15 0.021 2.44 #a671hn-270l 27 15 0.023 2.12 #a671hn-330l 33 15 0.024 1.80 #a671hn-390l 39 15 0.027 1.64 #a671hn-470l 47 15 0.032 1.57 #a671hn-560l 56 15 0.034 1.39 #a671hn-680l 68 15 0.060 1.26 #a671hn-820l 82 15 0.070 1.18 #a671hn-101l 100 15 0.09 1.14 #a671hn-151l 150 15 0.11 0.82 #a671hn-181l 180 15 0.12 0.73 #a671hn-221l 220 15 0.14 0.61 #a671hn-271l 270 15 0.16 0.54 #a671hn-331l 330 15 0.17 0.52 #a671hn-391l 390 15 0.32 0.48 #a671hn-471l 470 15 0.35 0.44 #a671hn-561l 560 15 0.39 0.40 #a671hn-681l 680 15 0.44 0.38 #a671hn-821l 820 15 0.48 0.28 #A671HN-102L 1000 15 0.53 0.27 #a671hn-122l 1200 15 0.66 0.26 #a671hn-152l 1500 15 0.86 0.23 #a671hn-182l 1800 15 0.95 0.21 #a671hn-222l 2200 15 1.07 0.18 type 10rhbp shilded type ??? f? ? j ?????? 
?0) v ? 
7 g?0 ?v 
toko part number inductance (1) (h) tolerance (%) dc resistance (2) ( ? ) max. rated dc current (3) (a) max. (1) inductance is measured with a lcr meter 4284a (agilent technologies) or equivalent. test frequency at 100khz. (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) 
??????x-$3y??" "hjmfou 5fdiopmphjft
?hx ? s ?t??  b?{  * t
:xl)[pb{ 
v ?x?????y??53 "ewbouftu
?hx ? s ?t?? b?{ 
7 g?0 ?vxz v o t ?v?v`h??????w ?u s8 ????n ?b? v ?v ?z?hx v ?vt??z??w9 su? w??t ?^ m ?pb{  *?9 s??, jqb?{  (unit: mm)


▲Up To Search▲   

 
Price & Availability of A671HN-102L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X