Part Number Hot Search : 
BTA42 MK325B IXTL8P40 C1330HA G4435 2SD0965Q C908J 1S0515
Product Description
Full Text Search
 

To Download 50SMDJ30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revision: november 15, 2011, 16:49 ?2011 littelfuse, inc. specifcations are subject to change without notice. transient voltage suppression diodes 1 surface mount C 5000w > 5.0smdj series 5.0smdj series please refer to http://www.littelfuse.com/series/5.0ssmdj.html for current information. agency agency file number e230531 5.0smdj series the 5.0smdj series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. applications features maximum ratings and thermal characteristics (t a =25 o c unless otherwise noted) agency approvals ? halogen-free ? rohs compliant ? for surf ace mounted applications to optimize board space ? lo w profle package ? built-in strain relief ? typical maximum temperat ure coeffcient v br = 0.1% x v br @25c x t ? glass passivated c hip junction ? 500 0w peak pulse power capability at 101000s waveform, repetition rate (duty cycles):0.01% ? fast response time: t ypically less than 1.0ps from 0v to bv min ? excellent clamping capabilit y ? lo w incremental surge resistance ? typical i r less than 5a above 22v ? high t emperature soldering guaranteed: 260c/40 seconds at terminals ? plastic package has under writers laboratory flammability 94v-o ? matte tin leadCfree plated parameter symbol value unit peak pulse power dissipation at t a =25 o c by 10x1000s waveform (fig.1)(note 1), (note 2) p ppm 5000 w power dissipation on infnite heat sink at t a =50 o c p m(av) 6.5 w peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 300 a maximum instantaneous forward voltage at 100a for unidirectional only v f 5.0 v operating junction and storage temperature range t j , t stg -65 to 150 c typical thermal resistance junction to lead r ujl 15 c/w typical thermal resistance junction to ambient r uja 75 c/w notes: 1. non-repetitive current pulse , per fig. 3 and derated above t a = 25 o c per fig. 2. 2. mounted on copper pad area of 0.31x0.31 (8.0 x 8.0mm) to eac h terminal. 3. measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only,duty cycle=4 per minute maximum. description 5.0smdj series rohs pb
revision: november 15, 2011, 16:49 ?2011 littelfuse, inc. specifcations are subject to change without notice. transient voltage suppression diodes 2 surface mount C 5000w > 5.0smdj series 5.0smdj series please refer to http://www.littelfuse.com/series/5.0ssmdj.html for current information. electrical characteristics part number (uni) part number (bi) marking reverse stand off voltage v r (volts) breakdown voltage v br (volts) @ i t test current i t (ma) maximum clamping voltage v c @ i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @ v r (a) agency approval uni bi min max 5.0smdj12a 5.0smdj12ca 5pep 5bep 12.0 13.30 14.70 10 19.9 252.00 800 x 5.0smdj13a 5.0smdj13ca 5peq 5beq 13.0 14.40 15.90 10 21.5 233.00 500 x 5.0smdj14a 5.0smdj14ca 5per 5ber 14.0 15.60 17.20 10 23.2 216.00 200 x 5.0smdj15a 5.0smdj15ca 5pes 5bes 15.0 16.70 18.50 1 24.4 205.00 100 x 5.0smdj16a 5.0smdj16ca 5pet 5bet 16.0 17.80 19.70 1 26.0 193.00 50 x 5.0smdj17a 5.0smdj17ca 5peu 5beu 1 7. 0 18.90 20.90 1 27.6 181.00 20 x 5.0smdj18a 5.0smdj18ca 5pev 5bev 18.0 20.00 22.10 1 29.2 172.00 10 x 5.0smdj20a 5.0smdj20ca 5pew 5bew 20.0 22.20 24.50 1 32.4 155.00 5 x 5.0smdj22a 5.0smdj22ca 5pex 5bex 22.0 24.40 26.90 1 35.5 141.00 5 x 5.0smdj24a 5.0smdj24ca 5pez 5bez 24.0 26.70 29.50 1 38.9 129.00 5 x 5.0smdj26a 5.0smdj26ca 5pfe 5bfe 26.0 28.90 31.90 1 42.1 119.00 5 x 5.0smdj28a 5.0smdj28ca 5pfg 5bfg 28.0 31.10 34.40 1 45.4 110.00 5 x 5.0smdj30a 5.0smdj30ca 5pfk 5bfk 30.0 33.30 36.80 1 48.4 103.00 5 x 5.0smdj33a 5.0smdj33ca 5pfm 5bfm 33.0 36.70 40.60 1 53.3 93.90 5 x 5.0smdj36a 5.0smdj36ca 5pfp 5bfp 36.0 40.00 44.20 1 58.1 86.10 5 x 5.0smdj40a 5.0smdj40ca 5pfr 5bfr 40.0 44.40 49.10 1 64.5 77.60 5 x 5.0smdj43a 5.0smdj43ca 5pft 5bft 43.0 47.80 52.80 1 69.4 72.10 5 x 5.0smdj45a 5.0smdj45ca 5pfv 5bfv 45.0 50.00 55.30 1 72.7 68.80 5 x 5.0smdj48a 5.0smdj48ca 5pfx 5bfx 48.0 53.30 58.90 1 77.4 64.70 5 x 5.0smdj51a 5.0smdj51ca 5pfz 5bfz 51.0 56.70 62.70 1 82.4 60.70 5 x 5.0smdj54a 5.0smdj54ca 5pge 5bge 54.0 60.00 66.30 1 87.1 57.50 5 x 5.0smdj58a 5.0smdj58ca 5pgg 5bgg 58.0 64.40 71.20 1 93.6 53.50 5 x 5.0smdj60a 5.0smdj60ca 5pgk 5bgk 60.0 66.70 73.70 1 96.8 51.70 5 x 5.0smdj64a 5.0smdj64ca 5pgm 5bgm 64.0 71.10 78.60 1 103.0 48.60 5 x 5.0smdj70a 5.0smdj70ca 5pgp 5bgb 70.0 77.80 86.00 1 113.0 44.30 5 x 5.0smdj75a 5.0smdj75ca 5pgr 5bgr 75.0 83.30 92.10 1 121.0 41.40 5 x 5.0smdj78a 5.0smdj78ca 5pgt 5bgt 78.0 86.70 95.80 1 126.0 39.70 5 x 5.0smdj85a 5.0smdj85ca 5pgv 5bgv 85.0 94.40 104.00 1 137.0 36.50 5 x 5.0smdj90a 5.0smdj90ca 5pgx 5bgx 90.0 100.00 111. 0 0 1 146.0 34.30 5 x 5.0smdj100a 5.0smdj100ca 5pgz 5bgz 100.0 111. 0 0 123.00 1 162.0 30.90 5 x 5.0smdj110a 5.0smdj110ca 5phe 5bhe 110.0 122.00 135.00 1 177.0 28.30 5 x 5.0smdj120a 5.0smdj120ca 5phg 5bhg 120.0 133.00 147.00 1 193.0 26.00 5 x 5.0smdj130a 5.0smdj130ca 5phk 5bhk 130.0 144.00 159.00 1 209.0 24.00 5 x 5.0smdj150a 5.0smd j1 50ca 5phm 5bhm 150.0 167.00 185.00 1 243.0 20.60 5 x 5.0smdj160a 5.0smdj160ca 5php 5bhb 160.0 178.00 197.00 1 259.0 19.30 5 x 5.0smdj170a 5.0smdj170ca 5phr 5bhr 170.0 189.00 209.00 1 275.0 18.20 5 x for bidirectional type having v r of 20 volts and less,the i r limit is double.
revision: november 15, 2011, 16:49 ?2011 littelfuse, inc. specifcations are subject to change without notice. transient voltage suppression diodes 3 surface mount C 5000w > 5.0smdj series 5.0smdj series please refer to http://www.littelfuse.com/series/5.0ssmdj.html for current information. 0. 1 1 10 100 1000 0.000001 0.00001 0.0001 0.001 t d -p ul se wi dth (s ec .) p ppm -peak pulse power (kw) 0.0000001 0.31x0.31" (8 .0 x8 .0 mm) co p per pa d ar ea ratings and characteristic curves (t a =25c unless otherwise noted) i ppm - peak pulse current, % i rsm 0 0 50 10 0 15 0 1. 0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1 00 0sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) 0 20 40 60 80 100 02 55 07 5 100 125 150 17 5 pe ak pu ls e po wer (p pp ) or current (i pp ) derating in percentage % t j -i nitial te mp erat ur e (oc) 1 10 100 1000 10000 10000 0 1. 0 10. 01 00.0 1 000.0 cj (p f) v br - reverse breakdown vo ltage (v) bi -d ir ec ti o nal @ vr uni- di re ct io nal v = ov bi -d ir ec ti o nal v = ov uni- di re ct io nal @ vr 0 0. 5 1 1. 5 2 2. 5 3 3. 5 4 4. 5 5 5. 5 6 6. 5 02 5507 5 100 125 150 175 p m(av) , steady state power dissipation (w) t a -ambient te mperature (oc) figure 1 - peak pulse power rating curve figure 2 - peak pulse power or current derating curve vs initial junction temperature figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power derating curve 11 0 100 nu mb er of c ycl es at 60 hz 0 50 100 150 200 250 300 350 i fsm - peak forward surge current (a) figure 6 - maximum non-repetitive peak forward surge current uni-directional only
revision: november 15, 2011, 16:49 ?2011 littelfuse, inc. specifcations are subject to change without notice. transient voltage suppression diodes 4 surface mount C 5000w > 5.0smdj series 5.0smdj series please refer to http://www.littelfuse.com/series/5.0ssmdj.html for current information. physical specifcations weight 0.007 ounce, 0.21 grams case jedec do214ab. molded plastic body over glass passivated junction polarity color band denotes positive end (cathode) except bidirectional. terminal matte tin-plated leads, solderable per jesd22-b102d dimensions dimensions inches millimeters min max min max a 0.114 0.126 2.900 3.200 b 0.260 0.280 6.600 7. 11 0 c 0.220 0.245 5.590 6.220 d 0.079 0.103 2.060 2.620 e 0.030 0.060 0.760 1.520 f - 0.008 - 0.203 g 0.305 0.320 7.750 8.130 h 0.006 0.012 0.152 0.305 i 0.129 - 3.300 - j 0.094 - 2.400 - k - 0.165 - 4.200 l 0.094 - 2.400 - environmental specifcations temperature cycle jesd22-a104 pressure cooker jesd 22-a102 high temp. storage jesd22-a103 htrb jesd22-a108 thermal shock jesd22-a106 soldering parameters temperature (t) ti me (t) t s(min) t s(max) t l t p t s preheat t l t p ramp-up critical zone t l to t p ramp-down t 25?c to peak 25?c refow condition leadCfree assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 180 secs average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c do-214ab (smc j-bend) dimensions in inches and (millimeters) cathode band b f g h e c d a (all dimensions in mm) i l k j solder pads
revision: november 15, 2011, 16:49 ?2011 littelfuse, inc. specifcations are subject to change without notice. transient voltage suppression diodes 5 surface mount C 5000w > 5.0smdj series 5.0smdj series please refer to http://www.littelfuse.com/series/5.0ssmdj.html for current information. part numbering system packaging options part marking system vo lta ge bi-directional 5% vo lta ge tolerance series 5.0smdj xxx ca f xxxx mark ing code littelfuse logo cathode band xxxxx tr ace c ode mark ing tape and reel specifcation part number component package quantity packaging option packaging specifcation 5.0smdjxxxxx do-214ab 3000 tape & reel C 16mm/13 tape eia std rs-481 5.0smdjxxxxx-t7 do-214ab 500 tape & reel C 16mm/7 tape eia std rs-481 0.63 (16.0) 0.315 (8.0) 0.157 (4.0) 0.65 (16.4) 0.80 (20.2) arbor hole dia. optional 7? 7.0 (187) 13? 13.0 (330) dimensions are in inches (and millimeters). direction of feed 0.059 dia (1.5) cover tape cathode


▲Up To Search▲   

 
Price & Availability of 50SMDJ30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X