Part Number Hot Search : 
ON2728 MM5Z15V C6052 SB101 24632 BU921T 24632 MZT3326
Product Description
Full Text Search
 

To Download 2N3810JV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. g 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 1 of 1 www. sem icoa .com 2n3810 silicon pnp transisto r data sheet description sem i coa sem i conductors offers: ? screening and processing per mil-prf-19500 appendi x e ? jan level (2n3810j) ? jantx level (2n3810jx) ? jantxv level (2N3810JV) ? jans level (2n3810js) ? qci to the applicable level ? 100% die visual inspection per mil-std-750 m e thod 2072 for jantxv and jans ? radiation testing (total dose) upon request please contact sem i coa for speci al confi gurat i ons www. semicoa .com or (714) 979-1900 applications ? general purpose ? m a t c hed dual t r ansi st ors ? pnp silico n tran sisto r features ? herm etically sealed to-78 m e tal can ? al so avai l a bl e i n chi p confi gurat i on ? c h i p geom et ry 0220 ? r e ference docum ent : m i l-pr f-19500/ 336 benefits ? qu alificatio n lev e ls: jan, jantx, jantxv and jans ? r a di at i on t e st i ng avai l a bl e absolute maximum ratings t c = 2 5 c u n l ess o t h e rw ise sp ecified parameter sy mbol rating unit co llecto r-em itter vo ltag e v ceo 60 vo lts collector-base voltage v cbo 60 vo lts em itter-base vo ltag e v ebo 5 vo lts c o l l ect or c u rrent , c ont i nuous i c 50 ma power di ssi pat i on, t a = 25 c derat e l i n earl y above 25 c p t 300 one sect i on 600 bot h sect i ons 1.71one sect i on 3.43 bot h sect i ons mw mw / c operat i ng junct i on tem p erat ure t j -65 t o +200 c storage tem p erature t stg -65 t o +200 c semicoa corporation copy right ? 2 010
rev. g 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 2 of 2 www. sem icoa .com 2n3810 silicon pnp transisto r data sheet electrical characteristics characteristics specified at t a = 2 5 c off characteristics parameter sy mbol test conditions min ty p max units collector-em itter breakdown voltage v (br)ceo i c = 100 a 60 vo lts collector-base cutoff current i cbo1 i cbo2 i cbo3 v cb = 60 vol t s v cb = 50 vol t s v cb = 50 vol t s , t a = 150 c 10 10 10 a na a em itter-base cu to ff cu rren t i ebo1 i ebo2 v eb = 5 vo lts v eb = 4 vo lts 10 10 a na on characteristics pulse test: pulse width = 300 s, duty cy cle 2.0% parameter sy mbol test conditions min ty p max units dc current gain h fe2 h fe3 h fe4 h fe5 h fe6 h fe3-1 /h fe3-2 i c = 10 a, v ce = 5 vo lts i c = 100 a, v ce = 5 vo lts i c = 1 m a , v ce = 5 vo lts i c = 10 m a , v ce = 5 vo lts i c = 100 a, v ce = 5 vo lts t a = -55 c i c = 100 a, v ce = 5 vo lts 100 150 150 125 60 0.9 450 450 1.0 base-em itter vo ltag e v be |v be1 -v be2 | 1 |v be1 -v be2 | 2 |v be1 -v be2 | 3 v ce = 5 vo lts, i c = 100 a v ce = 5 vo lts, i c = 10 a v ce = 5 vo lts, i c = 100 a v ce = 5 vo lts, i c = 10 m a 0.7 5 3 5 vo lts m v o lts m v o lts m v o lts base-em itter satu ratio n vo ltag e v besat1 v besat2 i c = 100 a, i b = 10 a i c = 1 m a , i b = 100 a 0.7 0.8 vo lts co llecto r-em itter satu ratio n vo ltag e v cesat1 v cesat2 i c = 100 a, i b = 10 a i c = 1 m a , i b = 100 a 0.20 0.25 vo lts semicoa corporation copy right ? 2010
rev. g 333 mccormick avenue, costa mesa, california 92626 714.979.1900, fax 714.557.4541 page 3 of 3 www. sem icoa .com 2n3810 silicon pnp transisto r data sheet dy namic characteristics parameter sy mbol test conditions min ty p max units mag n itu d e ? co m m o n em itter, sh o r t circuit forward curre nt transfer ratio |h fe1 | |h fe2 | v ce = 5 vo lts, i c = 500 a, f = 30 m h z v ce = 5 vo lts, i c = 1 m a , f = 100 m h z 1 1 5 sm all sig n a l sh o r t circu it fo rward current transfer ratio h fe v ce = 10 vol t s , i c = 1 m a , f = 1 khz 150 600 op en circu it ou tp u t cap acitan ce c obo v cb = 5 vo lts, i e = 0 m a , 100 khz < f < 1 m h z 5 pf open c i rcui t input c a paci t a nce c ibo v eb = 0.5 vol t s , i c = 0 m a , 100 khz < f < 1 m h z 8 pf noise figure nf 1 nf 2 nf 3 v ce = 10 vol t s , i c = 100 a, r g = 3 k ? f = 100 hz f = 1 khz f = 10 khz 7 3 2.5 db noise figure (wideband) nf v ce = 10 vol t s , i c = 100 a, r g = 3 k ? 10 hz < f < 15.7 khz 3.5 db short c i rcui t input im pedance h ie v cb =10v, i c =1m a , f =1khz 3 30 k ? op en circu it ou tp u t ad m ittan ce h oe v cb =10v, i c =1m a , f =1khz 5 60 ? open circuit reverse voltage transfer ratio h re v cb =10v, i c =100 a, f=1khz 25x10 -4 semicoa corporation copy right ? 20 q0


▲Up To Search▲   

 
Price & Availability of 2N3810JV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X