Part Number Hot Search : 
00390 41HF40 1236A MC33167 BZV55C10 E220A 1236A 4N27A
Product Description
Full Text Search
 

To Download 24-1524-115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 115, 116, & 117 dip-er logic jumper note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. xx-xxx-xxx ordering informa tion cable det ail header det ail no. of conductors (see table) length ?l? in inches jumper series: 115, 116, 117 series 1 15 series 1 16 series 1 17 ?y?=(no. of conductors - 1) x .035 [.89] ?a?=(no. of conductors x .050 [1.27]) + .095 [2.41] ?b?=(no. of conductors - 1) x .050 [1.27] centers ?c? dim. ?d? avaiable sizes .300 [7.62] .395 [10.03] 8, 14, 16, 18, 20 .400 [10.16] .495 [12.57] 22 .600 [15.24] .695 [17.65] 24, 28, 40 all tolerances .005 [.13] unless otherwise specified numbers shown pin side for reference only. note: 18, 20 con- ductor jumpers do not have numbers on covers features: ? aries offers a wide array of dip jumper configurations and wiring possibilities for all your programming needs. ? reliable, electronically tested solder connections. ? protective covers are ultrasonically welded on and provide strain relief for cables. ? 10-color cable allows for easy identification and tracing. ? dip-er logic jumper wiring is point to point. consult factory for other wiring needs. specifications: ? header body is black ul 94 v-0 glass-filled 4/6 nylon. ? header pins are brass, 1/2 hard. ? pin plating is 10 [.25 m] min. gold per mil-g-45204 over 50 [1.27 m] min. nickel per sae-ams-qq-n-290. ? cable insulation is ul style 2697 flame retardant polyvinyl chloride (pvc), .010 [.25] nominal thickness. ? conductors are 28 awg, 7/36 strand, tinned copper per astm b 33. ? cable current rating=1 amp @ 10c [50f] above ambient. ? cable voltage rating=300 volts. ? cable temperature rating=176f [80c]. ? insulation resistance=10 10 ohms (10 ft. [3 meters] min.). mounting considerations: ? suggested pcb hole size=.033 .002 [.86 .05]. a ll dimensions : inches [ millimeters ] ?l? .125 ?l? .125 ?l? .125 printouts of this document may be out of date and should be considered uncontrolled 11011 rev.d north america frenchtown, nj usa tel: (908) 996-6841 fax:(908) 996-3891 europe tel: +44 870 240 0249 fax: +44 871 919 6033 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 24-1524-115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X