Part Number Hot Search : 
SIS332DN BCM5700 AN1487 P161J NTE948 SS38F 2SK2475 B39202
Product Description
Full Text Search
 

To Download 193-4MSRN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? side actu a t e d , surface m o u n t dip swi t c h e s featu r es optimized mechanical features ? coplanarity: 0.1mm/.004" maximum ? enclosed actuators shield contacts from foreign particles throughout life of switch ? gull-wing terminal configuration ? tube or tape and reel packaging available optimized contact system ? contact wiping action on make and break ? lock-over-center design provides positive detent action ? optimized, active contact design incorporating dimple-to-flat surface wiping interface with high contact force materials ? gold plated, copper alloy contacts. ? high temperature body and actuator materials (ul 94 v -0) series 193 sm t d i p switch function spst-2 through 10 positions switch contact resistance 50 milliohms maximum initial 100 milliohms maximum at end of life insulation resistance 1,000 megohms minimum across open switch 1,000 megohms minimum between adjacent closed switches dielectric strength 500 vac minimum for 1 minute between adjacent switches nonswitching rating 1 00 ma or 50 vdc maximum switch capacitance 5.0 pf maximum between adjacent closed swi t c h e s operating temperature C40c to +85c actuation life 7,000 cycles switching 50 ma @ 24 vdc coplanarity coplanarity of 0.1mm / .004" max allowable solder time ir and vapor phase - up to 60 seconds at 260c vibration per mil-std-202f, method 204d, condition b (.06" or 15gs between 10 hz to 2k hz) with no contact inconsistencies shock per mil-std-202f, method 213b, condition a (25gs) with no contact inconsistencies sealing bottom epoxy seal standard marking special side or top marking available-consult cts electrical and mechanical specifications ? rohs compliant ? integral terminal and contact locked into thermoset base w ave - up to 5 seconds at 260c packaging standard : anti-static tube packaging optional : t ape and reel packaging 1 - 2 ? 2 0 0 6 c t s c o r p o r a t i o n . a ll r i g h t s r e s e r v e d . i n f o r m a t i o n s u b j e c t t o c h a n g e . 7/31/06 cts electronic components www.ctscor p . c o m
" a " ov e r a l l s w i t c h dimensions positions part n u m b e r 7. 2 6 / . 2 8 6 2 19 3 C 2 m s 9. 8 0 / . 3 8 6 3 19 3 C 3 m s 12. 3 4 / . 4 8 6 4 19 3 C 4 m s 14. 8 8 / . 5 8 6 5 19 3 C 5 m s 17. 4 2 / . 6 8 6 6 19 3 C 6 m s 19. 9 6 / . 7 8 6 7 19 3 C 7 m s 22. 5 0 / . 8 8 6 8 19 3 C 8 m s 25. 0 4 / . 9 8 6 9 19 3 C 9 m s 27.58 / 1 . 0 8 6 1 0 193 C 1 0 m s o r dering information cts series 193 d i m e n s i o n: m m i n c h x x : # of posit i o n s m : medium length actu a t o r (1.14mm/.045") s : bottom epoxy s e a l r : tape and reel packa g i n g available for 2,3,4,6,8 positions, consult cts for other positions blank : anti-static tube packaging m s r surface mount pad layouts n n : ship at on posi t i o n b l a n k : ship at off posi t i o n p p : rohs compl i a nt b l a n k : rohs compl i a nt for shipment from 7/01/06 7.62 0.38 7.90 0.25 9.780.25 1.14 1.520.08 ref s t and off 9.000.25 1.020.13 0.480.08 ty p . 1.4 ty p . 2.54 ty p . switch p a r t no. 10.40 ref 9.120.25 +0.13 -0.25 c l 2.54 ty p . 1.13 6.17 1 1.04 2.44 .339 8.60 -0.13 +0.38 .096 .243 .435 d a te code loc a tion d a te code loc a tion .354.010 .060.003 .010 .100 .044 .3 1 1 .100 .019.003 .055 .040.005 .385.010 .045 .359.010 .410 -0.010 +0.005 .300 +.015 -.005 .015 cts 1 2 3 8 n o 9 10 4 no . o f C C C 08 193 dim "a" 2 - 2 ? 2 0 0 6 c t s c o r p o r a t i o n . a ll r i g h t s r e s e r v e d . i n f o r mation subject to change. 7/31/06 cts electronic components www.ctscor p . c o m


▲Up To Search▲   

 
Price & Availability of 193-4MSRN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X