Part Number Hot Search : 
LTC4410 AZ393MTR TOP246 CT208 OP17902 P1300ZB DTC124E 06M00
Product Description
Full Text Search
 

To Download 05-002125-171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 171 thru 173 flat pin staked flex jumpers note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? aries flat pin staked flex jumpers combine thin, flexible, solid copper conductors embedded between layers of tough, flexible, flame- retardant insulation. ? consult factory for cable lengths under 2.000 [50.80]. ? see datasheet 11019 for 90 pin staked flex jumpers. ? for rohs applications for lead-free soldering use ht cable. general specifications: ? standard cable insulation is white ul vw-1, style 2643 flame retardant polyester (mylar) adhesive. ? high temperature flame retardant cable insulation is polyimide (kapton) insulation with acrylic adhesive. ? cable conductors are solid copper with a cross-sectional area equiva- lent to that of 26 gauge awg. ? female housing is black ul 94v-0 glass-filled stanyl 4/6 nylon. ? female and male ?crimp-on? pins are spring-tempered copper alloy 510. ? female and male pin plating: t = 100 ? [2.54 m] min. matte tin per astm-b545-97 over 50 ? min nickel per sae-ams-qq-n-290 tl = 100 ? [2.54 m] min. 93/7 tin/lead per sae-ams-p-81728 over 50 ? [1.27 m] min. nickel per sae-ams-qq-n-290. ? cable current rating=3 amps. ? cable voltage rating=300 volts. ? cable dielectric strength=2500 volts/mil, minimum (standard) =4000 volts/mil, minimum (high temp.). ? cable insulation resistance=1000 mohms minimum (standard) =100,000 mohms (high temp.). ? operating temperature=-67 to 257f [-55 to 105c]. ? female housing accepts leads .024-.030 [.61-.76] square, .150 [3.81] long minimum. mounting considerations: ?suggested pcb hole size=.032 .002 [.81 .05] dia. male cont act det ail ordering informa tion no. of conductors (4 thru 40) cable length: ?l? in inches: min. cable length = 2.00? (-002-) 2? = -002- 2.5? = -002.5- 2.25? = -002.25- 2.125? = -002.125- jumper series: 171: male tin both ends 172: male tin/female tin 173: female tin both ends cable det ail kapton is a registered trademark of dupont printouts of this document may be out of date and should be considered uncontrolled 11005 rev.i page 1 of 2 xx-xxxxx-17xxxxxx optional suffix: p= polarization stripe along one edge of cable** ** aries reserves the right to ship with or without a polariza- tion stripe unless otherwise specified by the customer optional suffix: tl = tin/lead plating optional suffix: ht = high temp. cable insulation north america frenchtown, nj usa tel: (908) 996-6841 fax:(908) 996-3891 europe tel: +44 870 240 0249 fax: +44 871 919 6033 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com abc
series 171 thru 173 flat pin staked flex jumpers ?a?=no. of conductors x .100 [2.54] ?b?=(no. of conductors -1) x .100 [2.54] series 171 - male/male series 173 - female/female series 172 - male/female cable length ?l? .125 cable length ?l? .125 cable length ?l? .125 a ll dimensions : inches [ millimeters ] all tolerance .005 [.13] unless otherwise specified north america frenchtown, nj usa tel: (908) 996-6841 fax:(908) 996-3891 europe tel: +44 870 240 0249 fax: +44 871 919 6033 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com abc 11005 rev.i page 2 of 2 printouts of this document may be out of date and should be considered uncontrolled


▲Up To Search▲   

 
Price & Availability of 05-002125-171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X