Part Number Hot Search : 
1310A 23990 2800A ZXSC410 216X7 MC3303PT BR120 ST3232BN
Product Description
Full Text Search
 

To Download 0460112400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/06/2009 please check www.molex.com for latest part information part number: 0460112400 status: active overview: description: 4.20mm (.165") pitch mini-fit plus hcs? header, dual row, vertical, blind mating, 24 circuits, with snap-in plastic peg pcb lock, pa polyamide nylon 6/6, ul 94v-2, tin (sn) 1.27m (50") over nickel (ni) plating documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 46011 application board-to-board application wire-to-board comments current = 11a max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 awg wire.. see molex product specification ps-45750-002 for additional current de- rating information overview mini-fit hcs™ product name mini-fit plus hcs? physical breakaway no circuits (loaded) 24 circuits (maximum) 24 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part yes material - metal copper alloy material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation vertical pc tail length (in) 0.071 in pc tail length (mm) 1.80 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.78 mm packaging type tray pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm plating min: mating (in) 100 plating min: mating (m) 2.54 plating min: termination (in) 50 plating min: termination (m) 1.27 polarized to mating part yes polarized to pcb yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 46011 series mates with 15060241 mini-fit bmi? panel mount receptacle, 39012245 mini-fit jr.? receptacle, 445160012 mini-fit bmi? slide and lock panel mount receptacle, 460102421 mini-fit plus hcs? receptacle header
shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum 11a ul e29179 voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 273 material info reference - drawing numbers sales drawing sd-46011-001 this document was generated on 11/06/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0460112400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X