Part Number Hot Search : 
MC9S1 4DFT2 1N941 SRB1660C 22500 S0324 LM334S8 AD8560
Product Description
Full Text Search
 

To Download 0430452400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/03/2009 please check www.molex.com for latest part information part number: 0430452400 status: active overview: micro-fit, 3.0? description: 3.00mm (.118") pitch micro-fit 3.0? header, surface mount compatible, dual row, right angle, with snap-in plastic peg pcb lock, 24 circuits, tin (sn) plating, glow wire compatible documents: packaging specification (pdf) drawing (pdf) product literature (pdf) product specification ps-43045 (pdf) 3d model rohs certificate of compliance (pdf) general product family pcb headers series 43045 application wire-to-board comments glow wire equivalent part number 430452400. high temperature, square pin, solder type overview micro-fit, 3.0? product name micro-fit 3.0? physical breakaway no circuits (loaded) 24 circuits (maximum) 24 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant yes mated height (in) 0.405 in mated height (mm) 10.29 mm material - metal brass material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 100 plating min: mating (m) 2.5 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical csa lr19980 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 43045 series mates with 43025
current - maximum 5a tuv r72081037 ul e29179 voltage - maximum 250v solder process data duration at max. process temperature (seconds) 30 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-43045 product specification rps-43045-003 product specification rps-43045-004 sales drawing sd-43045-001 this document was generated on 11/03/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0430452400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X