rectifier device - rectifier diodes - stud types v drm v rrm range i f(av) @ t case i f(rms) @ t case 25 o c i f @ t case 25 o c i fsm(1) 10ms v r 60% v rrm i fsm(2) 10ms v r 10v i 2 t (2) 10ms i rrm @ tj max. tj max. rth c-hs wt (typ) (note 3) (note 2) (note 2) (note 2) (note 1) (note 1) d.c. 180o sine 120 o rect. (v) (a) ( o c) (a) (a) (a) (a) (a 2 s) (ma) (v) (m) (v) (a) ( o c) (k/w) (k/w) (k/w) (g) (kgfm -1 ) sw04-15phn300 n w0508sp040-150 200-1500 508 (55) 600 600 5500 6050 183 x 10 3 15 0.95 0.75 2.07 1500 180 0.13 0.14 0.04 250 2.77 - 2.5 sw04-15phr300 n w0508rp040-150 200-1500 508 (55) 600 600 5500 6050 183 x 10 3 15 0.95 0.75 2.07 1500 180 0.13 0.14 0.04 250 2.77 - 2.5 sw16-24phn320 n w0438sp160-240 1600-2400 438 (55) 600 600 4000 4400 97 x 10 3 15 1.00 0.83 1.97 1160 180 0.15 0.16 0.04 250 2.77 - 2.5 sw16-24phr320 n w0438rp160-240 1600-2400 438 (55) 600 600 4000 4400 97 x 10 3 15 1.00 0.83 1.97 1160 180 0.15 0.16 0.04 250 2.77 - 2.5 sw16-24phn380 n w0503sp160-240 1600-2400 503 (55) 600 600 5500 6050 183 x 10 3 15 0.99 0.74 1.85 1160 180 0.13 0.14 0.04 250 2.77 - 2.5 sw16-24phr380 n w0503rp160-240 1600-2400 503 (55) 600 600 5500 6050 183 x 10 3 15 0.99 0.74 1.85 1160 180 0.13 0.14 0.04 250 2.77 - 2.5 sw04-15phn400 n w0628sp040-150 200-1500 628 (55) 630 630 7500 8250 340 x 10 3 15 0.80 0.55 1.62 1500 190 0.13 0.14 0.04 250 2.77 - 2.5 sw04-15phr400 n w0628rp040-150 200-1500 628 (55) 630 630 7500 8250 340 x 10 3 15 0.80 0.55 1.62 1500 190 0.13 0.14 0.04 250 2.77 - 2.5 sw04-15phn470 n W0735SP040-150 200-1500 735 (55) 550 550 9000 10000 500 x 10 3 15 0.79 0.342 1.3 1500 190 0.13 0.14 0.04 250 2.77 - 2.5 sw04-15phr470 n w0735rp040-150 200-1500 735 (55) 550 550 9000 10000 500 x 10 3 15 0.79 0.342 1.3 1500 190 0.13 0.14 0.04 250 2.77 - 2.5 the information contained herein is confidential and is protected by copyright. the information may not be used or disclosed except with the written permission of and in the manner permitted by the proprietors westcode semiconductors limited. in the interest of product improvement, westcode reserves the right to change specifications at any time without prior notice. note 1 vo threshold voltage r slope resistance note 2 i fsm (8.3ms) = i fsm (10ms) x 1.066 i 2 t (8.3ms) = i 2 t (10ms) x 0.943 at initial temperature tj max note 3 a blocking voltage derating factor of 0.13% per degree centigrade is applicable for tj below 25 o c note 4 leaded types, code changes from sp/rp (phn/r) , sn/rn (hhn/r) or sr/rr (pxn/r) . lead length 135mm (base of hexagon to centre of lug hole). 100a284 old part number new part number ) for conduction loss and heatsink calculations at tj max 100a284 pdf data sheet available v o r @ tj max. v fm at i fm @ tj max. rth j-c outline no. (note 4) mounting torque 100a280 100a280 100a281
rectifier device - rectifier diodes - medium power stud types v drm v rrm range i f(av) @ t case i f(rms) @ t case 25 o c i f @ t case 25 o c i fsm(1) 10ms v r <60% v rrm i fsm(2) 10ms v r <10v i 2 t (2) 10ms i rrm @ tj max. tj max. rth c-hs wt. (typ.) (note 3) (note 2) (note 2) (note 2) d.c. 180 o sine 120 o rect. (v) (a) ( o c) (a) (a) (a) (a) (a 2 s) (ma) (v) (m) (v) (a) ( o c) (k/w) (k/w) (k/w) (g) (kgfm -1 ) sw06-12pcn075 n w0174sr060-120 600-1200 174 (55) 118 118 1300 1495 11175 10 0.925 1.5 1.51 390 175 0.44 0.58 0.1 17 0.41-0.48 sw06-12pcr075 n w0174rr060-120 600-1200 174 (55) 118 118 1300 1495 11175 10 0.925 1.5 1.51 390 175 0.44 0.58 0.1 17 0.41-0.48 the information contained herein is confidential and is protected by copyright. the information may not be used or disclosed except with the written permission of and in the manner permitted by the proprietors westcode semiconductors limited. in the interest of product improvement, westcode reserves the right to change specifications at any time without prior notice. note 1 vo threshold voltage r slope resistance note 2 i fsm (8.3ms) = i fsm (10ms) x 1.066 i 2 t (8.3ms) = i 2 t (10ms) x 0.943 at initial temperature tj max note 3 a blocking voltage derating factor of 0.13% per degree centigrade is applicable for tj below 25 o c note 4 outline 100a262 - leaded types, code changes from sr/rr (pcn/r) to sp/rp (phn/r). lead length 135mm (base of hexagon to centre of lug hole). 100a262 outline no. (note 4) mounting torque old part number v fm at i fm @ tj max. ) for conduction loss and heatsink calculations at tj max (note 1) new part number pdf data sheet available v o r @ tj max. rth j-c
|